Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC4580IPWRG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # RC4580IPWRG4
Description  Dual Audio Operational Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RC4580IPWRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button RC4580IPWRG4 Datasheet HTML 5Page - Texas Instruments RC4580IPWRG4 Datasheet HTML 6Page - Texas Instruments RC4580IPWRG4 Datasheet HTML 7Page - Texas Instruments RC4580IPWRG4 Datasheet HTML 8Page - Texas Instruments RC4580IPWRG4 Datasheet HTML 9Page - Texas Instruments RC4580IPWRG4 Datasheet HTML 10Page - Texas Instruments RC4580IPWRG4 Datasheet HTML 11Page - Texas Instruments RC4580IPWRG4 Datasheet HTML 12Page - Texas Instruments RC4580IPWRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
R3
R1
R2
R4
15 V
VREF
12 V
+
+
VIN
±
VDIFF
+
VOUT-
VOUT+
RC4580
www.ti.com
SLOS412D – APRIL 2003 – REVISED NOVEMBER 2014
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Typical Application
Some applications require differential signals. Figure 13 shows a simple circuit to convert a single-ended input of
2 V to 10 V into differential output of ±8 V on a single 15-V supply. The output range is intentionally limited to
maximize linearity. The circuit is composed of two amplifiers. One amplifier acts as a buffer and creates a
voltage, VOUT+. The second amplifier inverts the input and adds a reference voltage to generate VOUT–. Both
VOUT+ and VOUT– range from 2 V to 10 V. The difference, VDIFF, is the difference between VOUT+ and VOUT–.
Figure 13. Schematic for Single-Ended Input to Differential Output Conversion
Copyright © 2003–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: RC4580


Similar Part No. - RC4580IPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RC4580IPWRG4 TI-RC4580IPWRG4 Datasheet
235Kb / 12P
[Old version datasheet]   DUAL AUDIO OPERATIONAL AMPLIFIER
RC4580IPWRG4 TI-RC4580IPWRG4 Datasheet
295Kb / 15P
[Old version datasheet]   DUAL AUDIO OPERATIONAL AMPLIFIER
RC4580IPWRG4 TI-RC4580IPWRG4 Datasheet
410Kb / 14P
[Old version datasheet]   DUAL AUDIO OPERATIONAL AMPLIFIER
More results

Similar Description - RC4580IPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RC4560 TI-RC4560_08 Datasheet
364Kb / 11P
[Old version datasheet]   DUAL AUDIO OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM4582 NJRC-NJM4582 Datasheet
157Kb / 5P
   AUDIO DUAL OPERATIONAL AMPLIFIER
logo
Texas Instruments
LM833-N TI1-LM833-N Datasheet
830Kb / 23P
[Old version datasheet]   Dual Audio Operational Amplifier
logo
National Semiconductor ...
LM833 NSC-LM833 Datasheet
520Kb / 18P
   Dual Audio Operational Amplifier
logo
New Japan Radio
NJM8080 NJRC-NJM8080 Datasheet
609Kb / 17P
   DUAL AUDIO OPERATIONAL AMPLIFIER
logo
Texas Instruments
RC4580 TI-RC4580_06 Datasheet
235Kb / 12P
[Old version datasheet]   DUAL AUDIO OPERATIONAL AMPLIFIER
RC4580 TI-RC4580_07 Datasheet
295Kb / 15P
[Old version datasheet]   DUAL AUDIO OPERATIONAL AMPLIFIER
RC4580-Q1 TI1-RC4580-Q1 Datasheet
1,009Kb / 16P
[Old version datasheet]   DUAL AUDIO OPERATIONAL AMPLIFIER
RC4560 TI-RC4560 Datasheet
84Kb / 5P
[Old version datasheet]   DUAL AUDIO OPERATIONAL AMPLIFIER
RC4580 TI-RC4580 Datasheet
230Kb / 10P
[Old version datasheet]   DUAL AUDIO OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com