Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE5532DRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # NE5532DRG4
Description  Dual Low-Noise Operational Amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

NE5532DRG4 Datasheet(HTML) 1 Page - Texas Instruments

  NE5532DRG4 Datasheet HTML 1Page - Texas Instruments NE5532DRG4 Datasheet HTML 2Page - Texas Instruments NE5532DRG4 Datasheet HTML 3Page - Texas Instruments NE5532DRG4 Datasheet HTML 4Page - Texas Instruments NE5532DRG4 Datasheet HTML 5Page - Texas Instruments NE5532DRG4 Datasheet HTML 6Page - Texas Instruments NE5532DRG4 Datasheet HTML 7Page - Texas Instruments NE5532DRG4 Datasheet HTML 8Page - Texas Instruments NE5532DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
+
RIN
RG
RF
VOUT
VIN
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
NE5532, NE5532A, SA5532, SA5532A
SLOS075J – NOVEMBER 1979 – REVISED JANUARY 2015
NE5532x, SA5532x Dual Low-Noise Operational Amplifiers
1 Features
3 Description
The NE5532, NE5532A, SA5532, and SA5532A
1
Equivalent Input Noise Voltage:
devices are high-performance operational amplifiers
5 nV/
√Hz Typ at 1 kHz
combining excellent DC and AC characteristics. They
Unity-Gain Bandwidth: 10 MHz Typ
feature very low noise, high output-drive capability,
Common-Mode Rejection Ratio: 100 dB Typ
high
unity-gain
and
maximum-output-swing
bandwidths, low distortion, high slew rate, input-
High DC Voltage Gain: 100 V/mV Typ
protection diodes, and output short-circuit protection.
Peak-to-Peak Output Voltage Swing 26 V Typ
These
operational
amplifiers
are
compensated
With VCC± = ±15 V and RL = 600 Ω
internally for unity-gain operation. These devices
High Slew Rate: 9 V/
μs Typ
have specified maximum limits for equivalent input
noise voltage.
2 Applications
Device Information(1)
AV Receivers
PART NUMBER
PACKAGE (PIN)
BODY SIZE (NOM)
Embedded PCs
NE5532x, SA5532x
SOIC (8)
4.90 mm × 3.91 mm
Netbooks
NE5532x, SA5532x
PDIP (8)
9.81 mm × 6.35 mm
Video Broadcasting and Infrastructure: Scalable
NE5532x
SO (8)
6.20 mm × 5.30 mm
Platforms
(1) For all available packages, see the orderable addendum at
DVD Recorders and Players
the end of the data sheet.
Multichannel Video Transcoders
Pro Audio Mixers
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - NE5532DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
NE5532DRG4 TI-NE5532DRG4 Datasheet
439Kb / 13P
[Old version datasheet]   DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
NE5532DRG4 TI-NE5532DRG4 Datasheet
488Kb / 14P
[Old version datasheet]   DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
More results

Similar Description - NE5532DRG4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MC33078 STMICROELECTRONICS-MC33078 Datasheet
99Kb / 9P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
November 1997
logo
Unisonic Technologies
MC33078 UTC-MC33078 Datasheet
147Kb / 6P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
BCD Semiconductor Manuf...
AZ4580 BCDSEMI-AZ4580 Datasheet
177Kb / 14P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4560F ROHM-BA4560F Datasheet
252Kb / 5P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
logo
Panasonic Semiconductor
AN6555 PANASONIC-AN6555 Datasheet
35Kb / 4P
   Low Noise Dual Operational Amplifiers
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833 Datasheet
45Kb / 5P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
December 1997
logo
Advanced Analog Technol...
AZ4558A AAT-AZ4558A Datasheet
221Kb / 10P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
NE5532 TI-NE5532_10 Datasheet
488Kb / 14P
[Old version datasheet]   DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
AZ4580 ETC-AZ4580 Datasheet
234Kb / 10P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
NE5532 TI-NE5532_09 Datasheet
439Kb / 13P
[Old version datasheet]   DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558RF ROHM-BA4558RF Datasheet
300Kb / 6P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com