Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC4558P Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # RC4558P
Description  Dual General-Purpose Operational Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RC4558P Datasheet(HTML) 11 Page - Texas Instruments

Back Button RC4558P Datasheet HTML 7Page - Texas Instruments RC4558P Datasheet HTML 8Page - Texas Instruments RC4558P Datasheet HTML 9Page - Texas Instruments RC4558P Datasheet HTML 10Page - Texas Instruments RC4558P Datasheet HTML 11Page - Texas Instruments RC4558P Datasheet HTML 12Page - Texas Instruments RC4558P Datasheet HTML 13Page - Texas Instruments RC4558P Datasheet HTML 14Page - Texas Instruments RC4558P Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
OUT
OUT
cm
REF
V
V
1
V
V
2
2
+
-
+
æ
ö
=
=
ç
÷
è
ø
2
4
2
D IF F
O U T
O U T
IN
R E F
1
3
4
1
R
R
R
V
V
V
V
1
V
1
R
R
R
R
+
-
æ
ö
æ
ö
æ
ö
=
-
=
´
+
-
´
+
ç
÷
ç
÷
ç
÷
+
è
ø
è
ø
è
ø
4
2
2
out
ref
in
3
4
1
1
R
R
R
V
V
1
V
R
R
R
R
-
æ
ö æ
ö
=
´
´
+
-
´
ç
÷ ç
÷
+
è
ø
è
ø
OUT
REF
4
3
4
2
1
1
2
+
IN
RC4558
www.ti.com
SLOS073G – MARCH 1976 – REVISED OCTOBER 2014
Typical Application (continued)
8.1.1 Design Requirements
The design requirements are as follows:
Supply voltage: 15 V
Reference voltage: 12V
Input: 2 V to 10 V
Output differential: ±8 V
8.1.2 Detailed Design Procedure
The circuit in Figure 14 takes a single-ended input signal, VIN, and generates two output signals, VOUT+ and
VOUT– using two amplifiers and a reference voltage, VREF. VOUT+ is the output of the first amplifier and is a
buffered version of the input signal, VIN (see Equation 1). VOUT– is the output of the second amplifier which uses
VREF to add an offset voltage to VIN and feedback to add inverting gain. The transfer function for VOUT– is
Equation 2.
VOUT+ = VIN
(1)
(2)
The differential output signal, VDIFF, is the difference between the two single-ended output signals, VOUT+ and
VOUT–. Equation 3 shows the transfer function for VDIFF. By applying the conditions that R1 = R2 and R3 = R4, the
transfer function is simplified into Equation 6. Using this configuration, the maximum input signal is equal to the
reference voltage and the maximum output of each amplifier is equal to the VREF. The differential output range is
2×VREF. Furthermore, the common mode voltage will be one half of VREF (see Equation 7).
(3)
VOUT+ = VIN
(4)
VOUT– = VREF – VIN
(5)
VDIFF = 2×VIN – VREF
(6)
(7)
8.1.2.1 Amplifier Selection
Linearity over the input range is key for good dc accuracy. The common mode input range and the output swing
limitations determine the linearity. In general, an amplifier with rail-to-rail input and output swing is required.
Bandwidth is a key concern for this design. Because RC4558 has a bandwidth of 3 MHz, this circuit will only be
able to process signals with frequencies of less than 3 MHz.
8.1.2.2 Passive Component Selection
Because the transfer function of VOUT– is heavily reliant on resistors (R1, R2, R3, and R4), use resistors with low
tolerances to maximize performance and minimize error. This design used resistors with resistance values of
36 k
Ω with tolerances measured to be within 2%. But, if the noise of the system is a key parameter, the user can
select smaller resistance values (6 k
Ω or lower) to keep the overall system noise low. This ensures that the noise
from the resistors is lower than the amplifier noise.
Copyright © 1976–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: RC4558


Similar Part No. - RC4558P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RC4558P TI-RC4558P Datasheet
57Kb / 11P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
RC4558P TI-RC4558P Datasheet
1Mb / 16P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
RC4558P TI-RC4558P Datasheet
1Mb / 19P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
RC4558PE4 TI-RC4558PE4 Datasheet
1Mb / 16P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
RC4558PE4 TI-RC4558PE4 Datasheet
1Mb / 19P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
More results

Similar Description - RC4558P

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1458 NEC-UPC1458 Datasheet
306Kb / 10P
   GENERAL PURPOSE DUAL OPERATIONAL AMPLIFIER
logo
Taiwan Semiconductor Co...
TS4558 TSC-TS4558_07 Datasheet
408Kb / 7P
   Dual General Purpose Operational Amplifier
logo
Texas Instruments
MC1558 TI1-MC1558 Datasheet
109Kb / 4P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
MC1558-DIE TI1-MC1558-DIE Datasheet
109Kb / 4P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
Taiwan Semiconductor Co...
TS4558 TSC-TS4558_08 Datasheet
149Kb / 7P
   Dual General Purpose Operational Amplifier
logo
NXP Semiconductors
NE4558 PHILIPS-NE4558 Datasheet
85Kb / 5P
   Dual general-purpose operational amplifier
August 31, 1994
logo
Renesas Technology Corp
PC1458 RENESAS-PC1458_15 Datasheet
355Kb / 11P
   GENERAL PURPOSE DUAL OPERATIONAL AMPLIFIER
logo
Texas Instruments
RC4558 TI-RC4558_10 Datasheet
1Mb / 19P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
Taiwan Semiconductor Co...
TS4558 TSC-TS4558 Datasheet
123Kb / 5P
   Dual General Purpose Operational Amplifier
logo
Texas Instruments
RC4558 TI-RC4558_06 Datasheet
1Mb / 16P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com