Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

640007FULL-0311 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 640007FULL-0311
Description  audible and visual device which requires one single installation point.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

640007FULL-0311 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  640007FULL-0311 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sounder Beacons
Flashni
Dimensions
Technical Specification
Catalogue Numbers
Reference
FL/RL/R/S
Cat No
640005MED-0312
Description
Flashni Sounder/Beacon, Red lens, Red body, Shallow base
FL/CL/R/S
640005MED-0312X
Flashni Sounder/Beacon, Clear lens, Red body, Shallow base
FL/RL/R/D
640007FULL-0311
Flashni Sounder/Beacon, Red lens, Red body, Deep base
FL/CL/R/D
640004FULL-0311X
Flashni Sounder/Beacon, Clear lens, Red body, Deep base
Features
• High output sounder beacon
• 12V, 24V and mains module option
• Choice of lens colour options
• Automatic sounder synchronisation
Benefits
• Up to 103dB(A) with built in Xenon flash
• Suitable for a variety of application
• Improved tone clarity, reducing confusion
The Flashni is an audible and visual device which
requires one single installation point. This greatly
reduces installation costs and is less obtrusive than
two separate devices. Versions are available with
the sounder and beacon linked, or with separate
terminals for independent operation.
Voltage
9 - 15Vdc (12V version)
18 - 28Vdc (24V version) (*1)
Current
110mA 12V version (Typical Tone 5)
68mA 24V version (Typical Tone 3)
Sound Output
103dB(A) 12V version (Typical Tone 5 )
101dB(A) 24V version (Typical Tone 3)
Tones
Pre-set to tone 5 (12v)
Pre-set to tone 3 (24v)
(versions are available with user selectable
tones)
Flash Power
0.7j
Flash Rate
1Hz
Volume Control
10dB
Monitoring
Reverse polarity
Temperature
- 10ºC to + 55ºC
Protection
IP54 (s)* IP65 (d)*
Construction
ABS, PC lens
Weight
0.33Kg
Colours
Red or white
Lens Colour
Red, amber, blue, green or clear
(s)* Shallow Base
(d)* Deep / U Base
Ø93mm
Flashni White


Similar Part No. - 640007FULL-0311

ManufacturerPart #DatasheetDescription
logo
Littelfuse
64000001003 LITTELFUSE-64000001003 Datasheet
202Kb / 1P
   646 Series Molded Base Fuse Block For 5횞20mm Fuses
Revised: GD. 06/03/22
64000001003 LITTELFUSE-64000001003 Datasheet
543Kb / 1P
   647 Series Molded Fuse Block and 640 Series Adapter for 5횞20 mm Fuses
Revised: 05/31/21
64000001403 LITTELFUSE-64000001403 Datasheet
202Kb / 1P
   646 Series Molded Base Fuse Block For 5횞20mm Fuses
Revised: GD. 06/03/22
64000001403 LITTELFUSE-64000001403 Datasheet
543Kb / 1P
   647 Series Molded Fuse Block and 640 Series Adapter for 5횞20 mm Fuses
Revised: 05/31/21
64000001503 LITTELFUSE-64000001503 Datasheet
202Kb / 1P
   646 Series Molded Base Fuse Block For 5횞20mm Fuses
Revised: GD. 06/03/22
More results

Similar Description - 640007FULL-0311

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E102A ETC2-E102A Datasheet
363Kb / 1P
   Electronic Sounders Audio or Audible/Visual
logo
Advantech Co., Ltd.
ACP-4000 ADVANTECH-ACP-4000_12 Datasheet
2Mb / 2P
   4U Rackmount Chassis with Visual & Audible Alarm Notification
logo
Gamewell-FCI by Honeywe...
PID-95 GAMEWELL-FCI-PID-95 Datasheet
80Kb / 2P
   Point Identification Device
logo
Shenzhen Huazhimei Semi...
HM9208 HMSEMI-HM9208 Datasheet
641Kb / 6P
   one-point-in-ear two-point touch control IC
logo
Advantech Co., Ltd.
SYS-4U4000-7A01 ADVANTECH-SYS-4U4000-7A01 Datasheet
1Mb / 2P
   4U Intel짰 Core??i7/i5/i3 ATX/ SBC System with Visual & Audible Alarm Notification
logo
List of Unclassifed Man...
MMR-6700 ETC-MMR-6700 Datasheet
945Kb / 4P
   Measure HV switches and transformers with one device
logo
Analog Devices
HMC442 AD-HMC442 Datasheet
371Kb / 6P
   Point-to-Point and Point-to-Multi-Point Radios
logo
Micross Components
HMC521 MICROSS-HMC521 Datasheet
883Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
HMC525 MICROSS-HMC525 Datasheet
886Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
HMC527 MICROSS-HMC527 Datasheet
899Kb / 10P
   Point-to-Point and Point-to-Multi-Point Radio
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com