Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA5532DR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SA5532DR
Description  Dual Low-Noise Operational Amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SA5532DR Datasheet(HTML) 5 Page - Texas Instruments

  SA5532DR Datasheet HTML 1Page - Texas Instruments SA5532DR Datasheet HTML 2Page - Texas Instruments SA5532DR Datasheet HTML 3Page - Texas Instruments SA5532DR Datasheet HTML 4Page - Texas Instruments SA5532DR Datasheet HTML 5Page - Texas Instruments SA5532DR Datasheet HTML 6Page - Texas Instruments SA5532DR Datasheet HTML 7Page - Texas Instruments SA5532DR Datasheet HTML 8Page - Texas Instruments SA5532DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
NE5532, NE5532A, SA5532, SA5532A
www.ti.com
SLOS075J – NOVEMBER 1979 – REVISED JANUARY 2015
7.5 Electrical Characteristics
VCC± = ±15 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
TA = 25°C
0.5
4
VIO
Input offset voltage
VO = 0
mV
TA = Full range
(2)
5
TA = 25°C
10
150
IIO
Input offset current
nA
TA = Full range
(2)
200
TA = 25°C
200
800
IIB
Input bias current
nA
TA = Full range
(2)
1000
VICR
Common-mode input-voltage range
±12
±13
V
VOPP
Maximum peak-to-peak output-voltage swing
RL ≥ 600 Ω, VCC± = ±15 V
24
26
V
TA = 25°C
15
50
RL ≥ 600 Ω, VO = ±10 V
TA = Full range
(2)
10
AVD
Large-signal differential-voltage amplification
V/mV
TA = 25°C
25
100
RL ≥ 2 kΩ, VO±10 V
TA = Full range
(2)
15
Avd
Small-signal differential-voltage amplification
f = 10 kHz
2.2
V/mV
BOM
Maximum output-swing bandwidth
RL = 600 Ω, VO = ±10 V
140
kHz
B1
Unity-gain bandwidth
RL = 600 Ω, CL = 100 pF
10
MHz
ri
Input resistance
30
300
k
zo
Output impedance
AVD = 30 dB, RL = 600 Ω, f = 10 kHz
0.3
CMRR Common-mode rejection ratio
VIC = VICR min
70
100
dB
kSVR
Supply-voltage rejection ratio (
ΔVCC±/ΔVIO)
VCC± = ±9 V to ±15 V, VO = 0
80
100
dB
IOS
Output short-circuit current
10
38
60
mA
ICC
Total supply current
VO = 0, No load
8
16
mA
Crosstalk attenuation (VO1/VO2)
V01 = 10 V peak, f = 1 kHz
110
dB
(1)
All characteristics are measured under open-loop conditions, with zero common-mode input voltage, unless otherwise specified.
(2)
Full temperature ranges are: –40°C to 85°C for the SA5532 and SA5532A devices, and 0°C to 70°C for the NE5532 and NE5532A
devices.
7.6 Operating Characteristics
VCC± = ±15 V, TA = 25°C (unless otherwise noted)
NE5532, SA5532
NE5532A, SA5532A
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
SR
Slew rate at unity gain
9
9
V/
μs
VI = 100 mV,
RL = 600 Ω,
Overshoot factor
10
10
%
AVD = 1,
CL = 100 pF
f = 30 Hz
8
8
10
Vn
Equivalent input noise voltage
nV/
√Hz
f = 1 kHz
5
5
6
f = 30 Hz
2.7
2.7
In
Equivalent input noise current
pA/
√Hz
f = 1 kHz
0.7
0.7
Copyright © 1979–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: NE5532 NE5532A SA5532 SA5532A


Similar Part No. - SA5532DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SA5532DR TI-SA5532DR Datasheet
69Kb / 10P
[Old version datasheet]   DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
SA5532DR TI-SA5532DR Datasheet
439Kb / 13P
[Old version datasheet]   DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
SA5532DR TI-SA5532DR Datasheet
488Kb / 14P
[Old version datasheet]   DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
SA5532DRE4 TI-SA5532DRE4 Datasheet
439Kb / 13P
[Old version datasheet]   DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
SA5532DRE4 TI-SA5532DRE4 Datasheet
488Kb / 14P
[Old version datasheet]   DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
More results

Similar Description - SA5532DR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MC33078 STMICROELECTRONICS-MC33078 Datasheet
99Kb / 9P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
November 1997
logo
Unisonic Technologies
MC33078 UTC-MC33078 Datasheet
147Kb / 6P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
BCD Semiconductor Manuf...
AZ4580 BCDSEMI-AZ4580 Datasheet
177Kb / 14P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4560F ROHM-BA4560F Datasheet
252Kb / 5P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
logo
Panasonic Semiconductor
AN6555 PANASONIC-AN6555 Datasheet
35Kb / 4P
   Low Noise Dual Operational Amplifiers
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833 Datasheet
45Kb / 5P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
December 1997
logo
Advanced Analog Technol...
AZ4558A AAT-AZ4558A Datasheet
221Kb / 10P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
NE5532 TI-NE5532_10 Datasheet
488Kb / 14P
[Old version datasheet]   DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
AZ4580 ETC-AZ4580 Datasheet
234Kb / 10P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
NE5532 TI-NE5532_09 Datasheet
439Kb / 13P
[Old version datasheet]   DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558RF ROHM-BA4558RF Datasheet
300Kb / 6P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com