Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY15L-1SI Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATTINY15L-1SI
Description  8-bit AVR Microcontroller with 1K Byte Flash
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY15L-1SI Datasheet(HTML) 1 Page - ATMEL Corporation

  ATTINY15L-1SI Datasheet HTML 1Page - ATMEL Corporation ATTINY15L-1SI Datasheet HTML 2Page - ATMEL Corporation ATTINY15L-1SI Datasheet HTML 3Page - ATMEL Corporation ATTINY15L-1SI Datasheet HTML 4Page - ATMEL Corporation ATTINY15L-1SI Datasheet HTML 5Page - ATMEL Corporation ATTINY15L-1SI Datasheet HTML 6Page - ATMEL Corporation ATTINY15L-1SI Datasheet HTML 7Page - ATMEL Corporation ATTINY15L-1SI Datasheet HTML 8Page - ATMEL Corporation ATTINY15L-1SI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Features
High-performance, Low-power AVR® 8-bit Microcontroller
Advanced RISC Architecture
– 90 Powerful Instructions – Most Single Clock Cycle Execution
– 32 x 8 General Purpose Working Registers
– Fully Static Operation
Nonvolatile Program and Data Memories
– 1K Byte In-System Programmable Flash Program Memory
Endurance: 1,000 Write/Erase Cycles
– 64 Bytes EEPROM
Endurance: 100,000 Write/Erase Cycles
– Programming Lock for Flash Program Data Security
Peripheral Features
– Interrupt and Wake-up on Pin Change
– Two 8-bit Timer/Counters with Separate Prescalers
– One 150 kHz, 8-bit High-speed PWM Output
– 4-channel 10-bit ADC
One Differential Voltage Input with Optional Gain of 20x
– On-chip Analog Comparator
– Programmable Watchdog Timer with On-chip Oscillator
Special Microcontroller Features
– In-System Programmable via SPI Port
– Enhanced Power-on Reset Circuit
– Programmable Brown-out Detection Circuit
– Internal, Calibrated 1.6 MHz Tunable Oscillator
– Internal 25.6 MHz Clock Generator for Timer/Counter
– External and Internal Interrupt Sources
– Low-power Idle and Power-down Modes
Power Consumption at 1.6 MHz, 3V, 25
°C
– Active: 3.0 mA
– Idle Mode: 1.0 mA
– Power-down: < 1 µA
I/O and Packages
– 8-lead PDIP and 8-lead SOIC: 6 Programmable I/O Lines
Operating Voltages
– 2.7V - 5.5V
Internal 1.6 MHz System Clock
Pin Configuration
1
2
3
4
8
7
6
5
(RESET/ADC0) PB5
(ADC3) PB4
(ADC2) PB3
GND
VCC
PB2 (ADC1/SCK/T0/INT0)
PB1 (AIN1/MISO/OC1A)
PB0 (AIN0/AREF/MOSI)
PDIP/SOIC
8-bit
Microcontroller
with 1K Byte
Flash
ATtiny15L
Rev. 1187DS–12/01
Note: This is a summary document. A complete document is
available on our web site at www.atmel.com.


Similar Part No. - ATTINY15L-1SI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY15L-1SI ATMEL-ATTINY15L-1SI Datasheet
758Kb / 85P
   8-bit Microcontroller with 1K Byte Flash
ATTINY15L-1SI ATMEL-ATTINY15L-1SI Datasheet
1Mb / 79P
   8-BIT AVR짰 Microcontroller with 1K Byte Flash
More results

Similar Description - ATTINY15L-1SI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY11 ATMEL-ATTINY11 Datasheet
1Mb / 91P
   8-bit AVR Microcontroller with 1K Byte Flash
ATTINY15L-1PU ATMEL-ATTINY15L-1PU Datasheet
1Mb / 85P
   8-bit Microcontroller with 1K Byte Flash
ATTINY15L ATMEL-ATTINY15L Datasheet
758Kb / 85P
   8-bit Microcontroller with 1K Byte Flash
ATTINY15L-1SU ATMEL-ATTINY15L-1SU Datasheet
1Mb / 85P
   8-bit Microcontroller with 1K Byte Flash
AT89C1051U ATMEL-AT89C1051U_00 Datasheet
201Kb / 15P
   8-bit Microcontroller with 1K Byte Flash
AT89C1051 ATMEL-AT89C1051 Datasheet
151Kb / 12P
   8-Bit Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11_07 Datasheet
229Kb / 15P
   8-bit Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11_06 Datasheet
176Kb / 13P
   8-bit Microcontroller with 1K Byte Flash
ATTINY15 ATMEL-ATTINY15_01 Datasheet
1Mb / 79P
   8-BIT AVR짰 Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11_14 Datasheet
230Kb / 15P
   Microcontroller with 1K Byte Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com