Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

88225011 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 88225011
Description  MULTIFUNCTION MOTOR TIMER WITH MEMORY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

88225011 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  88225011 Datasheet HTML 1Page - List of Unclassifed Manufacturers 88225011 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TIMERS
TIMERS
4
Products and specifications subject to change without notice.
Consult factory for application assistance.
204 Airline Drive, Suite 300, Coppell, Texas 75019 / Tel: (800) 677-5311 / FAX: (800) 677-3865 / www.crouzet-usa.com
4-9
MULTI-FUNCTION
on-delay, interval
and single shot in
on timer
ADAPTER PLATE
available for field
interchangeability
(not shown)
TIME RANGES
Model 1 (12 min.): .3 to 6 s, .5 to 12 min.
Model 2 (12 hrs.): .3 to 6 min., 3 to 60 min, .5 to 12 hrs.
MULTI-RANGE
2 model/3 time ranges
each cover
from 0.3 sec to
12 hours
CYCLE PROGRESS
dial shows
time remaining
in cycle
MEMORY
when “on,”
holds time
during power
interruption
TRANSIENT
IMMUNITY
Built-in
±2% SETTING
ACCURACY
±1.5% REPEAT
ACCURACY
GENERAL FEATURES:
ORDERING INFORMATION:
When ordering, select model, voltage/frequency and
mounting to determine part number in chart below
EXAMPLE
MODEL 1 (12 MIN.), 115V/60Hz, OCTAL PLUG-IN, 88 226 510
OFF
ON
MEMORY
MODELING
OCTAL PLUG-IN
(PART NUMBER)
MODEL
VOLTAGE/FREQ.*
BASE MOUNTING
(PART NUMBER)
PANEL MOUNTING
(PART NUMBER)
MODEL 1 (12 MIN.)
MODEL 1 (12 MIN.)
MODEL 1 (12 MIN.)
MODEL 1 (12 MIN.)
MODEL 2 (12 HRS.)
MODEL 2 (12 HRS.)
MODEL 2 (12 HRS.)
MODEL 2 (12 HRS.)
24 V/60 Hz
115 V/60 Hz
220 V/60 Hz
220 V/50 Hz
24 V/60 Hz
115 V/60 Hz
220 V/60 Hz
220 V/50 Hz
88 226 509
88 226 510
88 226 511
88 226 504
88 226 512
88 226 513
88 226 514
88 226 508
88 226 029
88 226 030
88 226 031
88 226 011
88 226 032
88 226 033
88 226 034
88 226 014
88 225 029
88 225 030
88 225 031
88 225 011
88 225 032
88 225 033
88 225 034
88 225 014


Similar Part No. - 88225011

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8822 ETC2-8822 Datasheet
100Kb / 2P
   INSULATED PC SPACERS/SUPPORTS
logo
VBsemi Electronics Co.,...
8822 VBSEMI-8822 Datasheet
974Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
logo
Molex Electronics Ltd.
882204 MOLEX5-882204 Datasheet
318Kb / 3P
   5.08mm (.200") Pitch Beau??Eurostyle??Medium Profile, Two Level Terminal Block, Modular, 4 Circuits
882204 MOLEX11-882204 Datasheet
40Kb / 2P
   5.08mm Pitch, Beau Eurostyle Low Profile
882206 MOLEX5-882206 Datasheet
318Kb / 3P
   5.08mm (.200") Pitch Beau??Eurostyle??Medium Profile, Two Level Terminal Block, Modular, 6 Circuits
More results

Similar Description - 88225011

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATAR892-C ATMEL-ATAR892-C_14 Datasheet
1Mb / 108P
   Multifunction Timer/Counter with
ATAR890 ATMEL-ATAR890_14 Datasheet
913Kb / 75P
   Multifunction Timer/Counter with
logo
TEMIC Semiconductors
U2102B TEMIC-U2102B Datasheet
205Kb / 16P
   Multifunction Timer
logo
SELEC Controls Pvt. Ltd
XT246 SELEC-XT246 Datasheet
571Kb / 2P
   Multifunction Timer
XT5042 SELEC-XT5042 Datasheet
158Kb / 2P
   Multifunction Timer
XT346 SELEC-XT346 Datasheet
574Kb / 2P
   Multifunction Timer
logo
ATMEL Corporation
U2102B ATMEL-U2102B Datasheet
331Kb / 19P
   Multifunction Timer IC
logo
FOTEK CONTROLS CO., LTD...
TMP50-2D FOTEK-TMP50-2D Datasheet
775Kb / 4P
   Multifunction Digital timer
logo
SELEC Controls Pvt. Ltd
XTC5400 SELEC-XTC5400 Datasheet
154Kb / 1P
   Multifunction, Multi - Range Timer Counter
logo
Omron Electronics LLC
H2C OMRON-H2C Datasheet
551Kb / 8P
   Motor Timer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com