Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49BV160C-70TI Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT49BV160C-70TI
Description  16-megabit (1M x 16) 3-volt Only Flash Memory
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV160C-70TI Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT49BV160C-70TI Datasheet HTML 5Page - ATMEL Corporation AT49BV160C-70TI Datasheet HTML 6Page - ATMEL Corporation AT49BV160C-70TI Datasheet HTML 7Page - ATMEL Corporation AT49BV160C-70TI Datasheet HTML 8Page - ATMEL Corporation AT49BV160C-70TI Datasheet HTML 9Page - ATMEL Corporation AT49BV160C-70TI Datasheet HTML 10Page - ATMEL Corporation AT49BV160C-70TI Datasheet HTML 11Page - ATMEL Corporation AT49BV160C-70TI Datasheet HTML 12Page - ATMEL Corporation AT49BV160C-70TI Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
9
AT49BV160C(T)
3367D–FLASH–5/04
register. To read the protection register, the Product ID Entry command is given followed by a
normal read operation from an address within the protection register. After determining
whether sector B is protected or not, or reading the protection register, the Read command
must be given to return to the read mode.
CFI: Common Flash Interface (CFI) is a published, standardized data structure that may be
read from a flash device. CFI allows system software to query the installed device to deter-
mine the configurations, various electrical and timing parameters and functions supported by
the device. CFI is used to allow the system to learn how to interface to the flash device most
optimally. The two primary benefits of using CFI are ease of upgrading and second source
availability. The command to enter the CFI Query mode is a one-bus cycle command which
requires writing data 98h to any address. The CFI Query command can be written when the
device is ready to read data or can also be written when the part is in the product ID mode.
Once in the CFI Query mode, the system can read CFI data at the addresses given in Table 4
on page 25. To return to the read mode, issue the Read command.
HARDWARE DATA PROTECTION: The Hardware Data Protection feature protects against
inadvertent programs to the AT49BV160C(T) in the following ways: (a) V
CC sense: if VCC is
below 1.8V (typical), the program function is inhibited. (b) V
CC power-on delay: once VCC has
reached the V
CC sense level, the device will automatically time out 10 ms (typical) before pro-
gramming. (c) Program inhibit: holding any one of OE low, CE high or WE high inhibits
program cycles. (d) Program inhibit: V
PP is less than VILPP. (e) VPP power-on delay: once VPP
has reached 0.9V, program and erase operations are inhibited for 100 ns.
INPUT LEVELS: While operating with a 2.65V to 3.6V power supply, the address inputs and
control inputs (OE, CE and WE) may be driven from 0 to 5.5V without adversely affecting the
operation of the device. The I/O lines can only be driven from 0 to V
CCQ + 0.6V.
OUTPUT LEVELS: For the AT49BV160C(T), output high levels (V
OH) are equal to VCCQ - 0.1V
(not V
CC). For 2.65V - 3.6V output levels, VCCQ must be tied to VCC. For 1.8V - 2.2V output lev-
els, V
CCQ must be regulated to 2.0V ± 10%, while VCC must be regulated to 2.65V - 3.0V (for
minimum power).


Similar Part No. - AT49BV160C-70TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV160 ATMEL-AT49BV160 Datasheet
308Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV160-70CI ATMEL-AT49BV160-70CI Datasheet
308Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV160-70TI ATMEL-AT49BV160-70TI Datasheet
308Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV160-90CI ATMEL-AT49BV160-90CI Datasheet
308Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV160-90TI ATMEL-AT49BV160-90TI Datasheet
308Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
More results

Similar Description - AT49BV160C-70TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV160D ATMEL-AT49BV160D Datasheet
460Kb / 29P
   16-megabit (1M x 16) 3-volt Only Flash Memory
AT49SV163D ATMEL-AT49SV163D Datasheet
463Kb / 30P
   16-megabit 1M x 16) 1.8-volt Only Flash Memory
AT49BV1604A ATMEL-AT49BV1604A Datasheet
410Kb / 26P
   16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49BV16X4 ATMEL-AT49BV16X4 Datasheet
304Kb / 18P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV162A ATMEL-AT49BV162A Datasheet
288Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163D ATMEL-AT49BV163D Datasheet
524Kb / 27P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163AT-70TU ATMEL-AT49BV163AT-70TU Datasheet
532Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV160 ATMEL-AT49BV160 Datasheet
308Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV1604 ATMEL-AT49BV1604 Datasheet
214Kb / 18P
   16-Megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49BV160S ATMEL-AT49BV160S Datasheet
159Kb / 5P
   16-megabit(1M x 16) Secure 3-volt Only Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com