Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AHP-1154HTT-A1-1011 Datasheet(PDF) 2 Page - AAEON Technology

Part # AHP-1154HTT-A1-1011
Description  fanless operation
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

AHP-1154HTT-A1-1011 Datasheet(HTML) 2 Page - AAEON Technology

  AHP-1154HTT-A1-1011 Datasheet HTML 1Page - AAEON Technology AHP-1154HTT-A1-1011 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
01-2
www.aaeon.com
Note: All specifications are subject to change without notice.
Dimension
Unit: mm
Part Number
Display
Type
Max.
Resolution
Luminance
View
Angle
Backlight MTBF
(Hours)
CPU
LAN USB RS-232
RS-
485/422/232
Storage
RAM
Display
Expansion
Mounting
Power
Temp.
Touch
AHP-
1154HTT-A1-1011
15" TFT-
LCD
1024 x 768
450
160°(H),
140°(V)
100,000
Intel® Celeron®
J1900, 2 GHz
2
4
2
2
CFast™ Socket x 1
SATA 2.5” HDD bay
x 1
2GB
VGA x 1
Mini-Card x 2
(Full-size, Half-
size)
VESA 100/ VESA
75/ Panel mount
DC 9
~ 30 V
-10°C ~ 50°C
with 0.5 m/s
airflow
5-wire
resistive
AHP-
1154HTT-A2-1011
15" TFT-
LCD
1024 x 768
450
160°(H),
140°(V)
100,000
Intel® Celeron®
J1900, 2 GHz
2
4
2
2
CFast™ Socket x 1
SATA 2.5” HDD bay
x 1
2GB
VGA x 1
Mini-Card x 2
(Full-size, Half-
size)
VESA 100/ VESA
75/ Panel mount
DC
12V
-10°C ~ 50°C
with 0.5 m/s
airflow
5-wire
resistive
AHP-
1154HTT-A3-1011
15" TFT-
LCD
1024 x 768
450
160°(H),
140°(V)
100,000
Intel® Celeron®
N2807, 1.58 GHz
2
4
2
2
CFast™ Socket x 1
SATA 2.5” HDD bay
x 1
2GB
VGA x 1
Mini-Card x 2
(Full-size, Half-
size)
VESA 100/ VESA
75/ Panel mount
DC 9
~ 30 V
-10°C ~ 60°C
with 0.5 m/s
airflow
5-wire
resistive
AHP-
1154HTT-A4-1011
15" TFT-
LCD
1024 x 768
450
160°(H),
140°(V)
100,000
Intel® Celeron®
N2807, 1.58 GHz
2
4
2
2
CFast™ Socket x 1
SATA 2.5” HDD bay
x 1
2GB
VGA x 1
Mini-Card x 2
(Full-size, Half-
size)
VESA 100/ VESA
75/ Panel mount
DC
12V
-10°C ~ 60°C
with 0.5 m/s
airflow
5-wire
resistive
Ordering Information
Packing List
Optional Accessories
AHP-1154
Phoenix Power Connector
Mounting Brackets and Screws
Product DVD
AHP-1154
AP-OT9789LA1000
LCD monitor Stand 230mm.LA-100
1702031802
Power Cord (US Type)
1702031803
Power Cord (European Type)
170203180E
Power Cord (Japanese Type)
1255900841
12V 84W Power Adapter w/ 3-pin Terminal Block
9761215303
Wireless Module
OS-WES7-010-01154-EN
WES7 for AHP-1154 (32-bit)
OS-WES7-020-01154-EN
WES7 for AHP-1154 (64-bit)


Similar Part No. - AHP-1154HTT-A1-1011

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AHP-1152 AAEON-AHP-1152 Datasheet
339Kb / 2P
   15??XGA HMI Touch Panel Computer With Onboard Intel Atom D510 1.66 GHz Processor
More results

Similar Description - AHP-1154HTT-A1-1011

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
ACP-5153 AAEON-ACP-5153 Datasheet
211Kb / 2P
   fanless operation
logo
Axiomtek Co., Ltd.
TBOX311-820-FL AXIOMTEK-TBOX311-820-FL Datasheet
542Kb / 2P
   Fanless operation
logo
AAEON Technology
AHP-1123 AAEON-AHP-1123 Datasheet
322Kb / 2P
   fanless operation
AEC-6950 AAEON-AEC-6950 Datasheet
334Kb / 2P
   fanless operation
logo
Axiomtek Co., Ltd.
TBOX321-870-FL AXIOMTEK-TBOX321-870-FL Datasheet
596Kb / 2P
   Fanless operation
TBOX320-852-FL AXIOMTEK-TBOX320-852-FL Datasheet
529Kb / 2P
   Fanless operation
IPC914-213-FL AXIOMTEK-IPC914-213-FL Datasheet
473Kb / 2P
   Fanless operation
DSB-310 AXIOMTEK-DSB-310 Datasheet
197Kb / 1P
   Fanless operation
logo
AAEON Technology
OMNI-2155 AAEON-OMNI-2155 Datasheet
331Kb / 2P
   fanless operation
logo
Axiomtek Co., Ltd.
EBOX647-FL AXIOMTEK-EBOX647-FL Datasheet
404Kb / 1P
   Fanless operation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com