Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

359C Datasheet(PDF) 1 Page - Emcore Corporation

Part # 359C
Description  Dispersion Compensation Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

359C Datasheet(HTML) 1 Page - Emcore Corporation

  359C Datasheet HTML 1Page - Emcore Corporation 359C Datasheet HTML 2Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MICROWAVE
DATASHEET | NOVEMBER 2014
© 2014 EMCORE Corporation
| REV 2014.11
satcom-sales@emcore.com
www.emcore.com
Information contained herein is deemed to be reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specifications at any time without notice.
+1 626-293-3400
The 359C Series Dispersion Compensation Module provides a solution for deal-
ing with existing high dispersion legacy installations. By providing a negative
dispersion, fiber with high positive dispersion can be fully compensated. Typical
dispersion compensation modules can increase the total fiber length by as much
as 65%, while these highly efficient high dispersion fibers only increase the total
fiber length of the system by approximately 13%. Thus lessening the requirement
on the EDFA modules required to compensate for the total fiber loss.
The 359X platform works with a wide range of fiber optic transport products for
satellite and microwave communications from 1 MHz to 40 GHz. These units can
be used to construct transparent inter- and intra-facility links from 1 meter to
>100 km for RF and microwave signal transport, antenna remoting, video trans-
port, electronic warfare systems and other high-dynamic-range applications.
Applications
„
Radar Testing/Calibration
„
Signal Processing
„
Phased Array Antennas
„
Phase Noise Processing
„
Antenna Site Diversity
Features
„
Delays Up to 110 microseconds
„
24 KM
„
Small Size
„
Flat RF Amplitude Response and Phase
359C Series 1550 nm
Dispersion Compensation Module
Product
Size
Max Delay
Max. Length
Total Dispersion
359C
1 RU
110 µs
24 km
-1.6*105 ps/nm
Delay Length & Dispersion Specifications
Note: Max length of SMF-28 brought to 0 dispersion is 183.4 km.
Optical Specifications
Parameter
Typical
Units
Attenuation @ 1550 nm
< 0.25
dB/km
IOR @ 1550 nm
1.469
Typical Total Dispersion @ 1550 nm
-130
ps/nm-km


Similar Part No. - 359C

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
359 WECO-359 Datasheet
168Kb / 1P
   Flat screw terminals Heavy-duty version with grooved flat terminals, 1-pole
01.20
logo
Bourns Electronic Solut...
3590 BOURNS-3590 Datasheet
241Kb / 1P
   Precision Potentiometer
logo
List of Unclassifed Man...
3590 ETC2-3590 Datasheet
493Kb / 1P
   Space saving design for high density packaging
3590 ETC2-3590 Datasheet
1Mb / 16P
   Drywall Punch
logo
Heyco.
3590 HEYCO-3590 Datasheet
231Kb / 1P
   Nytye®Mounting Platforms
More results

Similar Description - 359C

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM800-DCMT14 MRV-EM800-DCMT14 Datasheet
358Kb / 2P
   LambdaDriver짰??Tunable Dispersion Compensation Module
EM316DCM060 MRV-EM316DCM060 Datasheet
300Kb / 2P
   Chromatic Dispersion Compensation Modules
EM800-DCM MRV-EM800-DCM Datasheet
1Mb / 2P
   LambdaDriver Dispersion Compensation Module (EM800/1600-DCM and DCMD)
EM800-DCM40 MRV-EM800-DCM40 Datasheet
264Kb / 2P
   LambdaDriver짰- LambdaDriver ??Dispersion Compensation Modules (DCM)
logo
Bi technologies
143-131A BITECH-143-131A Datasheet
388Kb / 3P
   COLD JUNCTION COMPENSATION MODULE
logo
Emcore Corporation
359B EMCORE-359B Datasheet
413Kb / 2P
   Zero Dispersion Modules
logo
Magnetrol International...
TA2-A000-031 MAGNETROL-TA2-A000-031 Datasheet
1Mb / 72P
   Thermal Dispersion Mass Flow Transmitter
TD1-2D00-030 MAGNETROL-TD1-2D00-030 Datasheet
689Kb / 32P
   Thermal Dispersion Flow/Level Switch
TD1-2D00-031 MAGNETROL-TD1-2D00-031 Datasheet
752Kb / 16P
   Thermal Dispersion Flow/Level/Interface Switch
logo
Advanced Monolithic Sys...
AMS2596 ADMOS-AMS2596 Datasheet
744Kb / 15P
   Internal compensation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com