Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

359C Datasheet(PDF) 2 Page - Emcore Corporation

Part # 359C
Description  Dispersion Compensation Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

359C Datasheet(HTML) 2 Page - Emcore Corporation

  359C Datasheet HTML 1Page - Emcore Corporation 359C Datasheet HTML 2Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROWAVE
DATASHEET | NOVEMBER 2014
© 2014 EMCORE Corporation
| REV 2014.11
satcom-sales@emcore.com
www.emcore.com
Information contained herein is deemed to be reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specifications at any time without notice.
+1 626-293-3400
Mechanical Specifications
Ordering Information
Pigtail Leads - If preferred, the standard bulkhead connector input and output of the 359C Series Delay and Dispersion Compensation Modules
can be replaced with a one meter long pigtail with a male connector on the end.
Description
Value
Units
Body Dimensions
1 RU
3 RU
5 RU
16.75 (425.4) x 1.72 (43.7) x 12 (304.8)
16.75 (425.4) x 5.22 (132.6) x 18 (458)
16.75 (425.4) x 8.72 (221.5) x 18 (458)
in (mm)
Faceplate Dimensions
1 RU
3 RU
5 RU
19 (482.6) x 1.75 (44.5)
19 (482.6) x 5.25 (133.4)
19 (482.6) x 8.75 (222.3)
in (mm)
Storage Temperature
-60 to +85
°C
Operating Temperature
-40 to +85
°C
Coil Type
“C
Rack Unit Size
“WW”
Delay in µS
“XXXXXX”
Connector Type
“YY”
Optional Features*
“ZZ”
C = Zero Compensation
Dispersion
1U = 19” x 1.75” (1 RU)
001000 = 10 µs Delay
010000 = 100 µs Delay
SA = SC/APC
FA = FC/APC
LA = LC/APC
EA = E2000/APC
P = Pigtail Leads
B = Bulkhead
Product Number
359C-WW-XXXXXX-YY-ZZ
„
When ordering replace “
WW” with one of the Rack Unit Size Options
„
When ordering replace “
XXXXXX” with one of the Delay Options
„
When ordering replace “
YY” with one of the Connector Type Options
„
When ordering replace “
Z”Z with one of the Optional Features
359C Series 1550 nm
Dispersion Compensation Module


Similar Part No. - 359C

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
359 WECO-359 Datasheet
168Kb / 1P
   Flat screw terminals Heavy-duty version with grooved flat terminals, 1-pole
01.20
logo
Bourns Electronic Solut...
3590 BOURNS-3590 Datasheet
241Kb / 1P
   Precision Potentiometer
logo
List of Unclassifed Man...
3590 ETC2-3590 Datasheet
493Kb / 1P
   Space saving design for high density packaging
3590 ETC2-3590 Datasheet
1Mb / 16P
   Drywall Punch
logo
Heyco.
3590 HEYCO-3590 Datasheet
231Kb / 1P
   Nytye®Mounting Platforms
More results

Similar Description - 359C

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM800-DCMT14 MRV-EM800-DCMT14 Datasheet
358Kb / 2P
   LambdaDriver짰??Tunable Dispersion Compensation Module
EM316DCM060 MRV-EM316DCM060 Datasheet
300Kb / 2P
   Chromatic Dispersion Compensation Modules
EM800-DCM MRV-EM800-DCM Datasheet
1Mb / 2P
   LambdaDriver Dispersion Compensation Module (EM800/1600-DCM and DCMD)
EM800-DCM40 MRV-EM800-DCM40 Datasheet
264Kb / 2P
   LambdaDriver짰- LambdaDriver ??Dispersion Compensation Modules (DCM)
logo
Bi technologies
143-131A BITECH-143-131A Datasheet
388Kb / 3P
   COLD JUNCTION COMPENSATION MODULE
logo
Emcore Corporation
359B EMCORE-359B Datasheet
413Kb / 2P
   Zero Dispersion Modules
logo
Magnetrol International...
TA2-A000-031 MAGNETROL-TA2-A000-031 Datasheet
1Mb / 72P
   Thermal Dispersion Mass Flow Transmitter
TD1-2D00-030 MAGNETROL-TD1-2D00-030 Datasheet
689Kb / 32P
   Thermal Dispersion Flow/Level Switch
TD1-2D00-031 MAGNETROL-TD1-2D00-031 Datasheet
752Kb / 16P
   Thermal Dispersion Flow/Level/Interface Switch
logo
Advanced Monolithic Sys...
AMS2596 ADMOS-AMS2596 Datasheet
744Kb / 15P
   Internal compensation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com