Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9564 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA9564
Description  Parallel bus to I2C-bus controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9564 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA9564 Datasheet HTML 1Page - NXP Semiconductors PCA9564 Datasheet HTML 2Page - NXP Semiconductors PCA9564 Datasheet HTML 3Page - NXP Semiconductors PCA9564 Datasheet HTML 4Page - NXP Semiconductors PCA9564 Datasheet HTML 5Page - NXP Semiconductors PCA9564 Datasheet HTML 6Page - NXP Semiconductors PCA9564 Datasheet HTML 7Page - NXP Semiconductors PCA9564 Datasheet HTML 8Page - NXP Semiconductors PCA9564 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Philips Semiconductors
Product data
PCA9564
Parallel bus to I2C-bus controller
2003 Apr 02
3
PIN CONFIGURATION — SO, TSSOP
1
2
3
4
5
6
7
8
9
11
12
13
14
15
16
17
18
19
20
D0
D1
D2
D3
D4
D5
D6
D7
DNU
VSS
VDD
SDA
SCL
RESET
INT
A1
A0
RD
CE
WR
10
su01485
PIN CONFIGURATION — HVQFN
15
14
13
12
11
1
2
3
4
5
su01665
TOP VIEW
D2
D3
D4
D5
D6
D7
DNU GND
(VSS)
WR
RD CE
INT
RESET
A0
A1
SCL
SDA
VDD
D0
D1
PIN CONFIGURATION
PIN NUMBER
SO, TSSOP
HVQFN
SYMBOL
PIN
TYPE
NAME AND FUNCTION
1, 2, 3, 4, 5,
6, 7, 8
1, 2, 3, 4,
5, 18, 19,
20
D0-D7
I/O
Data Bus: Bi-directional 3-State data bus used to transfer commands, data and status
between the controller and the CPU. D0 is the least significant bit.
9
6
DNU
Do not use: must be left floating (pulled low internally)
10
7
VSS
Pwr
Ground
11
8
WR
I
Write Strobe: When LOW and CE is also LOW, the contents of the data bus is loaded into
the addressed register. The transfer occurs on the rising edge of the signal.
12
9
RD
I
Read Strobe: When LOW and CE is also LOW, causes the contents of the addressed
register to be presented on the data bus. The read cycle begins on the falling edge of RD.
13
10
CE
I
Chip Enable: Active-LOW input signal. When LOW, data transfers between the CPU and
the controller are enabled on D0-D7 as controlled by the WR, RD and A0-A1 inputs.
When HIGH, places the D0-D7 lines in the 3-State condition.
14, 15
11, 12
A0, A1
I
Address Inputs: Selects the controller internal registers and ports for read/write
operations.
16
13
INT
O
Interrupt Request: Active-LOW, open-drain, output. This pin requires a pull-up device.
17
14
RESET
I
Reset: A LOW level clears internal registers resets the I2C state machine.
18
15
SCL
I/O
I2C-bus serial clock input/output (open-drain).
19
16
SDA
I/O
I2C-bus serial data input/output (open-drain).
20
17
VDD
Pwr
Power Supply: 2.3 to 3.6 V


Similar Part No. - PCA9564

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9564 PHILIPS-PCA9564 Datasheet
248Kb / 32P
   Parallel bus to I2C-bus controller
2006 Sep 01
PCA9564 NXP-PCA9564 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9564 NXP-PCA9564 Datasheet
248Kb / 32P
   Parallel bus to I2C-bus controller
2006 Sep 01
PCA9564BS PHILIPS-PCA9564BS Datasheet
248Kb / 32P
   Parallel bus to I2C-bus controller
2006 Sep 01
PCA9564BS NXP-PCA9564BS Datasheet
248Kb / 32P
   Parallel bus to I2C-bus controller
2006 Sep 01
More results

Similar Description - PCA9564

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9564 PHILIPS-PCA9564_06 Datasheet
248Kb / 32P
   Parallel bus to I2C-bus controller
2006 Sep 01
PCA9564PW-T NXP-PCA9564PW-T Datasheet
248Kb / 32P
   Parallel bus to I2C-bus controller
2006 Sep 01
PCA9665 PHILIPS-PCA9665 Datasheet
419Kb / 91P
   Fm parallel bus to I2C-bus controller
Rev. 02-7 December 2006
PCA9665 NXP-PCA9665 Datasheet
427Kb / 90P
   Fm parallel bus to I2C-bus controller
Rev. 03-12 August 2008
PCA9665 NXP-PCA9665_V01 Datasheet
710Kb / 92P
   Fm parallel bus to I2C-bus controller
Rev. 4-29 September 2011
PCA9663 NXP-PCA9663 Datasheet
1Mb / 66P
   Parallel bus to 3 channel Fm I2C-bus controller
Rev. 1-6 June 2011
PCF8584 PHILIPS-PCF8584 Datasheet
224Kb / 40P
   I2C-bus controller
1997 Oct 21
SC18IS606 NXP-SC18IS606 Datasheet
443Kb / 27P
   I2C-bus to SPI bridge
Rev.1.0-15 September 2021
SC18IS600 NXP-SC18IS600 Datasheet
173Kb / 30P
   SPI to I2C-bus interface
Rev. 05-28 July 2008
SC18IS602B_1008 NXP-SC18IS602B_1008 Datasheet
217Kb / 25P
   I2C-bus to SPI bridge
Rev. 5-3 August 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com