Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OMNI-2155HTT-A4-1010 Datasheet(PDF) 2 Page - AAEON Technology

Part # OMNI-2155HTT-A4-1010
Description  fanless operation
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

OMNI-2155HTT-A4-1010 Datasheet(HTML) 2 Page - AAEON Technology

  OMNI-2155HTT-A4-1010 Datasheet HTML 1Page - AAEON Technology OMNI-2155HTT-A4-1010 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
03-2
www.aaeon.com
Note: All specifications are subject to change without notice.
Dimension
Unit: mm
Part Number
Display
Type
Resolution
View
Angle
Backlight MTBF
(Hours)
CPU
LAN
USB
RS-
232/422/485
Stogare
RAM
Display
Expansion
Mounting Power
Temp.
Touch
OMNI-
2155HTT-A1-1010
15.6" TFT
LCD
1366 x 768
170°(H),
160°(V)
50,000
Intel® Celeron®
J1900, 2 GHz
2
4
1
CFast™ Socket x 1
(Easy-to-swap)
SATA 2.5” HDD bay x 1
VGA x 1
HDMI x 1
Mini-Card x 2
(Full Size)
Panel
mount/
VESA
DC
9-30V
-20°C~55°C with industrial grade
device (with 0.5 m/s air flow,
according to IEC68-2-14)
5-wire
resistive
OMNI-
2155HTT-A2-1010
15.6" TFT
LCD
1366 x 768
170°(H),
160°(V)
50,000
Intel® Celeron®
N2807, 1.58 GHz
2
4
1
CFast™ Socket x 1
(Easy-to-swap)
SATA 2.5” HDD bay x 1
VGA x 1
HDMI x 1
Mini-Card x 2
(Full Size)
Panel
mount/
VESA
DC
9-30V
-20°C~60°C with industrial grade
device (with 0.5 m/s air flow,
according to IEC68-2-14)
5-wire
resistive
OMNI-
2155HTT-A3-1010
15.6" TFT
LCD
1366 x 768
170°(H),
160°(V)
50,000
Intel® Celeron®
J1900, 2 GHz
2
4
1
CFast™ Socket x 1
(Easy-to-swap)
SATA 2.5” HDD bay x 1
VGA x 1
HDMI x 1
Mini-Card x 2
(Full Size)
Panel
mount/
VESA
DC
9-30V
-20°C~55°C with industrial grade
device (with 0.5 m/s air flow,
according to IEC68-2-14)
Projected
capacitive
OMNI-
2155HTT-A4-1010
15.6" TFT
LCD
1366 x 768
170°(H),
160°(V)
50,000
Intel® Celeron®
N2807, 1.58 GHz
2
4
1
CFast™ Socket x 1
(Easy-to-swap)
SATA 2.5” HDD bay x 1
VGA x 1
HDMI x 1
Mini-Card x 2
(Full Size)
Panel
mount/
VESA
DC
9-30V
-20°C~60°C with industrial grade
device (with 0.5 m/s air flow,
according to IEC68-2-14)
Projected
capacitive
Ordering Information
OMNI-2155
Optional Accessories
AP-OT9789LA1000
LCD monitor Stand 230mm, LA-100
1702031802
Power Cord (US Type)
1702031803
Power Cord (European Type)
170203180E
Power Cord (Japanese Type)
1255900841
12V 84W Power Adapter w/ 3pin Terminal Block
9741215509
Panel Mount Kit
1700021500
Remote Switch Cable, 150 cm
Packing List
Phoenix Power Connector
Product DVD
OMNI-2155
9761215500
2GB Wide Temperature DRAM (-40°C ~ 95°C)
9761215501
4GB Wide Temperature DRAM (-40°C ~ 95°C)
9761215502
8GB Wide Temperature DRAM (-40°C ~ 95°C)
**Users should select the wide temperature DRAM
above and use wide temperature storage devices if
the OMNI-2155 is to be operated at over 40°C.
Wide Temperature DRAM
9741215501
WiFi & SIM Card Module (Mini-Card WiFi Module is
not Included)
9741215502
Dual LAN Module
9741215503
USB / COM / LAN Module
9741215504
COM Port Module
9741215505
Isolated COM Port module
9741215506
DIO Module
9741215507
CAN Bus Module
9741215508
Audio Module
OMNI Module (With AAEON Interface)


Similar Part No. - OMNI-2155HTT-A4-1010

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
OMNI-2155HTTBT-A1-1011 AAEON-OMNI-2155HTTBT-A1-1011 Datasheet
416Kb / 2P
   15.6” Modular HMI Panel PC with Intel® Celeron® J1900/ N2807 Processor
OMNI-2155HTTBT-A2-1011 AAEON-OMNI-2155HTTBT-A2-1011 Datasheet
416Kb / 2P
   15.6” Modular HMI Panel PC with Intel® Celeron® J1900/ N2807 Processor
OMNI-2155HTTBT-A3-1012 AAEON-OMNI-2155HTTBT-A3-1012 Datasheet
416Kb / 2P
   15.6” Modular HMI Panel PC with Intel® Celeron® J1900/ N2807 Processor
OMNI-2155HTTBT-A4-1012 AAEON-OMNI-2155HTTBT-A4-1012 Datasheet
416Kb / 2P
   15.6” Modular HMI Panel PC with Intel® Celeron® J1900/ N2807 Processor
OMNI-2155HTTCML-A2-1010 AAEON-OMNI-2155HTTCML-A2-1010 Datasheet
485Kb / 2P
   15.6” HMI Panel PC with 10th Generation Intel® Core™ / Celeron® Processor
More results

Similar Description - OMNI-2155HTT-A4-1010

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
ACP-5153 AAEON-ACP-5153 Datasheet
211Kb / 2P
   fanless operation
logo
Axiomtek Co., Ltd.
TBOX311-820-FL AXIOMTEK-TBOX311-820-FL Datasheet
542Kb / 2P
   Fanless operation
logo
AAEON Technology
AHP-1123 AAEON-AHP-1123 Datasheet
322Kb / 2P
   fanless operation
AEC-6950 AAEON-AEC-6950 Datasheet
334Kb / 2P
   fanless operation
logo
Axiomtek Co., Ltd.
TBOX321-870-FL AXIOMTEK-TBOX321-870-FL Datasheet
596Kb / 2P
   Fanless operation
TBOX320-852-FL AXIOMTEK-TBOX320-852-FL Datasheet
529Kb / 2P
   Fanless operation
IPC914-213-FL AXIOMTEK-IPC914-213-FL Datasheet
473Kb / 2P
   Fanless operation
DSB-310 AXIOMTEK-DSB-310 Datasheet
197Kb / 1P
   Fanless operation
logo
AAEON Technology
AHP-1154 AAEON-AHP-1154 Datasheet
243Kb / 2P
   fanless operation
logo
Axiomtek Co., Ltd.
EBOX647-FL AXIOMTEK-EBOX647-FL Datasheet
404Kb / 1P
   Fanless operation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com