Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PER-C37L-A10-01 Datasheet(PDF) 1 Page - AAEON Technology

Part # PER-C37L-A10-01
Description  supports 2 pairs bypass function
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

PER-C37L-A10-01 Datasheet(HTML) 1 Page - AAEON Technology

  PER-C37L-A10-01 Datasheet HTML 1Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
14-25
www.aaeon.com
14
Features
Features
Intel® i210 PCI-Express Gigabit Ethernet Module
PCI-Express Host Interfaces
Fiber Gigabit Ethernet x 4
FWS-7811
Network Appliance, Intel® C226, 8 GbE Copper LANs, 1U, ATX 250W
FWS-7810
Network Appliance, Intel® C226, 8 GbE Copper LAN, 1U, ATX 250W
FWS-7400
Network Appliance, Intel® H81, 6 GbE Copper LAN, 1U, ATX 250W
Network Appliance Options
Main Specification
Form Factor
PCI-Express
Ethernet Chip
Intel® i210 Gigabit Ethernet Chip x 4
Host Interface
PCI-Express[x8]
Speed
Supports 10/100/1000Base-TX, Auto-negotiation
LAN Port
SFP x 4 + Connector with Cage
Indicator
LED x 4 for Active/ Link
Qualification
CE/FCC Class A
Operating Temperature
32°F ~ 104°F (0°C ~ 40°C)
Dimension
5.43” x 3.46”(137.8mm x 88mm)
PER-C36L-A10-01
PCI-Express Gigabit Ethernet Module w/ Intel® i210 Controller, 4 Fiber GbE
Ordering Information
PCI-Express Gigabit Ethernet Module w/ Intel® i210 Controller
PER-C36L
Intel® i350-AM4 PCI-Express Gigabit Ethernet Module
PCI-Express Host Interfaces
10/100/1000Base-TX Copper Ethernet x 8
Supports 2 Pairs Bypass Function
FWS-7811
Network Appliance, Intel® C226, 8 GbE Copper LANs, 1U, ATX 250W
FWS-7810
Network Appliance, Intel® C226, 8 GbE Copper LAN, 1U, ATX 250W
FWS-7400 (Only Supports 4 Ports Module)
Network Appliance, Intel® H81, 6 GbE Copper LAN, 1U, ATX 250W
Network Appliance Options
Main Specification
Form Factor
PCI-Express
Ethernet Chip
Intel® i350-AM4 Ethernet Controller x 2
Host Interface
PCI-Express[x8]
Speed
Supports 10/100/1000Base-TX, Auto-negotiation
LAN Port
RJ-45 Gigabit Ethernet x 8
Indicator
LED x 8 for Active/ Link
Qualification
CE/FCC Class A
Operating Temperature
32°F ~ 104°F (0°C ~ 40°C)
Dimension
5.43” x 3.46”(137.8mm x 88mm)
Ordering Information
PCI-Express Copper Gigabit Ethernet Module w/ Intel® i350-AM4 Controller
PER-C37L
PER-C37L-A10-01
PCI-Express Copper Gigabit Ethernet Module w/ Intel® i350-AM4 Controller, 8 GbE
PER-C37L-A10-02
PCI-Express Copper Gigabit Ethernet Module w/ Intel® i350-AM4 Controller, 4 GbE
Specifications
Specifications


Similar Part No. - PER-C37L-A10-01

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
PER-C30F AAEON-PER-C30F Datasheet
323Kb / 1P
   Three IEEE 1394a Ports Up To 400Mbps
PER-C31L AAEON-PER-C31L Datasheet
166Kb / 1P
   Two PCI-Express Gigabit Ethernet & Two SFP Fiber LAN Module
PER-C31L-A10-01 AAEON-PER-C31L-A10-01 Datasheet
166Kb / 1P
   Two PCI-Express Gigabit Ethernet & Two SFP Fiber LAN Module
PER-C31L-A10-02 AAEON-PER-C31L-A10-02 Datasheet
166Kb / 1P
   Two PCI-Express Gigabit Ethernet & Two SFP Fiber LAN Module
PER-C33L AAEON-PER-C33L Datasheet
166Kb / 1P
   Four PCI-Express 10/100/1000Base-TX Ethernet Module
More results

Similar Description - PER-C37L-A10-01

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
NIM-C13A AAEON-NIM-C13A Datasheet
117Kb / 1P
   supports two pairs bypass function
FWS-7350 AAEON-FWS-7350 Datasheet
368Kb / 2P
   Optional Up to 2 Pairs LAN Bypass Function
logo
Axiomtek Co., Ltd.
NA-810C AXIOMTEK-NA-810C Datasheet
201Kb / 1P
   Supports VRAID function
logo
AAEON Technology
ACG-203 AAEON-ACG-203 Datasheet
119Kb / 1P
   Supports Remote Display Function
ACG-204 AAEON-ACG-204 Datasheet
121Kb / 1P
   Supports Remote Display Function
NVR-6300S-X60-A10 AAEON-NVR-6300S-X60-A10 Datasheet
335Kb / 2P
   Supports PoE Function (Optinal)
logo
Bothhand USA, LP.
G4P109N-C-LF BOTHHAND-G4P109N-C-LF Datasheet
607Kb / 2P
   Supports 16 pairs of category 5 UTP cable
G4P109R-LF BOTHHAND-G4P109R-LF Datasheet
145Kb / 2P
   Supports 16 pairs of category 5 UTP cable
G2P109N-C-LF BOTHHAND-G2P109N-C-LF Datasheet
262Kb / 2P
   Supports 8 pairs of category 5 UTP cable
GH5210-LF BOTHHAND-GH5210-LF Datasheet
548Kb / 2P
   Supports 16 pairs of category 5 UTP cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com