Electronic Components Datasheet Search |
|
860130873005 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
860130873005 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
3 / 7 page 1.0 REV 2014-11-11 DATE SSt BY PSL CHECKED Würth Elektronik eiSos GmbH & Co. KG EMC & Inductive Solutions Max-Eyth-Str. 1 74638 Waldenburg Germany Tel. +49 (0) 79 42 945 - 0 www.we-online.com eiSos@we-online.com DESCRIPTION WCAP-ATET Aluminum Electrolytic Capacitors Order.- No. 860130873005 SIZE A4 Size: 6.3 x 11.0 H4: Classification Wave Soldering Profile: H5: Classification Wave Profile Profile Feature Preheat - Temperature Min (Tsmin) - Temperature Typical (Tstypical) - Temperature Max (Tsmax) - Time (ts) from (Tsmin to Tsmax) Δ preheat to max Temperature Peak temperature (Tp) Time of actual peak temperature (tp) Ramp-down rate - Min - Typical - Max Time 25°C to 25°C Pb-Free Assembly 100°C 120°C 130°C 70 seconds 150°C max. 250°C - 260°C max. 10 seconds max. 5 second each wave ~ 2 K/s ~ 3.5 K/s ~ 5 K/s 4 minutes Sn-Pb Assembly 100°C 120°C 130°C 70 seconds 150°C max. 235°C - 260°C max. 10 seconds max. 5 second each wave ~ 2 K/s ~ 3.5 K/s ~ 5 K/s 4 minutes refer to EN 61760-1:2006 H Soldering Specifications: This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance. |
Similar Part No. - 860130873005 |
|
Similar Description - 860130873005 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |