Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF1081AT Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # PCF1081AT
Description  Fully integrated single chip basestation
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PCF1081AT Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button PCF1081AT Datasheet HTML 2Page - List of Unclassifed Manufacturers PCF1081AT Datasheet HTML 3Page - List of Unclassifed Manufacturers PCF1081AT Datasheet HTML 4Page - List of Unclassifed Manufacturers PCF1081AT Datasheet HTML 5Page - List of Unclassifed Manufacturers PCF1081AT Datasheet HTML 6Page - List of Unclassifed Manufacturers PCF1081AT Datasheet HTML 7Page - List of Unclassifed Manufacturers PCF1081AT Datasheet HTML 8Page - List of Unclassifed Manufacturers PCF1081AT Datasheet HTML 9Page - List of Unclassifed Manufacturers PCF1081AT Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
printed 1998 Apr 20
6
Philips Semiconductors
Product Specification (Rev. 1998 Apr 20)
Advanced Basestation IC
PCF7991AT
7
MINIMUM APPLICATION CIRCUITRY
The following figure shows a minimal application circuitry for the PCF7991AT. The antenna coil La together with the
capacitor Ca form a series resonant LC circuit (f = 125 kHz). The antenna tap voltage is attenuated by RV and the input
impedance of the RX-pin. The capacitors at XTAL1 and XTAL2 are selected according to the crystal or ceramic resonator
specification. In the case of an external clock reference they may be omitted. The capacitors at QGND and CEXT are for
device internal biasing and decoupling purposes.
Fig.3 Minimum application circuitry
VDD
10
µF
+
100nF
La
Ca
Rv
XTAL1
XTAL2
VDD
DIN
DOUT
SCLK
TX1
TX2
RX
QGND
CEXT
VSS
100nF
100nF
TO
MICRO-
PROCESSOR
MODE


Similar Part No. - PCF1081AT

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
PCF1 KOA-PCF1 Datasheet
344Kb / 3P
   ceramic fixed power type leaded resistor
PCF1 KOA-PCF1 Datasheet
344Kb / 3P
   ceramic fixed power type leaded resistor
logo
Laird Tech Smart Techno...
PCF1 LSTD-PCF1 Datasheet
474Kb / 2P
   Precise temperature control
logo
NXP Semiconductors
PCF1171C PHILIPS-PCF1171C Datasheet
112Kb / 16P
   4-digit LCD car clock
1996 Jan 08
PCF1171CT PHILIPS-PCF1171CT Datasheet
112Kb / 16P
   4-digit LCD car clock
1996 Jan 08
More results

Similar Description - PCF1081AT

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
DW1000 QORVO-DW1000 Datasheet
1Mb / 53P
   fully integrated single chip Ultra Wideband
logo
Analog Devices
HMC976LP3E AD-HMC976LP3E Datasheet
1Mb / 12P
   Basestation Infrastructure
logo
Silicon Laboratories
SI4421 SILABS-SI4421 Datasheet
2Mb / 46P
   Fully integrated
logo
EPCOS
B5113 EPCOS-B5113 Datasheet
59Kb / 6P
   SAW RF filter Basestation
logo
Integrated Device Techn...
87973I-147 IDT-87973I-147 Datasheet
400Kb / 19P
   Fully integrated PLL
ICS87974I IDT-ICS87974I Datasheet
167Kb / 16P
   Fully integrated PLL
ICS87972I-147 IDT-ICS87972I-147 Datasheet
3Mb / 17P
   Fully integrated PLL
logo
Maxim Integrated Produc...
MAX3261 MAXIM-MAX3261 Datasheet
230Kb / 12P
   Single 5V, Fully Integrated, 1.25Gbps Laser Diode Driver
19-0323; Rev 4; 8/97
MAX3262 MAXIM-MAX3262 Datasheet
145Kb / 12P
   Single 5V, Fully Integrated, 155Mbps Laser Diode Driver
19-0432; Rev 1b; 4/98
MAX3261 MAXIM-MAX3261_V01 Datasheet
397Kb / 12P
   Single 5V, Fully Integrated, 1.25Gbps Laser Diode Driver
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com