Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA16L-8MI Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATMEGA16L-8MI
Description  8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
Download  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16L-8MI Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATMEGA16L-8MI Datasheet HTML 4Page - ATMEL Corporation ATMEGA16L-8MI Datasheet HTML 5Page - ATMEL Corporation ATMEGA16L-8MI Datasheet HTML 6Page - ATMEL Corporation ATMEGA16L-8MI Datasheet HTML 7Page - ATMEL Corporation ATMEGA16L-8MI Datasheet HTML 8Page - ATMEL Corporation ATMEGA16L-8MI Datasheet HTML 9Page - ATMEL Corporation ATMEGA16L-8MI Datasheet HTML 10Page - ATMEL Corporation ATMEGA16L-8MI Datasheet HTML 11Page - ATMEL Corporation ATMEGA16L-8MI Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 315 page
background image
8
ATmega16(L)
2466E–AVR–10/02
• Bit 7 – I: Global Interrupt Enable
The Global Interrupt Enable bit must be set for the interrupts to be enabled. The individ-
ual interrupt enable control is then performed in separate control registers. If the Global
Interrupt Enable Register is cleared, none of the interrupts are enabled independent of
the individual interrupt enable settings. The I-bit is cleared by hardware after an interrupt
has occurred, and is set by the RETI instruction to enable subsequent interrupts. The I-
bit can also be set and cleared by the application with the SEI and CLI instructions, as
described in the instruction set reference.
• Bit 6 – T: Bit Copy Storage
The Bit Copy instructions BLD (Bit LoaD) and BST (Bit STore) use the T-bit as source or
destination for the operated bit. A bit from a register in the Register file can be copied
into T by the BST instruction, and a bit in T can be copied into a bit in a register in the
Register file by the BLD instruction.
• Bit 5 – H: Half Carry Flag
The Half Carry Flag H indicates a half carry in some arithmetic operations. Half Carry is
useful in BCD arithmetic. See the “Instruction Set Description” for detailed information.
• Bit 4 – S: Sign Bit, S = N
V
The S-bit is always an exclusive or between the negative flag N and the two’s comple-
ment overflow flag V. See the “Instruction Set Description” for detailed information.
• Bit 3 – V: Two’s Complement Overflow Flag
The Two’s Complement Overflow Flag V supports two’s complement arithmetics. See
the “Instruction Set Description” for detailed information.
• Bit 2 – N: Negative Flag
The Negative Flag N indicates a negative result in an arithmetic or logic operation. See
the “Instruction Set Description” for detailed information.
• Bit 1 – Z: Zero Flag
The Zero Flag Z indicates a zero result in an arithmetic or logic operation. See the
“Instruction Set Description” for detailed information.
• Bit 0 – C: Carry Flag
The Carry Flag C indicates a carry in an arithmetic or logic operation. See the “Instruc-
tion Set Description” for detailed information.
General Purpose
Register File
The Register File is optimized for the AVR Enhanced RISC instruction set. In order to
achieve the required performance and flexibility, the following input/output schemes are
supported by the Register file:
One 8-bit output operand and one 8-bit result input
Two 8-bit output operands and one 8-bit result input
Two 8-bit output operands and one 16-bit result input
One 16-bit output operand and one 16-bit result input
Figure 4 shows the structure of the 32 general purpose working registers in the CPU.


Similar Part No. - ATMEGA16L-8MI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16L-8MI ATMEL-ATMEGA16L-8MI Datasheet
320Kb / 24P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA16L-8MI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA165P ATMEL-ATMEGA165P Datasheet
3Mb / 365P
   8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA16A ATMEL-ATMEGA16A Datasheet
426Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_091 ATMEL-ATMEGA165V_091 Datasheet
342Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169V ATMEL-ATMEGA169V_06 Datasheet
297Kb / 26P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P ATMEL-ATMEGA165P_08 Datasheet
363Kb / 20P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA16 ATMEL-ATMEGA16_06 Datasheet
320Kb / 24P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V ATMEL-ATMEGA165V_06 Datasheet
241Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA162V ATMEL-ATMEGA162V_07 Datasheet
2Mb / 325P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_0608 ATMEL-ATMEGA165V_0608 Datasheet
3Mb / 337P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P_0611 ATMEL-ATMEGA165P_0611 Datasheet
3Mb / 368P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com