Electronic Components Datasheet Search |
|
HA3R350S8 Datasheet(PDF) 1 Page - HuaXinAn Electronics CO.,LTD |
|
HA3R350S8 Datasheet(HTML) 1 Page - HuaXinAn Electronics CO.,LTD |
1 / 2 page (Ø8x10mm) 3-Electrode Gas Discharge Tubes 10KA 1:Dimension(mm) Fast Delivery Time 2:Main Applications •PCI Cards protection •Telephone/Fax/Modem protection •single line protection •ADSL/XDSL Splitter,Power Supply •Surge Protection Device/Surge Protector 3:Features • 100% Lead-Free(RoHs Compliant ) •Non-Radioactive •Low capacitance (≤1pF) •Fast Response-time,High Insulation Resistance. •Small size :Ø8x10(mm) 4 Electrical Characteristics Part Number DC Spark-over Voltage @ 100V/S Impulse Spark-over Voltage @100V/ μs Impulse Spark-over Voltage @1KV/ μs Insulation Resistance Impulse discharge current( 8/20 μs) AC discharge current (50Hz,1s,10ti mes) Capacitan ce (1MHz) V V V GΩ 10 Times A PF HA3R75S8 75±20% <500 <600 >1 10KA 10 ≤1 HA3R90S8 90±20% <500 <600 >1 10KA 10 ≤1 HA3R150S8 150±20% <500 <600 >1 10KA 10 ≤1 HA3R230S8 230±20% <600 <700 >1 10KA 10 ≤1 HA3R250S8 250±20% <600 <700 >1 10KA 10 ≤1 HA3R350S8 350±20% <900 ≤ 1000 >1 10KA 10 ≤1 HA3R400S8 400±20% <900 ≤ 1000 >1 10KA 10 ≤1 HA3R420S8 420±20% <900 ≤ 1000 >1 10KA 10 ≤1 HA3R470S8 470±20% <1100 ≤ 1200 >1 10KA 10 ≤1 HA3R600S8 600±20% <1200 ≤ 1300 >1 10KA 10 ≤1 HA3R800S8 800±20% <1300 ≤ 1400 >1 10KA 10 ≤1 Packing Quantity : 100PCS HuaXinAn Electronics sales@huaandz.com abc0734@126.com 1 HUAAN LIMITED www.huaandz.com Tel:+86-755-27465585 |
Similar Part No. - HA3R350S8 |
|
Similar Description - HA3R350S8 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |