Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAA-181N Datasheet(PDF) 2 Page - HuaXinAn Electronics CO.,LTD

Part # HAA-181N
Description  Small capacitance and excellent insulation resistance
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

HAA-181N Datasheet(HTML) 2 Page - HuaXinAn Electronics CO.,LTD

  HAA-181N Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD HAA-181N Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD HAA-181N Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD HAA-181N Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD HAA-181N Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD HAA-181N Datasheet HTML 6Page - HuaXinAn Electronics CO.,LTD HAA-181N Datasheet HTML 7Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Surge Absorbers
HAA Series
3000A
1 Application
Fast Delivery Time
·For instantaneous over-voltage protection to ADSL,ISDN,MODEM,FAX,TEL,Power Supplies,Alarm systems.
·For instantaneous over-voltage protection to RS485,RS232 port, CATV,video transceiver.
·For instantaneous over-voltage protection to ammeter,water meter auto admin system, etc
2 Features
·Small capacitance and excellent insulation resistance(100MΩ min).
·Small size,No polarity.No dark effect. ·Low electrode capacitance(1pF max).
·Quick response for electrostatic,surge voltage and low limiting voltage.
·Stable for repeated discharge test conditions.
·Operating temperature: -40℃ ~ +85℃. Storage temperature: -40℃ ~ +125℃.
3 Electrical Characteristics
Part Number
DC Spark-Over Voltage
Vs(V)
Nominal value(Min-Max)
Insulation Resistance
Capacitance
of
electrostatic
Surge current
capacity
8/20us
Surge Life
Test
Test voltage
IR (MΩ)
1KHz-6V
HAA-141N
140V
(98V-182V)
DC50V
DC100V
DC250V
DC500V
>100MΩ
1pF
3000A
1KHz-10KV
Max
10/700us
6KV 150A
10times
HAA-181N
180V
(126V-234V)
HAA-201M
200V
(160V-240V)
HAA-301M
300V
(240V-360V)
HAA-401M
400V
(320V-480V)
HAA-471M
470V
(400V-560V)
HAA-501M
500V
(400V-600V)
HAA-601M
600V
(480V-720V)
HAA-701M
700V
(560V-840V)
HAA-102M
1000V
(800V-1200V)
HAA-122M
1200V
(960V-1440V)
HAA-152M
1500V
(1200V-1800V)
4 Dimension(Diameter 3.1mm , Length 4.3mm)
1
HUAAN LIMITED
www.huaandz.com


Similar Part No. - HAA-181N

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
HAA08DM24 CARLOGAVAZZI-HAA08DM24 Datasheet
159Kb / 3P
   Timers Delay on Operate Types HAA08, HAA14
logo
GUANGDONG HOTTECH INDUS...
HAA1015 HOTTECH-HAA1015 Datasheet
337Kb / 4P
   GENERAL PURPOSE TRANSISTOR
HAA1036 HOTTECH-HAA1036 Datasheet
397Kb / 4P
   GENERAL PURPOSE TRANSISTOR
HAA1037 HOTTECH-HAA1037 Datasheet
407Kb / 4P
   GENERAL PURPOSE TRANSISTOR
logo
STANLEY ELECTRIC CO.,LT...
HAA1105W STANLEY-HAA1105W Datasheet
542Kb / 21P
   Single Color 3216 Dome Lenz Type
More results

Similar Description - HAA-181N

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
HAS-301M HUAXINAN-HAS-301M Datasheet
339Kb / 8P
   Small capacitance and excellent insulation resistance
HA37-141N HUAXINAN-HA37-141N Datasheet
335Kb / 7P
   Small capacitance and excellent insulation resistance
HAB-141N HUAXINAN-HAB-141N Datasheet
317Kb / 5P
   Small capacitance and excellent insulation resistance
logo
List of Unclassifed Man...
1347018 ETC2-1347018 Datasheet
92Kb / 2P
   CSPE - Chlorosulphonated Polyethylene insulation has excellent heat resistance
GF1000SR ETC2-GF1000SR Datasheet
242Kb / 2P
   Excellent slump resistance
GF1500 ETC2-GF1500 Datasheet
393Kb / 2P
   Excellent slump resistance
logo
Mercury United Electron...
45MQ30A MERCURY-45MQ30A Datasheet
98Kb / 1P
   Thin and light weight; excellent shock and vibration resistance
logo
STMicroelectronics
STW70N60M2 STMICROELECTRONICS-STW70N60M2 Datasheet
1Mb / 13P
   Excellent output capacitance
September 2014 Rev 4
logo
Golledge Electronics Lt...
MCSO6V GOLLEDGE-MCSO6V Datasheet
550Kb / 4P
   Excellent shock & vibration resistance
MCSOFW GOLLEDGE-MCSOFW Datasheet
549Kb / 4P
   Excellent shock & vibration resistance
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com