Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA41-301M Datasheet(PDF) 2 Page - HuaXinAn Electronics CO.,LTD

Part # HA41-301M
Description  Surge Absorber
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

HA41-301M Datasheet(HTML) 2 Page - HuaXinAn Electronics CO.,LTD

  HA41-301M Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD HA41-301M Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD HA41-301M Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD HA41-301M Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD HA41-301M Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD HA41-301M Datasheet HTML 6Page - HuaXinAn Electronics CO.,LTD HA41-301M Datasheet HTML 7Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Surge Absorbers
HA41 Series
1000A
1 Application:
Fast Delivery Time
·For instantaneous over-voltage protection to ADSL,ISDN,MODEM,FAX,TEL,Power Supplies,Alarm systems.
·For instantaneous over-voltage protection to RS485,RS232 port, CATV,video transceiver.
·For instantaneous over-voltage protection to ammeter,water meter auto admin system, etc
2 Features
·Small capacitance and excellent insulation resistance(100MΩ min).
·Small size,No polarity.No dark effect.
·Low electrode capacitance(1pF max).
·Quick response for electrostatic,surge voltage and low limiting voltage.
·Stable for repeated discharge test conditions.
·Operating temperature: -40℃ ~ +85℃. Storage temperature: -40℃ ~ +125℃.
3 Electrical Characteristics
Part Number
DC Spark-Over Voltage
Vs(V)
Nominal value(Min-Max)
Insulation Resistance
Capacitance
of electrostatic
Surge current
capacity
8/20us
Surge
Life
Test voltage
IR (MΩ)
1KHz-6V
HA41-141N
140V
(98V-182V)
DC50V
DC100V
DC250V
DC500V
>100MΩ
1PF(MAX)
1000A
1KHz-10KV
Max
10/700us
4KV 100A
10times
HA41-181N
180V
(126V-234V)
HA41-201M
200V
(160V-240V)
HA41-251M
250V
(200V-300V)
HA41-301M
300V
(240V-360V)
HA41-301L
300V
(255V-345V)
HA41-401M
400V
(320V-480V)
HA41-471M
470V
400V-560V)
HA41-501M
500V
(400V-600V)
HA41-601M
600V
(480V-720V)
HA41-701M
700V
(560V-840V)
HA41-102M
1000V
(800V-1200V)
HA41-152M
1500V
(1200V-1800V)
4 Dimension (Diameter 2.6mm , Length 4.3mm)
1
HUAAN LIMITED
www.huaandz.com


Similar Part No. - HA41-301M

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
HA4158-ELB COILCRAFT-HA4158-ELB Datasheet
204Kb / 2P
   Dual Inductors for Class D
HA4158-ELD COILCRAFT-HA4158-ELD Datasheet
204Kb / 2P
   Dual Inductors for Class D
HA4158 COILCRAFT-HA4158_16 Datasheet
204Kb / 2P
   Dual Inductors for Class D
More results

Similar Description - HA41-301M

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
HAE-301M HUAXINAN-HAE-301M Datasheet
350Kb / 8P
   Surge Absorber
logo
Okaya Electric America,...
RHCA-900Q31U OKAYA-RHCA-900Q31U Datasheet
361Kb / 2P
   SURGE ABSORBER
RA-501M-V7 OKAYA-RA-501M-V7 Datasheet
904Kb / 2P
   SURGE ABSORBER
logo
HuaXinAn Electronics CO...
HAD-141N HUAXINAN-HAD-141N Datasheet
260Kb / 3P
   Surge Absorber
logo
Okaya Electric America,...
R-221D OKAYA-R-221D Datasheet
290Kb / 1P
   SURGE ABSORBER
RA-800P-C6 OKAYA-RA-800P-C6 Datasheet
680Kb / 2P
   SURGE ABSORBER
RHCA-900Q43U OKAYA-RHCA-900Q43U Datasheet
514Kb / 2P
   SURGE ABSORBER
logo
HuaXinAn Electronics CO...
HAH-152M HUAXINAN-HAH-152M Datasheet
341Kb / 6P
   Surge Absorber
logo
Okaya Electric America,...
R28-900-BHL OKAYA-R28-900-BHL Datasheet
706Kb / 2P
   SURGE ABSORBER
logo
Shanghai Leiditech Elec...
LL102 LEIDITECH-LL102 Datasheet
3Mb / 1P
   Surge Absorber
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com