Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT13003NZTR-G1 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # APT13003NZTR-G1
Description  530V NPN HIGH VOLTAGE POWER TRANSISTOR IN TO92
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APT13003NZTR-G1 Datasheet(HTML) 4 Page - Diodes Incorporated

  APT13003NZTR-G1 Datasheet HTML 1Page - Diodes Incorporated APT13003NZTR-G1 Datasheet HTML 2Page - Diodes Incorporated APT13003NZTR-G1 Datasheet HTML 3Page - Diodes Incorporated APT13003NZTR-G1 Datasheet HTML 4Page - Diodes Incorporated APT13003NZTR-G1 Datasheet HTML 5Page - Diodes Incorporated APT13003NZTR-G1 Datasheet HTML 6Page - Diodes Incorporated APT13003NZTR-G1 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
APT13003NZ
Document number: DS37774 Rev. 1 - 2
4 of 7
www.diodes.com
July 2015
© Diodes Incorporated
APT13003NZ
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Emitter Breakdown Voltage
BVCES
900
V
IC = 100µA, VBE = 0V
Collector-Emitter Breakdown Voltage
BVCEO
530
V
IC = 100µA
Emitter-Base Breakdown Voltage
BVEBO
10
V
IE = 100µA
Collector Cutoff Current
ICEV
10
µA
VCE = 900V
DC Current Transfer Static Ratio (Note 6)
hFE
15
5
17
30
25
IC = 0.5A, VCE = 2V
IC = 1.0A, VCE = 2V
Collector-Emitter Saturation Voltage (Note 6)
VCE(SAT)
0.17
0.30
0.3
0.4
V
IC = 0.5A, IB = 0.1A
IC = 1A, IB = 0.25A
Base-Emitter Saturation Voltage (Note 6)
VBE(SAT)
1.0
1.2
V
IC = 0.5A, IB = 0.1A
IC = 1A, IB = 0.25A
Transition Frequency
fT
4
MHz
IC = 0.1A, VCE = 10V
Turn-on Time with Resistive Load
tON
1
µs
IC = 1A,VCC = 125V, IB1 = 0.2A,
IB2 = -0.2A, tp = 25µs
Storage Time with Resistive Load
tS
3.5
Fall Time with Resistive Load
tF
0.65
Note:
6
. Measured under pulsed conditions. Pulse width ≤ 300μs. Duty cycle ≤ 2%.


Similar Part No. - APT13003NZTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
APT13003D BCDSEMI-APT13003D Datasheet
655Kb / 11P
   HIGH VOLTAGE FAST SWITCHING NPN POWER TRANSISTOR
APT13003DI-G1 BCDSEMI-APT13003DI-G1 Datasheet
655Kb / 11P
   HIGH VOLTAGE FAST SWITCHING NPN POWER TRANSISTOR
APT13003DU-G1 BCDSEMI-APT13003DU-G1 Datasheet
655Kb / 11P
   HIGH VOLTAGE FAST SWITCHING NPN POWER TRANSISTOR
APT13003DZ-G1 BCDSEMI-APT13003DZ-G1 Datasheet
655Kb / 11P
   HIGH VOLTAGE FAST SWITCHING NPN POWER TRANSISTOR
APT13003DZTR-G1 BCDSEMI-APT13003DZTR-G1 Datasheet
655Kb / 11P
   HIGH VOLTAGE FAST SWITCHING NPN POWER TRANSISTOR
More results

Similar Description - APT13003NZTR-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APT27H DIODES-APT27H_15 Datasheet
340Kb / 5P
   450V NPN HIGH VOLTAGE POWER TRANSISTOR IN TO92
DXT13003EK DIODES-DXT13003EK_15 Datasheet
323Kb / 7P
   460V NPN HIGH VOLTAGE POWER TRANSISTOR IN TO252
DXT13003DG DIODES-DXT13003DG Datasheet
377Kb / 6P
   450V NPN HIGH VOLTAGE POWER TRANSISTOR IN SOT223
May 2014
DXT13003DG DIODES-DXT13003DG_15 Datasheet
377Kb / 6P
   450V NPN HIGH VOLTAGE POWER TRANSISTOR IN SOT223
DXT13003EK DIODES-DXT13003EK Datasheet
416Kb / 7P
   460V NPN HIGH VOLTAGE POWER TRANSISTOR IN TO252
February 2019
DXT13003DK DIODES-DXT13003DK_15 Datasheet
310Kb / 6P
   450V NPN HIGH VOLTAGE POWER TRANSISTOR IN TO252
FZT657 DIODES-FZT657_15 Datasheet
616Kb / 7P
   300V NPN MEDIUM POWER HIGH VOLTAGE TRANSISTOR IN SOT223
logo
STMicroelectronics
STD616A STMICROELECTRONICS-STD616A_03 Datasheet
122Kb / 6P
   HIGH VOLTAGE NPN POWER TRANSISTOR
STX616 STMICROELECTRONICS-STX616 Datasheet
111Kb / 8P
   High voltage NPN power transistor
logo
Inchange Semiconductor ...
ISB3026 ISC-ISB3026 Datasheet
277Kb / 2P
   High Voltage NPN Power Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com