Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA37-102M Datasheet(PDF) 3 Page - HuaXinAn Electronics CO.,LTD

Part # HA37-102M
Description  Small capacitance and excellent insulation resistance
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

HA37-102M Datasheet(HTML) 3 Page - HuaXinAn Electronics CO.,LTD

  HA37-102M Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD HA37-102M Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD HA37-102M Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD HA37-102M Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD HA37-102M Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD HA37-102M Datasheet HTML 6Page - HuaXinAn Electronics CO.,LTD HA37-102M Datasheet HTML 7Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Surge Absorbers
5 Marking of colour code:
Fast Delivery Time
Model
Colour
HA37-141N
Brown
HA37-181M
Gray
HA37-201M
Red
HA37-251M
Red
HA37-301M
Red
HA37-401M
yellow
HA37-471M
yellow
HA37-501M
Green
HA37-601M
Blue
HA37-102M
Black
6 Part Number System(型号构成):
Example
HA37
— 301
M
No
Symbols Explain
Series Name
HA37 series(Glass Tube Dimension :Diameter: φ2.0mm , Length: 4.0mm)
Nominal DC spark over voltage
The symbol denoting nominal DC spark over voltage shall be expressed by three
numerals.The first and second numerals shall represent the significant figures of
nominal DC spark over voltage in volts(V),and the third numerals shall represent the
number of zeros ,following the significant figures. Example) 301——30×10¹=300
Tolerances of DC Spark over
Voltage
Tolerances: L — ±15% ; M — ±20% ;N — ±30% ;
2
HUAAN LIMITED
www.huaandz.com


Similar Part No. - HA37-102M

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
HA3712FP FARADAY-HA3712FP Datasheet
198Kb / 2P
   HA SERIES HDTV FILTERS
HA3712SP FARADAY-HA3712SP Datasheet
198Kb / 2P
   HA SERIES HDTV FILTERS
logo
Texas Instruments
HA373 TI-HA373 Datasheet
627Kb / 21P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Coilcraft lnc.
HA3778-AL COILCRAFT-HA3778-AL Datasheet
145Kb / 2P
   Shielded Power Inductor
HA3778-ALB COILCRAFT-HA3778-ALB Datasheet
181Kb / 2P
   Shielded Power Inductor
More results

Similar Description - HA37-102M

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
HAS-301M HUAXINAN-HAS-301M Datasheet
339Kb / 8P
   Small capacitance and excellent insulation resistance
HAA-141N HUAXINAN-HAA-141N Datasheet
338Kb / 7P
   Small capacitance and excellent insulation resistance
HAB-141N HUAXINAN-HAB-141N Datasheet
317Kb / 5P
   Small capacitance and excellent insulation resistance
logo
List of Unclassifed Man...
1347018 ETC2-1347018 Datasheet
92Kb / 2P
   CSPE - Chlorosulphonated Polyethylene insulation has excellent heat resistance
GF1000SR ETC2-GF1000SR Datasheet
242Kb / 2P
   Excellent slump resistance
GF1500 ETC2-GF1500 Datasheet
393Kb / 2P
   Excellent slump resistance
logo
Mercury United Electron...
45MQ30A MERCURY-45MQ30A Datasheet
98Kb / 1P
   Thin and light weight; excellent shock and vibration resistance
logo
STMicroelectronics
STW70N60M2 STMICROELECTRONICS-STW70N60M2 Datasheet
1Mb / 13P
   Excellent output capacitance
September 2014 Rev 4
logo
Golledge Electronics Lt...
MCSO6V GOLLEDGE-MCSO6V Datasheet
550Kb / 4P
   Excellent shock & vibration resistance
MCSOFW GOLLEDGE-MCSOFW Datasheet
549Kb / 4P
   Excellent shock & vibration resistance
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com