Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3296X-1-204LF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 3296X-1-204LF
Description  3296 - 3/8 ??Square Trimming Potentiometer - Bourns
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3296X-1-204LF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  3296X-1-204LF Datasheet HTML 1Page - Bourns Electronic Solutions 3296X-1-204LF Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
3296 - 3/8 ” Square Trimming Potentiometer
Features
Multiturn / Cermet / Industrial / Sealed
5 terminal styles
Tape and reel packaging available
Chevron seal design
■ Listed on the QPL for style RJ24 per
MIL-R-22097 and RJR24 per High-Rel
Mil-R-39035
■ Mounting hardware available
(H-117P)
Lead free version available
Electrical Characteristics
Standard Resistance Range
........................10 ohms to 2 megohms
(see standard resistance table)
Resistance Tolerance ............±10 % std.
(tighter tolerance available)
Absolute Minimum Resistance
..............................1 % or 2 ohms max.
(whichever is greater)
Contact Resistance Variation
...........................1.0 % or 3 ohms max.
(whichever is greater)
Adjustability
Voltage.....................................±0.01 %
Resistance ...............................±0.05 %
Resolution.....................................Infinite
Insulation Resistance ................500 vdc.
1,000 megohms min.
Dielectric Strength
Sea Level ..................................900 vac
70,000 Feet...............................350 vac
Effective Travel..................25 turns nom.
Environmental Characteristics
Power Rating (300 volts max.)
70 °C ........................................0.5 watt
125 °C .........................................0 watt
Temperature Range
..................................-55 °C to +150 °C
Temperature Coefficient ....±100 ppm/°C
Seal Test .......................85 °C Fluorinert*
Humidity........MIL-STD-202 Method 103
96 hours
(2 % ∆TR, 10 Megohms IR)
Vibration.........20 G (1 % ∆TR; 1 % ∆VR)
Shock...........100 G (1 % ∆TR; 1 % ∆VR)
Load Life
...............1,000 hours 0.5 watt @ 70 °C
(3 % ∆TR; 3 % or 3 ohms,
whichever is greater, CRV)
Rotational Life ........................200 cycles
(4 % ∆TR; 3 % or 3 ohms,
whichever is greater, CRV)
Physical Characteristics
Torque .............................3.0 oz-in. max.
Mechanical Stops..................Wiper idles
Terminals ........................Solderable pins
Weight ........................................0.03 oz.
Marking ...........................Manufacturer’s
trademark, resistance code,
wiring diagram, date code,
manufacturer’s model
number and style
Wiper..................................50 % ±10 %
Flammability ..........................U.L. 94V-0
Standard Packaging .....50 pcs. per tube
Adjustment Tool ..............................H-90
1
3 CW
CLOCKWISE
CCW
2 WIPER
1.27 ± 0.1
(.050 ± .004)
4.83 ± .13
(.190 ± .005)
9.53
(.375)
1.27 ± 0.1
(.050 ± .004)
Common Dimensions
3296P
5.23
(.206)
2
3
1
3296W
2
3
1
2.41
(.095)
3296X
2
3
1
8.26 ± .64
(.325 ± .025)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.41
(.095)
10.03
(.395)
1.52
(.060)
.38
(.015)
6.40 ± 1.32
(.252 ± .052)
.51 ± .03
(.020 ± .001)
2.54
(.100)
2.54
(.100)
MIN.
DIA.
ADJ. SLOT
2.19
(.086)
.56
(.022)
.76
(.030)
WIDE
X
X
DEEP
DIA.
3296Y (Commercial Only)
1
2
3
1.14
(.045)
2
3
1
3296Z (Commercial Only)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
1.14
(.045)
Resistance
Resistance
(Ohms)
Code
10
100
20
200
50
500
100
101
200
201
500
501
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
25,000
253
50,000
503
100,000
104
200,000
204
250,000
254
500,000
504
1,000,000
105
2,000,000
205
Standard Resistance Table
DIMENSIONS ARE:
MM
(INCHES)
TOLERANCES: ± 0.25 (.010) EXCEPT WHERE NOTED
*”FLUORINERT” IS A REGISTERED TRADEMARK OF 3M CO.
Popular values listed in boldface. Special
resistances available.
How to Order
3296 W - 1 - 103 __ LF
Model
Style
Standard or Modified
Product Indicator
-1 = Standard Product
Resistance Code
Packaging Designator
Blank = Tube (Standard)
R = Tape and Reel (X and W Pin Styles
Only)
A = Ammo Pack (X and W Pin Styles Only)
Terminations
LF = 100 % Tin-plated (lead free)
Blank = 90 % Tin / 10 % Lead-plated
Consult factory for other available options.


Similar Part No. - 3296X-1-204LF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3296X-1-203 BOURNS-3296X-1-203 Datasheet
183Kb / 2P
   3296 - 3/8 ??Square Trimpot짰 Trimming Potentiometer
More results

Similar Description - 3296X-1-204LF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3296X-1-203 BOURNS-3296X-1-203 Datasheet
183Kb / 2P
   3296 - 3/8 ??Square Trimpot짰 Trimming Potentiometer
3296W-1-203 BOURNS-3296W-1-203 Datasheet
183Kb / 2P
   3296 - 3/8 Square Trimpot Trimming Potentiometer
3296Y-1-104LF BOURNS-3296Y-1-104LF Datasheet
189Kb / 2P
   3296 - 3/8 Square Trimpot Trimming Potentiometer
3296Y-1-101LF BOURNS-3296Y-1-101LF Datasheet
176Kb / 2P
   3296 - 3/8 Square Trimpot Trimming Potentiometer
3296W-1-204 BOURNS-3296W-1-204 Datasheet
183Kb / 2P
   3296 - 3/8 ??Square Trimpot짰 Trimming Potentiometer
3296Z-1-102LF BOURNS-3296Z-1-102LF Datasheet
183Kb / 2P
   3296 - 3/8 ??Square Trimpot짰 Trimming Potentiometer
3296W-1-100 BOURNS-3296W-1-100 Datasheet
183Kb / 2P
   3296 - 3/8 ??Square Trimpot짰 Trimming Potentiometer
logo
AVAGO TECHNOLOGIES LIMI...
HSMC-C197 AVAGO-HSMC-C197 Datasheet
188Kb / 10P
   3296 - 3/8 Square Trimpot Trimming Potentiometer
logo
Bourns Electronic Solut...
3296X-1-103 BOURNS-3296X-1-103 Datasheet
183Kb / 2P
   3296 - 3/8 Square Trimpot Trimming Potentiometer
3296W-1-500 BOURNS-3296W-1-500 Datasheet
183Kb / 2P
   3296 - 3/8 ??Square Trimpot짰 Trimming Potentiometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com