Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAB-102M Datasheet(PDF) 4 Page - HuaXinAn Electronics CO.,LTD

Part # HAB-102M
Description  Small capacitance and excellent insulation resistance
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

HAB-102M Datasheet(HTML) 4 Page - HuaXinAn Electronics CO.,LTD

  HAB-102M Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD HAB-102M Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD HAB-102M Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD HAB-102M Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD HAB-102M Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Surge Absorbers
7 Initial Characteristices 基本特性 :
项目
Test Item
测试条件
Test Method
规格值
Specification
直流放电电压
DC Spark-Over
VoltageVs(V)
逐渐地增加测量使用直流电压,即可知其开始电压,测
定电流为一毫安与测定时间最大为一秒
(1sec).(1mA)
(Add and measure the DC Voltage gradually Maxto get
the discharge threshold voltage. The measuring current
is 1mA/1 second max.)
依型号而定
(It depands on each part number.)
内绝缘电阻
Insulation Resistance
在规定的设定直流电压下,跨在两端引线,即测量其内
绝缘电阻值
.(Measure the insulation resistance of two
end of leadwire under the specified DC voltage.)
100MΩ或大于 100MΩ
(100MΩ min.)
静电电容
Capacitance C(pF)
使用频率
1KHZ 与小于或等于 6V 直流电压之电源,即
测量其静电电容量
Measure the Electrostatic
Capacitance under the test condition of 1KHz,DC
6V(max).
1PF 或小于 1PF
(1pF max.)
8 Enviromental Characteristics(环境试验) :
试验项目
Test Item
试验方法
Test Method
性能
Characteristics
耐寒性
(依据 JIS C0020)
Cold Resistance JIS C0020
放置于
-40℃±3℃之环境中 1000 小時后,取出置于常温常湿中 4
小時后
,检测直流开始放电电压,绝缘阻抗,静电容量及检查外观.
After -40±3℃(1000hrs) / room temp.,normal humidity(4 hrs)
cycle,measure the properties.
满足各个特性之规格值
Within standard
mentioned in Initial
Characteristics.
耐热性
(依据 JIS C0021)
Heat Resistance JIS C0021
放置于
125℃±2℃之环境中 1000 小時后,取出置于常温常湿中 4
小時后
,检测直流开始放电电压,绝缘阻抗,静电容量及检查外观.
After 125±2℃(1000hrs) / room temp.,normal humidity(4 hrs)
cycle,measure the properties.
满足各个特性之规格值
Within standard
mentioned in Initial
Characteristics.
耐湿性
(依据 JIS C0022)
Humidity Resistance JIS
C0020
放置于
85℃±2℃ RH85%之环境中 1000 小時后,取出置于常温常
湿中
4 小時后,检测直流开始放电电压,绝缘阻抗,静电容量及
检查外观。
After 85±2℃, 85% RH (1000hrs)/room temp., normal humidity
(4hrs)cycle, measure the properties.
满足各个特性之规格值
Within standard
mentioned in Initial
Characteristics.
温度周期
(依据 JISC0025)
Temperature Cycle Test (JIS
C0025)
-40℃±3℃(30 分)~(常温 3 分)~125℃±2℃(30 分)为 1 周期,重复
25 次后,取出置于常温常湿中 4 小時后,检测直流开始放电电压,
绝缘阻抗,静电容量及检查外观
.
25 times repetition of cycle -40±3℃ (30 Min.),roon temp., (4
Min.),125±2℃(30 Min.),room temp., normal humidity(4hrs) .
满足各个特性之规格值
Within standard
mentioned in Initial
Characteristics.
3
HUAAN LIMITED
www.huaandz.com


Similar Part No. - HAB-102M

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
HAB EDI-HAB Datasheet
77Kb / 2P
   3 AMPERE AXIAL LEAD RECTIFIERS
HAB005 EDI-HAB005 Datasheet
77Kb / 2P
   3 AMPERE AXIAL LEAD RECTIFIERS
HAB010 EDI-HAB010 Datasheet
77Kb / 2P
   3 AMPERE AXIAL LEAD RECTIFIERS
HAB020 EDI-HAB020 Datasheet
77Kb / 2P
   3 AMPERE AXIAL LEAD RECTIFIERS
HAB040 EDI-HAB040 Datasheet
77Kb / 2P
   3 AMPERE AXIAL LEAD RECTIFIERS
More results

Similar Description - HAB-102M

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
HAS-301M HUAXINAN-HAS-301M Datasheet
339Kb / 8P
   Small capacitance and excellent insulation resistance
HA37-141N HUAXINAN-HA37-141N Datasheet
335Kb / 7P
   Small capacitance and excellent insulation resistance
HAA-141N HUAXINAN-HAA-141N Datasheet
338Kb / 7P
   Small capacitance and excellent insulation resistance
logo
List of Unclassifed Man...
1347018 ETC2-1347018 Datasheet
92Kb / 2P
   CSPE - Chlorosulphonated Polyethylene insulation has excellent heat resistance
GF1000SR ETC2-GF1000SR Datasheet
242Kb / 2P
   Excellent slump resistance
GF1500 ETC2-GF1500 Datasheet
393Kb / 2P
   Excellent slump resistance
logo
Mercury United Electron...
45MQ30A MERCURY-45MQ30A Datasheet
98Kb / 1P
   Thin and light weight; excellent shock and vibration resistance
logo
STMicroelectronics
STW70N60M2 STMICROELECTRONICS-STW70N60M2 Datasheet
1Mb / 13P
   Excellent output capacitance
September 2014 Rev 4
logo
Golledge Electronics Lt...
MCSO6V GOLLEDGE-MCSO6V Datasheet
550Kb / 4P
   Excellent shock & vibration resistance
MCSOFW GOLLEDGE-MCSOFW Datasheet
549Kb / 4P
   Excellent shock & vibration resistance
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com