Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMTH4007SPDQ Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMTH4007SPDQ
Description  40V 175C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH4007SPDQ Datasheet(HTML) 5 Page - Diodes Incorporated

  DMTH4007SPDQ Datasheet HTML 1Page - Diodes Incorporated DMTH4007SPDQ Datasheet HTML 2Page - Diodes Incorporated DMTH4007SPDQ Datasheet HTML 3Page - Diodes Incorporated DMTH4007SPDQ Datasheet HTML 4Page - Diodes Incorporated DMTH4007SPDQ Datasheet HTML 5Page - Diodes Incorporated DMTH4007SPDQ Datasheet HTML 6Page - Diodes Incorporated DMTH4007SPDQ Datasheet HTML 7Page - Diodes Incorporated DMTH4007SPDQ Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DMTH4007SPDQ
Document number: DS38393 Rev. 1 - 2
5 of 8
www.diodes.com
November 2015
© Diodes Incorporated
DMTH4007SPDQ
0
0.005
0.01
0.015
0.02
-50
-25
0
25
50
75
100
125 150 175
T , JUNCTION TEMPERATURE ( C)
J
Figure 7 On-Resistance Variation with Temperature
V
= 10V
GS
I = 15A
D
T , JUNCTION TEMPERATURE ( C)
Figure 8 Gate Threshold Variation vs. Ambient Temperature
J
0.5
1
1.5
2
2.5
3
3.5
4
-50
-25
0
25
50
75
100 125 150 175
I = 1mA
D
I = 250µA
D
0
5
10
15
20
25
30
0
0.3
0.6
0.9
1.2
1.5
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Figure 9 Diode Forward Voltage vs. Current
T = -55 C
A
T = 25 C
A
T = 85 C
A
T = 175 C
A
T = 150 C
A
T = 125 C
A
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 10 Typical Junction Capacitance
Ciss
C
oss
Crss
10
100
1000
10000
0
5
10
15
20
25
30
35
40
f = 1MHz
Q
(nC)
g, TOTAL GATE CHARGE
Figure 11 Gate Charge
0
2
4
6
8
10
0
5
10
15
20
25
30
35
40
45
V
= 30V
I =
A
DS
D
20
0.1
1
10
100
0.1
1
10
100
RDS(on)
Limited
T
= 175°C
J (m ax )
T
= 25°C
C
V
= 10V
GS
Single Pulse
DUT on 1 * MRP Board
P
= 1s
W
P
= 100ms
W
P
= 10ms
W
P
= 1ms
W
P
= 100µs
W
P
= 10µs
W
P
= 1µs
W
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 12 SOA, Safe Operation Area


Similar Part No. - DMTH4007SPDQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH4007SPD DIODES-DMTH4007SPD Datasheet
415Kb / 7P
   40V 175C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH4007SPD-13 DIODES-DMTH4007SPD-13 Datasheet
415Kb / 7P
   40V 175C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMTH4007SPDQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH4007SPD DIODES-DMTH4007SPD Datasheet
415Kb / 7P
   40V 175C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH4004SPS DIODES-DMTH4004SPS Datasheet
431Kb / 7P
   40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH4007SPS DIODES-DMTH4007SPS Datasheet
396Kb / 8P
   40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH4004LK3 DIODES-DMTH4004LK3 Datasheet
455Kb / 7P
   40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH4004SCTB DIODES-DMTH4004SCTB Datasheet
701Kb / 6P
   40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMNH4006SK3 DIODES-DMNH4006SK3 Datasheet
652Kb / 7P
   40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH4004LPS DIODES-DMTH4004LPS Datasheet
559Kb / 6P
   40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH4004SPS DIODES-DMTH4004SPS_17 Datasheet
530Kb / 7P
   40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH4007SK3 DIODES-DMTH4007SK3 Datasheet
393Kb / 7P
   40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMNH4011SK3 DIODES-DMNH4011SK3 Datasheet
545Kb / 6P
   40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com