Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN56BN0_C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AN56BN0_C
Description  NEMA Contactors & Starters 33-79
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AN56BN0_C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AN56BN0_C Datasheet HTML 1Page - List of Unclassifed Manufacturers AN56BN0_C Datasheet HTML 2Page - List of Unclassifed Manufacturers AN56BN0_C Datasheet HTML 3Page - List of Unclassifed Manufacturers AN56BN0_C Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
February 2007
CA08102001E
For more information visit: www.eaton.com
33-79
NEMA Contactors & Starters
33
Freedom
Catalog Number Selection
Catalog Number Selection
Table 33-91. Freedom Catalog Numbering System
For Contactor Only orders, add B to end of Catalog Number if NEMA Size 00 – 2, 6.
3E, 4E feature set only.
Uses CT with C396 45 mm OLR, 3E, 4E feature set only.
Not required.
NEMA Sizes 00 and 0 only.
NEMA Sizes 00 and 0 only. Sizes 1 – 8 are 24/60 only.
Device Type
A = Starter
C = Contactor
Contactor Frame Size
NEMA
Size
Continuous
Amp Rating
A =
B =
D =
G =
K =
N =
S =
T =
U =
V =
00
0
1
2
3
4
5
6
7
8
9
18
27
45
90
135
270
540
810
1215
A N 1 4 A N 0 A 3 E 0 0 5
AC Coil Suffix
Suffix
Coil Volts and Hertz
A =
B =
C =
D =
120/60 or 110/50
240/60 or 220/50
480/60 or 440/50
600/60 or 550/50
E =
H =
J =
K =
208/60
277/60
208 – 240/60
240/50
L =
N =
T =
U =
380 – 415/50
550/50
24/60, 24/50
24/50
V =
W =
Y =
32/50
48/60
48/50
Standard
E = IEC
N = NEMA
Device Assembly Configuration
70 = Multi-Speed
1 = Non-reversing
5 = Reversing
OLR Type
4 = Starter w/C396 Electronic Overload
5 = Contactor only — no overload relay
6 = Starter w/C306 Bi-Metal OLR
7 = Starter w/C316 Bi-Metal OLR
8 = Starter w/IT. SSOLR
C396 Electronic Overload FLA Range
(FNVR & FVR Only)
Frame A — NEMA Size 00
P05 = 0.1 – 0.5A
002 = 0.4 – 2.0A
005 = 1.0 – 5.0A
008 = 1.6 – 8.0A
Frame G — NEMA Size 2
008 = 1.6 – 8.0A
032 = 6.4 – 32A
045 = 9.0 – 45A
Frame B — NEMA Size 0
P05 = 0.1 – 0.5A
002 = 0.4 – 2.0A
005 = 1.0 – 5.0A
008 = 1.6 – 8.0A
032 = 6.4 – 32A
Frame K — NEMA Size 3
110 = 22 – 110A
Frame N — NEMA Size 4
150 = 30 – 150A
Frame S — NEMA Size 5
300 = 60 – 300A
Frame D — NEMA Size 1
P05 = 0.1 – 0.5A
002 = 0.4 – 2.0A
005 = 1.0 – 5.0A
008 = 1.6 – 8.0A
032 = 6.4 – 32A
Frame T — NEMA Size 6
600 = 120 – 600A
Frame U — NEMA Size 7
10C = 200 – 1000A
Frame V — NEMA Size 8
15C = 300 – 1500A
C396 Electronic OLR Designation (FVNR & FVR Only)
3E =
Standard C396 OLR, SEL Reset, SEL Class
C306 Bi-Metallic OLR Designation
C =
B =
N/R =
B =
C =
B =
NEMA Size 00, 0
NEMA Size 1, 2
NEMA Size 3, 4
NEMA Size 5
NEMA Size 6
NEMA Size 7, 8
NEMA Enclosure
N = Open
For Starters
Starter
Mounting Option
0 =
V =
Horizontal
Vertical
For Contactors Only
2 =
3 =
4 =
5 =
2-pole
3-pole
4-pole
5-pole


Similar Part No. - AN56BN0_C

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AN560 MICROCHIP-AN560 Datasheet
103Kb / 22P
   Lowpower 3-wire non-volatile memories
1994 - 2002
logo
Panasonic Semiconductor
AN5601 PANASONIC-AN5601 Datasheet
314Kb / 10P
   COLOR SIGNAL, VIDEO SIGNAL AND SYNCHRONOUS SIGNAL PROCESSING IC FOR PAL/NTSC TV
AN5601K PANASONIC-AN5601K Datasheet
314Kb / 10P
   COLOR SIGNAL, VIDEO SIGNAL AND SYNCHRONOUS SIGNAL PROCESSING IC FOR PAL/NTSC TV
AN5607NKP PANASONIC-AN5607NKP Datasheet
934Kb / 14P
   Video Signal Processor IC for PAL/NTSC Color-TV
AN5612 PANASONIC-AN5612 Datasheet
331Kb / 3P
   Video Signal, Chrominance Signal Processing ICs for Color TV
More results

Similar Description - AN56BN0_C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H2013B-3 ETC2-H2013B-3 Datasheet
98Kb / 2P
   NEMA Contactors & Starters Freedom
C320KGS1 ETC-C320KGS1 Datasheet
139Kb / 7P
   IEC Contactors & Starters
V201K4CJ ETC2-V201K4CJ Datasheet
425Kb / 10P
   Vacuum Contactors & Starters
C25DNA215AA161-84 ETC-C25DNA215AA161-84 Datasheet
827Kb / 5P
   Definite Purpose Contactors & Starters
LC1K0910F7 ETC2-LC1K0910F7 Datasheet
5Mb / 56P
   TeSys짰 IEC Contactors and Starters
LC1D18P7 ETC2-LC1D18P7 Datasheet
13Mb / 252P
   TeSys??IEC-Style Contactors and Starters
logo
Schneider Electric
9999SA2 SCHNEIDER-9999SA2 Datasheet
120Kb / 2P
   Start Stop push button kit, NEMA 1, Type S contactors and starters
May 19, 2022
9999SC2 SCHNEIDER-9999SC2 Datasheet
122Kb / 2P
   Hand Off Auto selector switch kit, NEMA 1, for contactors and starters
May 19, 2022
logo
List of Unclassifed Man...
LC1D18F7 ETC2-LC1D18F7 Datasheet
13Mb / 252P
   TeSys??IEC-Style Contactors and Starters
logo
Schneider Electric
9999SC8 SCHNEIDER-9999SC8 Datasheet
92Kb / 2P
   Hand Off Auto selector switch kit, NEMA 1/3R/12, for contactors and starters
May 19, 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com