Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMTH6004SCTB-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMTH6004SCTB-13
Description  60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH6004SCTB-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMTH6004SCTB-13 Datasheet HTML 1Page - Diodes Incorporated DMTH6004SCTB-13 Datasheet HTML 2Page - Diodes Incorporated DMTH6004SCTB-13 Datasheet HTML 3Page - Diodes Incorporated DMTH6004SCTB-13 Datasheet HTML 4Page - Diodes Incorporated DMTH6004SCTB-13 Datasheet HTML 5Page - Diodes Incorporated DMTH6004SCTB-13 Datasheet HTML 6Page - Diodes Incorporated DMTH6004SCTB-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMTH6004SCTB
Document number: DS37382 Rev. 5 - 2
2 of 7
www.diodes.com
November 2015
© Diodes Incorporated
DMTH6004SCTB
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
20
V
Continuous Drain Current (Note 6)
TC = +25°C
(Note 9)
ID
100
A
TC = +100°C
100
Maximum Continuous Body Diode Forward Current (Note 6)
TC = +25°C
IS
100
A
Pulsed Drain Current (10
μs Pulse, Duty Cycle=1%)
IDM
200
A
Avalanche Current, L=0.2mH
IAS
45
A
Avalanche Energy, L=0.2mH
EAS
200
mJ
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
TA = +25°C
PD
4.7
W
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
32
°C/W
Total Power Dissipation (Note 6)
TC = +25°C
PD
136
W
Thermal Resistance, Junction to Case (Note 6)
RθJC
1.1
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +175
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
60
V
VGS = 0V, ID = 1mA
Zero Gate Voltage Drain Current
IDSS
1
µA
VDS = 48V, VGS = 0V
Gate-Source Leakage
IGSS
±100
nA
VGS = 20V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(TH)
2
4
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS(ON)
2.9
3.4
m
Ω
VGS = 10V, ID =100A
Diode Forward Voltage
VSD
1.3
V
VGS = 0V, IS = 100A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
4,556
pF
VDS = 30V, VGS = 0V
f = 1MHz
Output Capacitance
Coss
1,383
Reverse Transfer Capacitance
Crss
105.2
Gate Resistance
Rg
0.66
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge
Qg
95.4
nC
VDD = 30V, ID = 90A,
VGS = 10V
Gate-Source Charge
Qgs
21.6
Gate-Drain Charge
Qgd
20.4
Turn-On Delay Time
tD(ON)
13.2
ns
VDD = 30V, VGS = 10V,
ID =90A, RG = 3.5Ω
Turn-On Rise Time
tR
11.7
Turn-Off Delay Time
tD(OFF)
31
Turn-Off Fall Time
tF
12
Reverse Recovery Time
tRR
50.5
ns
IF=50A, di/dt=100A/µs
Reverse Recovery Charge
QRR
80.8
nC
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal bias to bottom layer 1-inch square copper plate.
6. Thermal resistance from junction to soldering point (on the exposed drain pad).
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.
9. Package limited.


Similar Part No. - DMTH6004SCTB-13

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
DMTH6004SCTB ISC-DMTH6004SCTB Datasheet
298Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Diodes Incorporated
DMTH6004SCTBQ DIODES-DMTH6004SCTBQ Datasheet
554Kb / 7P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH6004SCTBQ-13 DIODES-DMTH6004SCTBQ-13 Datasheet
554Kb / 7P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMTH6004SCTB-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH6005LPS DIODES-DMTH6005LPS Datasheet
577Kb / 7P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH6004SPS DIODES-DMTH6004SPS Datasheet
491Kb / 7P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH6010LK3Q DIODES-DMTH6010LK3Q Datasheet
463Kb / 7P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH6005LPSQ DIODES-DMTH6005LPSQ Datasheet
341Kb / 7P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH6010SK3 DIODES-DMTH6010SK3 Datasheet
554Kb / 7P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH6004LPS DIODES-DMTH6004LPS Datasheet
510Kb / 7P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH6010LPSQ DIODES-DMTH6010LPSQ Datasheet
571Kb / 7P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH6004SCTBQ DIODES-DMTH6004SCTBQ Datasheet
554Kb / 7P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH6004SPSQ DIODES-DMTH6004SPSQ Datasheet
486Kb / 7P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH6009LK3Q DIODES-DMTH6009LK3Q Datasheet
561Kb / 6P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com