Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM6903IS Datasheet(PDF) 8 Page - Champion Microelectronic Corp.

Part # CM6903IS
Description  Low Pin Count PFC/PWM Controller Combo
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM6903IS Datasheet(HTML) 8 Page - Champion Microelectronic Corp.

Back Button CM6903IS Datasheet HTML 4Page - Champion Microelectronic Corp. CM6903IS Datasheet HTML 5Page - Champion Microelectronic Corp. CM6903IS Datasheet HTML 6Page - Champion Microelectronic Corp. CM6903IS Datasheet HTML 7Page - Champion Microelectronic Corp. CM6903IS Datasheet HTML 8Page - Champion Microelectronic Corp. CM6903IS Datasheet HTML 9Page - Champion Microelectronic Corp. CM6903IS Datasheet HTML 10Page - Champion Microelectronic Corp. CM6903IS Datasheet HTML 11Page - Champion Microelectronic Corp. CM6903IS Datasheet HTML 12Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
CM6903/4
Low Pin Count PFC/PWM CONTROLLER COMBO
2002/12/16
Preliminary Rev. 0.4
Champion Microelectronic Corporation
Page 8
Equation 2 means: average boost inductor current equals
to input current.
d
out
l
in
I
V
I
V
×
×
(3)
Therefore, input instantaneous power is about to equal to
the output instantaneous power.
For steady state and for the each phase angle, boost
converter DC equation at continuous conduction mode is:
)
1
(
1
d
V
V
in
out
=
(4)
Rearrange above equations, (1), (2),(3), and (4) in term of
Vout and d, boost converter duty cycle and we can get
average boost diode current equation (5):
e
out
d
R
V
d
I
×
=
2
)
1
(
(5)
Also, the average diode current can be expressed as:
dt
t
I
T
I
off
T
d
sw
d
=
)
(
1
0
(6)
If the value of the boost inductor is large enough, we can
assume
d
d
I
t
I
~
)
(
. It means during each cycle or we
can say during the sampling, the diode current is a
constant.
Therefore, equation (6) becomes:
)
1
(
'
d
I
d
I
T
t
I
I
d
d
sw
off
d
d
×
=
×
=
×
=
(7)
Combine equation (7) and equation (5), and we get:
sw
off
e
out
d
e
out
d
e
out
d
T
t
R
V
I
R
V
d
I
R
V
d
d
I
×
=
×
=
×
=
×
'
2
'
'
)
(
(8)
From this simple equation (8), we implement the PFC control
section of the CM6903.
Leading/Trailing Modulation
Conventional Pulse Width Modulation (PWM) techniques
employ trailing edge modulation in which the switch will turn
ON right after the trailing edge of the system clock. The error
amplifier output is then compared with the modulating ramp.
When the modulating ramp reaches the level of the error
amplifier output voltage, the switch will be turned OFF. When
the switch is ON, the inductor current will ramp up. The
effective duty cycle of the trailing edge modulation is
determined during the ON time of the switch. Figure 2 shows
a typical trailing edge control scheme.
In case of leading edge modulation, the switch is turned OFF
right at the leading edge of the system clock. When the
modulating ramp reaches the level of the error amplifier
output voltage, the switch will be turned ON. The effective
duty-cycle of the leading edge modulation is determined
during OFF time of the switch. Figure 3 shows a leading
edge control scheme.


Similar Part No. - CM6903IS

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM6903A CHAMP-CM6903A Datasheet
311Kb / 14P
   Low Pin Count PFC/PWM CONTROLLER COMBO
CM6903A CHAMP-CM6903A Datasheet
236Kb / 15P
   Low Pin Count PFC/PWM CONTROLLER COMBO
CM6903AGIZ CHAMP-CM6903AGIZ Datasheet
311Kb / 14P
   Low Pin Count PFC/PWM CONTROLLER COMBO
CM6903AGIZ CHAMP-CM6903AGIZ Datasheet
236Kb / 15P
   Low Pin Count PFC/PWM CONTROLLER COMBO
CM6903AIZ CHAMP-CM6903AIZ Datasheet
311Kb / 14P
   Low Pin Count PFC/PWM CONTROLLER COMBO
More results

Similar Description - CM6903IS

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM6903A CHAMP-CM6903A_08 Datasheet
236Kb / 15P
   Low Pin Count PFC/PWM CONTROLLER COMBO
CM6903A CHAMP-CM6903A Datasheet
311Kb / 14P
   Low Pin Count PFC/PWM CONTROLLER COMBO
CM6903B CHAMP-CM6903B Datasheet
222Kb / 14P
   Low Pin Count PFC/PWM CONTROLLER COMBO
logo
Fairchild Semiconductor
FAN4803CP2 FAIRCHILD-FAN4803CP2 Datasheet
116Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CP1 FAIRCHILD-FAN4803CP1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
ML4803 FAIRCHILD-ML4803 Datasheet
133Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS1X FAIRCHILD-FAN4803CS1X Datasheet
109Kb / 1P
   8-Pin PFC and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4803 MICRO-LINEAR-ML4803 Datasheet
195Kb / 13P
   8-Pin PFC and PWM Controller Combo
logo
Fairchild Semiconductor
FAN4803CS1 FAIRCHILD-FAN4803CS1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803 FAIRCHILD-FAN4803 Datasheet
103Kb / 12P
   8-Pin PFC and PWM Controller Combo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com