Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMTH6005LPS Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMTH6005LPS
Description  60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH6005LPS Datasheet(HTML) 1 Page - Diodes Incorporated

  DMTH6005LPS Datasheet HTML 1Page - Diodes Incorporated DMTH6005LPS Datasheet HTML 2Page - Diodes Incorporated DMTH6005LPS Datasheet HTML 3Page - Diodes Incorporated DMTH6005LPS Datasheet HTML 4Page - Diodes Incorporated DMTH6005LPS Datasheet HTML 5Page - Diodes Incorporated DMTH6005LPS Datasheet HTML 6Page - Diodes Incorporated DMTH6005LPS Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
POWERDI is a registered trademark of Diodes Incorporated.
DMTH6005LPS
Document number: DS38151 Rev. 3 - 2
1 of 7
www.diodes.com
November 2015
© Diodes Incorporated
DMTH6005LPS
60V +175°C N-CHANNEL ENHANCEMENT MODE MOSFET
POWERDI
®
Product Summary
BVDSS
RDS(ON) max
ID
TC = +25°C
(Note 9)
60V
5.5
mΩ @ VGS = 10V
100A
Description and Applications
This MOSFET is designed to minimize the on-state resistance
(RDS(ON)) and yet maintain superior switching performance, making it
ideal for high efficiency power management applications.
High Frequency Switching
Sync. Rectification
DCDC Converters
Features
Rated to +175
C – Ideal for High Ambient Temperature
Environments
100% Unclamped Inductive Switching
– ensures more reliable
and robust end application
Low RDS(ON) – minimizes power losses
Low Qg – minimizes switching losses
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
An Automotive-Compliant Part is Available Under Separate
Datasheet (DMTH6005LPSQ)
Mechanical Data
Case: POWERDI
®5060-8
Case Material:
Molded Plastic, “Green” Molding Compound. UL
Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Finish - Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.097 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMTH6005LPS-13
POWERDI
®5060-8
2,500 / Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Bottom View
Top View
Pin Configuration
Top View
Internal Schematic
POWERDI
®5060-8
Pin1
Green
S
D
D
G
D
D
S
S
S
D
S
S
G
D
D
D
H6005LS
YY WW
= Manufacturer’s Marking
H6005LS = Product Type Marking Code
YYWW = Date Code Marking
YY = Year (ex: 15 = 2015)
WW = Week (01 - 53)


Similar Part No. - DMTH6005LPS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH6005LPS DIODES-DMTH6005LPS Datasheet
460Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH6005LPS-13 DIODES-DMTH6005LPS-13 Datasheet
460Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH6005LPSQ DIODES-DMTH6005LPSQ Datasheet
341Kb / 7P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH6005LPSQ DIODES-DMTH6005LPSQ Datasheet
473Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH6005LPSQ-13 DIODES-DMTH6005LPSQ-13 Datasheet
341Kb / 7P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMTH6005LPS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH6004SCTB DIODES-DMTH6004SCTB Datasheet
546Kb / 7P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH6004SPS DIODES-DMTH6004SPS Datasheet
491Kb / 7P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH6010LK3Q DIODES-DMTH6010LK3Q Datasheet
463Kb / 7P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH6005LPSQ DIODES-DMTH6005LPSQ Datasheet
341Kb / 7P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH6010SK3 DIODES-DMTH6010SK3 Datasheet
554Kb / 7P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH6004LPS DIODES-DMTH6004LPS Datasheet
510Kb / 7P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH6010LPSQ DIODES-DMTH6010LPSQ Datasheet
571Kb / 7P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH6004SCTBQ DIODES-DMTH6004SCTBQ Datasheet
554Kb / 7P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH6004SPSQ DIODES-DMTH6004SPSQ Datasheet
486Kb / 7P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH6009LK3Q DIODES-DMTH6009LK3Q Datasheet
561Kb / 6P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com