Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H2013B-3 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # H2013B-3
Description  NEMA Contactors & Starters 33-79
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

H2013B-3 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  H2013B-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers H2013B-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers H2013B-3 Datasheet HTML 3Page - List of Unclassifed Manufacturers H2013B-3 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
February 2007
CA08102001E
For more information visit: www.eaton.com
33-117
NEMA Contactors & Starters
33
Freedom
Relays — Thermal Overload
Product Selection
Table 33-168. C306 Thermal Overload Relays
NEMA Sizes 5 – 8 use the 32A overload in conjunction with CTs.
Series B overload relays have load lugs built into relay base and will only accept Series B heater packs. These relays can be directly attached to
contactor or they can be DIN rail or panel mounted using adapter on Page 33-115.
These relays can be panel mounted only.
Table 33-169. C306 Thermal Overload Relays
Overload relay assembled with mounting adapter for DIN rail or
panel mount.
Panel mount only.
NEMA Sizes 5 – 8 use the 32A overload in conjunction with CTs.
Heater Pack Selection
Heater packs H2001B to H2017B and H2101B to H2117B are
to be used only with Series B overload relays Catalog
Numbers C306DN3B (Part No. 10-7016) and C306GN3B
(Part No. 10-7020). The load lugs are built into the overload
relay base to allow load wiring prior to heater pack installa-
tion. The previous heater design had integral load lugs.
The Series B heater packs are electrically equivalent to the
previous heater design. Heaters H2018-3 to H2024-3 have
not changed.
Table 33-170. Starters with Series B Overload Relays
Note: The series of a starter is the last digit of the listed Catalog
Number. EXAMPLE: AN16DN0AB.
For Use with Freedom
Series Contactors
Maximum
Ampere
Rating
Number
of Poles
Open Type
NEMA 1 Enclosed
NEMA
Size
Catalog
Number
Price
U.S. $
Catalog
Number
Price
U.S. $
00, 0
1, 2
3
4
5 – 8
32
75
105
144
3
3
3
3
C306DN3B
C306GN3B
C306KN3
C306NN3
C306DG3B
C306GG3B
75A Overload
Cat. No. C306GN3B
75A Overload
Cat. No. C306GT3B
32A Overload
Cat. No. C306DT3B
32A Overload
Cat. No. C306DN3B
For Stand-Alone
Applications
Maximum
Ampere
Rating
Number
of Poles
Open Type
NEMA Size
Catalog
Number
Price
U.S. $
00, 0, 1
1
3
4
5 – 8
32
75
105
144
3
3
3
3
C306DT3B
C306GT3B
C306KN3
C306NN3
Heater Pack
H2001B – H2017B
Heater Pack
H2101B – H2117B
Heater Pack
H2018 – H2024
NEMA — AN Type
IEC — AE Type
Size
Series
Size
Series
00 – 0
1 – 2
5
6
7 – 8
C
B
B
C
B
A – F
G – K
C
B
Technical Data . . . . . . . . Page 33-114
Dimensions . . . . . . . . . . . . Page 33-116
Replacement Parts . . . . . Pages 33-115 – 33-116
Discount Symbol . . . . . . . 1CD1C


Similar Part No. - H2013B-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H2013B-3 ETC2-H2013B-3 Datasheet
98Kb / 2P
   NEMA Contactors & Starters Freedom
More results

Similar Description - H2013B-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H2013B-3 ETC2-H2013B-3 Datasheet
98Kb / 2P
   NEMA Contactors & Starters Freedom
C320KGS1 ETC-C320KGS1 Datasheet
139Kb / 7P
   IEC Contactors & Starters
V201K4CJ ETC2-V201K4CJ Datasheet
425Kb / 10P
   Vacuum Contactors & Starters
C25DNA215AA161-84 ETC-C25DNA215AA161-84 Datasheet
827Kb / 5P
   Definite Purpose Contactors & Starters
LC1K0910F7 ETC2-LC1K0910F7 Datasheet
5Mb / 56P
   TeSys짰 IEC Contactors and Starters
LC1D18P7 ETC2-LC1D18P7 Datasheet
13Mb / 252P
   TeSys??IEC-Style Contactors and Starters
logo
Schneider Electric
9999SA2 SCHNEIDER-9999SA2 Datasheet
120Kb / 2P
   Start Stop push button kit, NEMA 1, Type S contactors and starters
May 19, 2022
9999SC2 SCHNEIDER-9999SC2 Datasheet
122Kb / 2P
   Hand Off Auto selector switch kit, NEMA 1, for contactors and starters
May 19, 2022
logo
List of Unclassifed Man...
LC1D18F7 ETC2-LC1D18F7 Datasheet
13Mb / 252P
   TeSys??IEC-Style Contactors and Starters
logo
Schneider Electric
9999SC8 SCHNEIDER-9999SC8 Datasheet
92Kb / 2P
   Hand Off Auto selector switch kit, NEMA 1/3R/12, for contactors and starters
May 19, 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com