Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H2108B-3 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # H2108B-3
Description  NEMA Contactors & Starters 33-79
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

H2108B-3 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  H2108B-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers H2108B-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers H2108B-3 Datasheet HTML 3Page - List of Unclassifed Manufacturers H2108B-3 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
February 2007
33-118
For more information visit: www.eaton.com
CA08102001E
NEMA Contactors & Starters
33
Freedom
Relays — Thermal Overload
Table 33-171. Standard Trip — Class 20 Heater Selection
Heater packs are shipped 3 to a carton. Catalog Numbers are for
3 heater packs.
Sizes 5 – 8 and IEC P – Z use the 32A overload relay with current
transformers.
Table 33-172. Fast Trip — Class 10 Heater Selection
Heater packs are shipped 3 to a carton. Catalog Numbers are for
3 heater packs.
Sizes 5 – 8 and IEC P – Z use the 32A overload relay with current
transformers.
Overload
Relay
Size
Motor Full Load Ampere Rating
Catalog
Number
(Includes
3 Heater
Packs)
Price
U.S. $
Dial Position
A
BCD
For Use with NEMA Sizes 00 – 0 Series C, NEMA Sizes 1 – 2 Series B;
IEC Sizes A – F Series C, IEC Sizes G – K Series B
32A or
75A
.254
.375
.560
.814
1.20
.306
.452
.676
.983
1.45
.359
.530
.791
1.15
1.71
.411
.607
.907
1.32
1.96
H2001B-3
H2002B-3
H2003B-3
H2004B-3
H2005B-3
1.79
2.15
3.23
4.55
6.75
2.16
2.60
3.90
5.50
8.17
2.53
3.04
4.56
6.45
9.58
2.90
3.49
5.23
7.40
11.0
H2006B-3
H2007B-3
H2008B-3
H2009B-3
H2010B-3
9.14
14.0
18.7
23.5
10.8
16.9
22.7
28.5
12.4
19.9
26.7
33.5
14.0
22.8
30.7
38.5
H2011B-3
H2012B-3
H2013B-3
H2014B-3
For Use with NEMA Size 2, IEC Sizes G – K Only — Series B
75A
29.0
39.6
53.9
34.0
45.5
60.9
39.1
51.5
67.9
44.1
57.4
74.9
H2015B-3
H2016B-3
H2017B-3
For Use with NEMA Sizes 3 – 4, IEC Sizes L – N Only — Series A
105A or
144A
8.0
11.4
14.3
18.0
24.6
9.2
12.8
15.7
20.2
27.6
10.3
14.3
17.4
22.3
30.5
11.5
15.7
19.0
24.5
33.4
H2025-3
H2026-3
H2027-3
H2018-3
H2019-3
33.5
45.7
62.2
84.7
106.0
37.5
51.2
69.7
95.0
118.0
41.5
56.7
77.1
105.0
131.0
45.6
62.1
84.6
115.0
144.0
H2020-3
H2021-3
H2022-3
H2023-3
H2024-3
For Use with Size 5 Starters — Series B and IEC P, R and S with 300/5 CT
32A
49
72
107
129
194
59
87
130
156
234
69
103
152
182
274
79
118
174
209
H2004B-3
H2005B-3
H2006B-3
H2007B-3
H2008B-3
For Use with Size 6 Starters Only — Series B and IEC T – V with 600/5 CT
32A
144
215
258
388
174
259
312
468
205
304
365
547
235
348
419
627
H2005B-3
H2006B-3
H2007B-3
H2008B-3
For Use with Size 7 Starters Only — Series B and IEC W – X with 1000/5 CT
32A
163
240
358
430
646
197
290
432
520
780
230
342
506
608
912
264
392
580
698
H2004B-3
H2005B-3
H2006B-3
H2007B-3
H2008B-3
For Use with Size 8 Starters Only — Series B and IEC Z with 1500/5 CT
32A
244
360
537
645
969
295
435
648
780
1170
345
513
759
912
1368
396
588
870
1047
H2004B-3
H2005B-3
H2006B-3
H2007B-3
H2008B-3
Overload
Relay
Size
Motor Full Load Ampere Rating
Catalog
Number
(Includes
3 Heater
Packs)
Price
U.S. $
Dial Position
A
BCD
For Use with NEMA Sizes 00 – 0 Series C, NEMA Sizes 1 – 2 Series B;
IEC Sizes A – F Series C, IEC Sizes G – K Series B
32A or
75A
.260
.384
.570
.846
1.28
.313
.464
.688
1.02
1.55
.367
.543
.806
1.20
1.83
.420
.623
.924
1.37
2.10
H2101B-3
H2102B-3
H2103B-3
H2104B-3
H2105B-3
1.92
2.30
3.38
4.96
7.07
2.33
2.79
4.10
6.03
8.58
2.74
3.28
4.82
7.09
10.1
3.15
3.77
5.54
8.16
11.6
H2106B-3
H2107B-3
H2108B-3
H2109B-3
H2110B-3
9.60
14.4
18.7
23.5
11.2
17.5
21.8
27.3
12.8
20.7
25.0
31.0
14.4
23.8
28.1
34.8
H2111B-3
H2112B-3
H2113B-3
H2114B-3
For Use with NEMA Size 2, IEC Sizes G – K Only — Series B
75A
28.3
36.6
53.8
32.6
42.3
60.8
37.0
48.1
67.9
41.3
53.8
74.9
H2115B-3
H2116B-3
H2117B-3
For Use with Size 5 Starters Only — Series B and IEC P, R and S with 300/5 CT
32A
51
77
115
138
203
61
93
140
167
246
72
110
164
197
289
82
126
189
226
H2104B-3
H2105B-3
H2106B-3
H2107B-3
H2108B-3
For Use with Size 6 Starters Only — Series B and IEC T – V with 600/5 CT
32A
154
230
276
406
186
280
335
492
220
329
394
578
252
378
452
H2105B-3
H2106B-3
H2107B-3
H2108B-3
For Use with Size 7 Starters Only — Series B and IEC W – X with 1000/5 CT
32A
169
256
384
460
676
204
310
466
558
820
240
366
543
656
274
420
630
754
H2104B-3
H2105B-3
H2106B-3
H2107B-3
H2108B-3
For Use with Size 8 Starters Only — Series B and IEC Z with 1500/5 CT
32A
254
384
576
690
1014
306
465
699
837
1230
360
549
822
984
411
630
945
1131
H2104B-3
H2105B-3
H2106B-3
H2107B-3
H2108B-3
Discount Symbol . . . . . . . . . . . . . . . . . . . . . . . 1CD1C


Similar Part No. - H2108B-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H2108B-3 ETC2-H2108B-3 Datasheet
98Kb / 2P
   NEMA Contactors & Starters Freedom
More results

Similar Description - H2108B-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H2013B-3 ETC2-H2013B-3 Datasheet
98Kb / 2P
   NEMA Contactors & Starters Freedom
C320KGS1 ETC-C320KGS1 Datasheet
139Kb / 7P
   IEC Contactors & Starters
V201K4CJ ETC2-V201K4CJ Datasheet
425Kb / 10P
   Vacuum Contactors & Starters
C25DNA215AA161-84 ETC-C25DNA215AA161-84 Datasheet
827Kb / 5P
   Definite Purpose Contactors & Starters
LC1K0910F7 ETC2-LC1K0910F7 Datasheet
5Mb / 56P
   TeSys짰 IEC Contactors and Starters
LC1D18P7 ETC2-LC1D18P7 Datasheet
13Mb / 252P
   TeSys??IEC-Style Contactors and Starters
logo
Schneider Electric
9999SA2 SCHNEIDER-9999SA2 Datasheet
120Kb / 2P
   Start Stop push button kit, NEMA 1, Type S contactors and starters
May 19, 2022
9999SC2 SCHNEIDER-9999SC2 Datasheet
122Kb / 2P
   Hand Off Auto selector switch kit, NEMA 1, for contactors and starters
May 19, 2022
logo
List of Unclassifed Man...
LC1D18F7 ETC2-LC1D18F7 Datasheet
13Mb / 252P
   TeSys??IEC-Style Contactors and Starters
logo
Schneider Electric
9999SC8 SCHNEIDER-9999SC8 Datasheet
92Kb / 2P
   Hand Off Auto selector switch kit, NEMA 1/3R/12, for contactors and starters
May 19, 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com