Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C25GNF390_ Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # C25GNF390_
Description  Definite Purpose Contactors & Starters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

C25GNF390_ Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  C25GNF390_ Datasheet HTML 1Page - List of Unclassifed Manufacturers C25GNF390_ Datasheet HTML 2Page - List of Unclassifed Manufacturers C25GNF390_ Datasheet HTML 3Page - List of Unclassifed Manufacturers C25GNF390_ Datasheet HTML 4Page - List of Unclassifed Manufacturers C25GNF390_ Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
May 2007
CA03502001E
For more information visit: www.eaton.com
3
Definite Purpose Contactors & Starters
Contactors
20 – 40A, Compact 1- and 2-Pole — C25
Contents
Description
Page
Compact 1- and 2-Pole
Contactors 20 – 40A
Product Description . . . . . .
3
Standards and
Certifications . . . . . . . . . .
3
Technical Data —
Specifications . . . . . . . . .
3
Options . . . . . . . . . . . . . . . .
3
Dimensions. . . . . . . . . . . . .
4
Product Selection . . . . . . . .
4
Compact 2-Pole
Product Description
Cutler-Hammer® 20 – 40A, single- and
double-pole, Type C25 contactors from
Eaton’s electrical business feature a
compact, efficient design with a low
VA coil and straight-through wiring.
New contactor housing design effec-
tively limits dust and other contami-
nants from magnet structure —
reduces or eliminates noise. These
economically priced, UL recognized/
CSA certified, ampere rated devices
are well suited for use in heating/air
conditioning, refrigeration, data pro-
cessing and food service applications.
Standards and Certifications
UL Recognized Components: UL File
Number E1491, Guides NLDX2 and
NLDX8
CSA Certified Components: CSA
C22.2 No. 14-05, File Number
238083 Class 3211 84
IEC 60947-4-1
EN 60947-4-1
ARI 780/790 Standard
RoHS Compliance
Technical Data — Specifications
Insulation Voltage: 690V
Current Rated and hp/kW Rated
Contacts: Double Break
Magnet Coil: Class F, 155°C
Contact Arc Covers are standard on
all Contactors
Standard Power Terminals —
5/16" Hex Washer Head Screws
Quad (4) Quick Connect Terminals
on all Line and Load Terminals
Box Lugs available as option
Contactors are marked with Line
and Load Terminal Designations
Operating Temperature Range:
-13 to 158°F (-25 to 70°C)
Terminal Wire Range —
Hex Washer Head Screws:
16 – 10 AWG, 30 lb-in torque
rating
Box Lugs: 16 – 10 AWG, 35 lb-in
torque rating; 8 AWG, 40 lb-in
torque rating; 6 – 4 AWG, 45 lb-in
torque rating
Mounting Position: Vertical,
Horizontal or Tabletop
Table 2. Coil Characteristics
Options
Table 3. Compact Options —
Factory Installed
AC Coil
Voltage
50/60 Hz
Max.
Inrush
VA
Max.
Sealed
VA
Max.
Sealed
Watts
One-Pole
24
120
208/240
277
33
33
33
33
6
6
6
6
2
2
2
2
Two-Pole
24
120
208/240
277
480
41
41
41
41
41
6.5
6.5
6.5
6.5
6.5
3
3
3
3
3
Description
Adder
U.S. $
Box lugs with quick connects for
20 – 40A contactors:
1-Pole
1-Pole with shunt
2-Pole
To order replace letter in the 6th posi-
tion of Catalog Number with letter F.
EXAMPLE: C25BNF240A
8.
8.
8.
Discount Symbol . . . . . . . . . . . . . . . . . . . . . . 1CD-5C


Similar Part No. - C25GNF390_

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C25GNY8 ETC-C25GNY8 Datasheet
231Kb / 1P
   Definite Purpose Contactor
More results

Similar Description - C25GNF390_

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
XMCK AZETTLER-XMCK Datasheet
229Kb / 4P
   Definite Purpose Contactors
logo
Tyco Electronics
DPC MACOM-DPC Datasheet
315Kb / 4P
   Definite Purpose Contactors
logo
List of Unclassifed Man...
XMC0 ETC-XMC0 Datasheet
253Kb / 10P
   Definite Purpose Contactors
logo
American Zettler, Inc.
XMC0 AZETTLER-XMC0 Datasheet
574Kb / 8P
   Definite Purpose Contactors
logo
Hongfa Technology
XMC0 HONGFA-XMC0 Datasheet
1Mb / 12P
   Definite Purpose Contactors
logo
List of Unclassifed Man...
90-244 ETC2-90-244 Datasheet
292Kb / 2P
   2 POLE DEFINITE PURPOSE CONTACTORS
C320KGS1 ETC-C320KGS1 Datasheet
139Kb / 7P
   IEC Contactors & Starters
V201K4CJ ETC2-V201K4CJ Datasheet
425Kb / 10P
   Vacuum Contactors & Starters
H2013B-3 ETC2-H2013B-3 Datasheet
98Kb / 2P
   NEMA Contactors & Starters Freedom
AN14AN0A3E005 ETC-AN14AN0A3E005 Datasheet
226Kb / 4P
   NEMA Contactors & Starters 33-79
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com