Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C25DRD215_ Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # C25DRD215_
Description  Definite Purpose Contactors & Starters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

C25DRD215_ Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  C25DRD215_ Datasheet HTML 1Page - List of Unclassifed Manufacturers C25DRD215_ Datasheet HTML 2Page - List of Unclassifed Manufacturers C25DRD215_ Datasheet HTML 3Page - List of Unclassifed Manufacturers C25DRD215_ Datasheet HTML 4Page - List of Unclassifed Manufacturers C25DRD215_ Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
May 2007
CA03502001E
For more information visit: www.eaton.com
5
Definite Purpose Contactors & Starters
Contactors
15 – 360A, 2-, 3- and 4-Pole — C25
50 mm DP Contactor
Product Description
Cutler-Hammer® Type C25 Definite
Purpose Contactors 15A through 360A,
from Eaton’s electrical business incor-
porate most competitive contactor
mounting dimensions into a single
baseplate. Contactors are dual-rated
with inductive and resistive ratings as
well as horsepower and kilowatt rat-
ings. C25 contactors are furnished with
pressure plates and quick connect ter-
minals as standard on 15, 25 and 30A
devices and with box lugs and quick-
connect terminals on 40, 50, 60 and
75A. Other terminal configurations are
available, see Table 14. Contactors will
accept add-on auxiliary contacts —
order factory assembled or as kits for
field installation.
The separately available snap-on
mechanical interlock permits interlock-
ing two contactors for reversing or
two-speed applications.
Contactors rated 15 – 50A only are
available with DIN rail mount as a fac-
tory installed option.
Standards and Certifications
UL Recognized Components
UL File #E-1491, Guide NLDX2
CSA Certified Components
File #LR353, Class 3211 04, 481301
& 122201
IEC 60947-4-1
EN 60947-4-1
RoHS Compliance (15A to 50A Only)
Technical Data and
Specifications
Magnet coil:
Class B (C25E, F, G, H and K),
130°C
Class F (C25D and L), 155°C
Class H (C25D), 180°C (Available
as factory installed option)
Contacts: Double break
Coil terminals: 10 – 14 AWG
Ambient temperature: 150°F (65°C)
maximum
UL recognized, CSA certified and
conform to ARI 780
CE mark
Terminal wire range:
#8–32 binding head screw:
14 – 12 AWG (one conductor-
solid)
#8–32 screw/pressure plate:
– 14 – 8 AWG (one conductor)
– 14 – 8 AWG (two conductors)
Box lugs — 15 – 50A:
– # 2 posidrive screw or 5/32 hex
socket screw
– Upper Level: 14 – 4 AWG (one
conductor)
– Lower Level: 14 – 6 AWG (one
conductor)
Box lugs — 60 – 75A
– Upper Level: 14 – 2 AWG
– Lower Level: 14 – 6 AWG
Note: The box lugs on the 15 – 75A
device can accept two conductors per
pole.
Box lugs — 90A: 1/0 – 14 AWG
Box lugs — 120A: 3/0 – 8 AWG
Box lugs — 200 – 300A: 350
MCM – 6 AWG
Box lugs — 360A: 750 MCM – 2 AWG
Table 7. Lighting Duty Ratings
(25A to 50A Only)
Table 8. IEC/CE Ratings (IEC 60947-4-1, EN 60947-4-1) for 15A through 50A C25D_Contactors
Table 9. DC Ratings (15A to 50A Only)
Table 10. Contactor Torque Ratings
The box lugs on the 15 – 50A device can accept 2 conductors per pole, the upper section will
accept 4 – 14 AWG and the lower section will accept 6 – 14 AWG.
The box lugs on the 60 – 75A device can accept 2 conductors per pole, the upper section will
accept 3 – 14 AWG and the lower section will accept 6 – 14 AWG.
C25D_
Inductive Rating
Tungsten
& Ballast (480V)
25A
30A
40A
50A
30A
40A
50A
60A
C25D_
Inductive
Rating
AC-1 (Ic)
AC-3 (Ie)
AC-4 (Ie)
AC-8a
480V
600V
480V
600V
480V
600V
480V
600V
15A
25A
30A
40A
50A
20A
30A
40A
50A
65A
20A
30A
40A
65A
15A
25A
30A
40A
50A
15A
25A
30A
50A
15A
25A
30A
40A
50A
15A
25A
30A
40A
50A
15A
25A
30A
50A
Voltage
2-Pole,
15 – 30A Inductive
2-Pole,
40A Inductive
3-Pole,
15 – 30A Inductive
3-Pole,
40A Inductive
UL/
CSA
DC-3/
DC-5
UL/
CSA
DC-3/
DC-5
UL/
CSA
DC-3/
DC-5
UL/
CSA
DC-3/
DC-5
FLA
hp
Ie
FLA hp
Ie
FLA
hp
Ie
FLA hp
Ie
240V DC 3 Poles in Series —
4
3/4
4
5
1
5
120V DC 3 Poles in Series —
8
3/4
8
10
1
10
120V DC 2 Poles in Series 5.5
1/2
5.5
8
3/4 8
5.5
1/2
5.5
8
3/4 8
120V DC per Pole
2
1/10
2
3.5
1/4 3.5
2
1/10
2
3.5
1/4 3.5
24V DC per Pole
15
15
20
20
15
15
20
20
Contactor Size
Terminal
Wire Range
Tightening Torque
15 – 50A
8–32 Binding Head Screw
12 – 14 AWG
22 lb-in
Screw/Pressure Plate
8 – 14 AWG
15 lb-in
Box Lug
12 – 14 AWG
10 AWG
8 AWG
4 – 6 AWG
15 lb-in
25 lb-in
40 lb-in
45 lb-in
60 – 75A
Box Lug
10 – 14 AWG
8 AWG
3 – 6 AWG
40 lb-in
45 lb-in
50 lb-in
90A
Box Lug
1/0 – 14 AWG
60 lb-in
120A
Box Lug
8 AWG
4 – 6 AWG
3 – 1/0 AWG
40 lb-in
45 lb-in
50 lb-in
200 – 300A
Box Lug
6 – 350 MCM
200 lb-in
360A
Box Lug
2 – 750 MCM
550 lb-in


Similar Part No. - C25DRD215_

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C25DRT SILABS-C25DRT Datasheet
570Kb / 3P
   INSULATOR MATERIAL: SEEPART NUMBER CODING
C25DRX SILABS-C25DRX Datasheet
265Kb / 3P
   BOARD INSERTION FORCE: 16 OZ MAX PER CONTACT PAIR WHEN USING A .062 TEST BLADE
C25DRY SILABS-C25DRY Datasheet
107Kb / 3P
   PLATING: SEE PART NUMBER CODING OPERTING
More results

Similar Description - C25DRD215_

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
XMCK AZETTLER-XMCK Datasheet
229Kb / 4P
   Definite Purpose Contactors
logo
Tyco Electronics
DPC MACOM-DPC Datasheet
315Kb / 4P
   Definite Purpose Contactors
logo
List of Unclassifed Man...
XMC0 ETC-XMC0 Datasheet
253Kb / 10P
   Definite Purpose Contactors
logo
American Zettler, Inc.
XMC0 AZETTLER-XMC0 Datasheet
574Kb / 8P
   Definite Purpose Contactors
logo
Hongfa Technology
XMC0 HONGFA-XMC0 Datasheet
1Mb / 12P
   Definite Purpose Contactors
logo
List of Unclassifed Man...
90-244 ETC2-90-244 Datasheet
292Kb / 2P
   2 POLE DEFINITE PURPOSE CONTACTORS
C320KGS1 ETC-C320KGS1 Datasheet
139Kb / 7P
   IEC Contactors & Starters
V201K4CJ ETC2-V201K4CJ Datasheet
425Kb / 10P
   Vacuum Contactors & Starters
H2013B-3 ETC2-H2013B-3 Datasheet
98Kb / 2P
   NEMA Contactors & Starters Freedom
AN14AN0A3E005 ETC-AN14AN0A3E005 Datasheet
226Kb / 4P
   NEMA Contactors & Starters 33-79
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com