Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMS6002GQTA Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXMS6002GQTA
Description  60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMS6002GQTA Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXMS6002GQTA Datasheet HTML 1Page - Diodes Incorporated ZXMS6002GQTA Datasheet HTML 2Page - Diodes Incorporated ZXMS6002GQTA Datasheet HTML 3Page - Diodes Incorporated ZXMS6002GQTA Datasheet HTML 4Page - Diodes Incorporated ZXMS6002GQTA Datasheet HTML 5Page - Diodes Incorporated ZXMS6002GQTA Datasheet HTML 6Page - Diodes Incorporated ZXMS6002GQTA Datasheet HTML 7Page - Diodes Incorporated ZXMS6002GQTA Datasheet HTML 8Page - Diodes Incorporated ZXMS6002GQTA Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IntelliFET is a registered trademark of Diodes Incorporated.
ZXMS6002GQ
Document number: DS33606 Rev. 1 - 2
4 of 9
www.diodes.com
April 2014
© Diodes Incorporated
ZXMS6002GQ
Thermal Resistance (@Tamb = +25°C, unless otherwise stated.)
PARAMETER
SYMBOL
VALUE
UNIT
Junction to Ambient
RθJA
50
C/W
Junction to Ambient
RθJA
28
C/W
Notes:
6. For a device surface mounted on 50mm x 50mm x 1.6mm FR4 board with a high coverage of single sided 2oz weight copper.
7. For a device surface mounted on FR4 board and measured at t<=10s.
Thermal Characteristics


Similar Part No. - ZXMS6002GQTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMS6002G ZETEX-ZXMS6002G Datasheet
576Kb / 10P
   60V N-Channel self protected enhancement mode IntelliFET??MOSFET with status indication
logo
Diodes Incorporated
ZXMS6002G DIODES-ZXMS6002G Datasheet
675Kb / 10P
   60V N-Channel self protected enhancement mode
logo
Zetex Semiconductors
ZXMS6002GTA ZETEX-ZXMS6002GTA Datasheet
576Kb / 10P
   60V N-Channel self protected enhancement mode IntelliFET??MOSFET with status indication
logo
Diodes Incorporated
ZXMS6002GTA DIODES-ZXMS6002GTA Datasheet
675Kb / 10P
   60V N-Channel self protected enhancement mode
More results

Similar Description - ZXMS6002GQTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMS6003G DIODES-ZXMS6003G Datasheet
789Kb / 10P
   60V N-channel self protected enhancement mode
ZXMS6004FFQ DIODES-ZXMS6004FFQ Datasheet
421Kb / 9P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
ZXMS6005DT8Q DIODES-ZXMS6005DT8Q Datasheet
359Kb / 9P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
ZXMS6002G DIODES-ZXMS6002G Datasheet
675Kb / 10P
   60V N-Channel self protected enhancement mode
ZXMS6006SG DIODES-ZXMS6006SG Datasheet
249Kb / 9P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
DS35141 Rev. 1 - 2
ZXMS6004DGQ DIODES-ZXMS6004DGQ Datasheet
435Kb / 8P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
ZXMS6004DN8 DIODES-ZXMS6004DN8 Datasheet
424Kb / 9P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
ZXMS6004N8 DIODES-ZXMS6004N8 Datasheet
717Kb / 8P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
ZXMS6005DGQ DIODES-ZXMS6005DGQ Datasheet
253Kb / 9P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
ZXMS6001N3 DIODES-ZXMS6001N3 Datasheet
205Kb / 10P
   60V N-channel self protected enhancement mode
ZXMS6004DG DIODES-ZXMS6004DG Datasheet
485Kb / 10P
   60V N-channel self protected enhancement mode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com