Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX342B6 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CX342B6
Description  Microprocessor Timer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CX342B6 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CX342B6 Datasheet HTML 1Page - List of Unclassifed Manufacturers CX342B6 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
T
O
T
A
L
I
Z
I
N
G
E
L
E
C
T
R
O
N
I
C
5
T
I
M
E
R
S
5.35
DANAHER SENSORS & CONTROLS
ORDERING INFORMATION
OUTPUT OPERATING MODES
ON-Delay Operation
The contacts are energized at the end of the timing/counting cycle
and remain energized until the unit is reset.
Pulse Output Operation
The contacts are energized at the end of the timing/counting cycle
for a pulse which is user programmable. See Front Panel Feature
Programming instructions for details on how to program the pulse
length..
Interval Operation
The contacts are energized during the timing/counting cycle and
thenshutoffattheendofthecycle.
Pulse and Repeat Operation
The contacts are energized at the end of the timing/counting cycle for a
pulse which is user programmable. At the same time that the cycle is
completed and the pulse output begins, the timing/counting cycle resets
and begins again. This repeat operation continues as long as the start
circuit is energized.
CX3
1
2
A6
120 VAC, 50/60 Hz
240 VAC, 50/60 Hz
24 VAC, 50/60 Hz
Description
A6
B6
Z6
Sym.
VOLTAGE & FREQUENCY
1
4
10A DPDT Instantaneous
10 DPDT Delayed Relay Output
1A Solid State Output
Sym.
Description
OUTPUT TYPE
1
2
12-50 VDC, 20-28 VAC, 50/60 Hz
120 VDC, 120 VAC, 50/60 Hz
Sym.
Description
COUNT / INHIBIT
INPUT VOLTAGE
START INPUT
RESET
RESET
PROGRAMMED
CONTACTS
TIMING OR COUNTING
START INPUT
PROGRAMMED
CONTACTS
RESET
TIMING OR COUNTING
START INPUT
RESET
PULSE
PROGRAMMED
CONTACTS
TIMING OR
COUNTING
PULSE
TIMING OR
COUNTING
START INPUT
RESET
PULSE
PROGRAMMED
CONTACTS
TIMING OR
COUNTING
ENCLOSURES
Model No.
NEMA Class
Description
HN308
1
Surface Mtg. with terminal block
HN364
1
Surface Mtg. without terminal block
HN370
1A
Dual unit cabinet less unit cases and
toggle switch, with 9 terminal block
ACCESSORIES
Model No.
Description
H-5331
Mounting Brackets 2 req'd per timer
HP50-31
One Hole Mounting Ring
HP50-131
CYCL-FLEX Water-Sealed Housing
HP50-133
Surface Mounting Adapter to use in place of brackets
PDM-534
1/4 DIN Adapter Plate
3.062
(77.77)
4.125
(104.78)
5.750
(146.05)
1.625
(41.27)
3.812
(96.82)
4.250
(107.95)
DRILL AND TAP FOUR
HOLES FOR 8-32 SCREWS
(INCLUDED W/UNIT)
3.187 .062
(80.95 1.57)
DIA. CUTOUT
+
+
1.406
(35.71)
1.406
(35.71)
1.406
(35.71)
1.406
(35.71)
MTG. HOLE
USED FOR
GROUNDING
CASE
MOUNTING


Similar Part No. - CX342B6

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
CX3 EUROQUARTZ-CX3 Datasheet
249Kb / 1P
   Tape and Reel Dimensions for CX Crystals
logo
IQD Frequency Products ...
CX3-AT IQD-CX3-AT Datasheet
179Kb / 2P
   Quartz Crystal Specification
CX3-EXT IQD-CX3-EXT Datasheet
217Kb / 3P
   Quartz Crystal Specification
logo
Crydom Inc.,
CX300A5 CRYDOM-CX300A5 Datasheet
660Kb / 5P
   Ratings of 5A @ 660 VAC
CX300A5R CRYDOM-CX300A5R Datasheet
660Kb / 5P
   Ratings of 5A @ 660 VAC
More results

Similar Description - CX342B6

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3946DTRG4 TI1-UCC3946DTRG4 Datasheet
664Kb / 17P
[Old version datasheet]   MICROPROCESSOR SUPERVISOR WITH WATCHDOG TIMER
UCC2946-Q1 TI1-UCC2946-Q1 Datasheet
231Kb / 13P
[Old version datasheet]   MICROPROCESSOR SUPERVISOR WITH WATCHDOG TIMER
UCC1946 TI-UCC1946 Datasheet
105Kb / 6P
[Old version datasheet]   Microprocessor Supervisor with Watchdog Timer
logo
RICOH electronics devic...
R5104V RICOH-R5104V Datasheet
794Kb / 20P
   Microprocessor power management with Watchdog Timer
R5101G RICOH-R5101G Datasheet
330Kb / 17P
   Microprocessor power management with Watchdog Timer
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823_07 Datasheet
316Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
National Semiconductor ...
LM3706 NSC-LM3706 Datasheet
217Kb / 11P
   Microprocessor Supervisory Circuits with Low Line Output and Watchdog Timer
logo
Maxim Integrated Produc...
MAX823SEUK-T MAXIM-MAX823SEUK-T Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com