Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX23880 Datasheet(PDF) 6 Page - Synaptics Incorporated.

Part # CX23880
Description  PCl Audio/Video Broadcast Decoder
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX23880 Datasheet(HTML) 6 Page - Synaptics Incorporated.

  CX23880 Datasheet HTML 1Page - Synaptics Incorporated. CX23880 Datasheet HTML 2Page - Synaptics Incorporated. CX23880 Datasheet HTML 3Page - Synaptics Incorporated. CX23880 Datasheet HTML 4Page - Synaptics Incorporated. CX23880 Datasheet HTML 5Page - Synaptics Incorporated. CX23880 Datasheet HTML 6Page - Synaptics Incorporated. CX23880 Datasheet HTML 7Page - Synaptics Incorporated. CX23880 Datasheet HTML 8Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
digital
infotainment
products
MPEG Data Port
Channel demodulators used for digital TV or broadband
data applications over terrestrial, satellite, or cable
networks may be directly connected to the CX23880/CX23881’s
MPEG data port to deliver transport streams to the host for
subsequent storage to disk or software decode. Either parallel
Digital Video Broadcasting (DVB) (common interface) or
serial data paths from the channel demodulator may be
supported at data transfer rates of up to 80 Mbps. If the
serial interface mode is used, then the remaining unused
pins on this port may be allocated as GPIO.
VIP 2.0 Host-Master Interface Port (CX23880 only)
The VIP 2.0 host-master interface allows the CX23880 to
communicate with all devices that are compliant with the
VIP slave specification. This implementation of a VIP 2.0
master is backwards-compatible with all VIP 1.1-compliant
slave interfaces. The CX23880 is designed to connect to the
CX23490 all-format MPEG-2 decoder via this interface. The
functionality of the VIP host-master interface is threefold.
The first concept is to stream data from a VIP slave into
host memory via the PCI bus. The second concept is to
stream out data to a VIP slave that is sent over the PCI bus
from the host. The third concept is for the host to be able
to access register space on connected VIP slave devices.
The CX23881 does not support the VIP 2.0 host master
interface port and in order to retain pin compatability with
the CX23880, these pins are configured as GPIO.
General Purpose Host Interface Port
The general purpose host interface allows the
connection of moderate to relatively slow-speed third-party
peripherals (such as infrared remote control processors,
codec host ports, smart card controllers, etc.), to the
CX23880/CX23881. This port allows simultaneous
connection to two peripherals glue free, or as many as
four peripherals with the use of external glue logic to
provide the additional chip selects. This interface may have
one upstream and one downstream DMA channel active
to or from the external peripherals at any given time.
GPIO Port
The CX23880/CX23881 provides up to 24 GPIO pins. These
GPIO pins are shared with the following pins/ports groups
so that the user can determine exactly which pins can be
dedicated to specific functions versus GPIO functions:
• MPEG parallel data port
• ITU–R 656 4:2:2 data output
• ITU–R 656 4:2:2 data input
• Extended VIP host port
Serial Bus Interface
The CX23880/CX23881’s serial bus interface supports both
99.2 KHz timing transactions and 396.8 kHz, repeated start,
multibyte sequential transactions. As a serial bus master,
the CX23880/CX23881 can program other devices on the
video card, such as a TV tuner, as long as the device
address is known. The CX23880/CX23881 supports
multibyte sequential reads (more than one transaction)
and multibyte write transactions (greater than three
transactions), which enable communication to devices
that support auto-incremental internal addressing.
PCI Bus Interface
The CX23880/CX23881 is designed to efficiently utilize the
available 132 Mbps PCI bus. The 32-bit words are output
on the PCI bus with the appropriate image data under the
control of the DMA channels. The video stream consumes
bus bandwidth with average data rates varying from 44
Mbps for full-size 768 x 576 PAL RGB32, to 4.6 Mbps for
NTSC CIF 320 x 240 RGB16, to 0.14 Mbps for NTSC ICON
80 x 60 8-bit mode.
The pixel instruction stream for the DMA channels
consumes a minimum of 0.1 Mbps. The CX23880/CX23881
provides the means for handling the bandwidth bottle-
necks caused by slow targets and long bus access
latencies that can occur in some system configurations.
To overcome these system bottlenecks, the CX23880
gracefully degrades and recovers from FIFO overruns
to the nearest pixel in real time.


Similar Part No. - CX23880

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX23885 CONEXANT-CX23885 Datasheet
216Kb / 2P
   PCI Express Broadcast Audio/Video
CX23888 CONEXANT-CX23888 Datasheet
208Kb / 2P
   PCI Express Broadcast Audio/Video
More results

Similar Description - CX23880

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7134HL PHILIPS-SAA7134HL Datasheet
211Kb / 52P
   PCI audio and video broadcast decoder
2002 Dec 17
SAA7133HL PHILIPS-SAA7133HL Datasheet
227Kb / 52P
   PCI audio and video broadcast decoder
2003 Feb 04
logo
Synaptics Incorporated.
CX25843 CONEXANT-CX25843 Datasheet
260Kb / 4P
   Single-Chip Broadcast Audio/Video Decoder
logo
NXP Semiconductors
SAA7130HL PHILIPS-SAA7130HL Datasheet
196Kb / 48P
   PCI video broadcast decoder
2002 Apr 23
logo
General Cable Technolog...
C1331A GENERAL-C1331A Datasheet
74Kb / 1P
   Audio/Video & Broadcast Cable
C1343A GENERAL-C1343A Datasheet
75Kb / 1P
   Audio/Video & Broadcast Cable
C1202 GENERAL-C1202 Datasheet
73Kb / 1P
   Audio/Video & Broadcast Cable
logo
NXP Semiconductors
SAA3500H PHILIPS-SAA3500H Datasheet
156Kb / 32P
   Digital audio broadcast channel decoder
2000 Jun 14
SAA2501 PHILIPS-SAA2501 Datasheet
206Kb / 52P
   Digital Audio Broadcast DAB decoder
January 1995
logo
Synaptics Incorporated.
CX23885 CONEXANT-CX23885 Datasheet
216Kb / 2P
   PCI Express Broadcast Audio/Video
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com