Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT6S-2P2 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # CT6S-2P2
Description  programmable counter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CT6S-2P2 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button CT6S-2P2 Datasheet HTML 4Page - List of Unclassifed Manufacturers CT6S-2P2 Datasheet HTML 5Page - List of Unclassifed Manufacturers CT6S-2P2 Datasheet HTML 6Page - List of Unclassifed Manufacturers CT6S-2P2 Datasheet HTML 7Page - List of Unclassifed Manufacturers CT6S-2P2 Datasheet HTML 8Page - List of Unclassifed Manufacturers CT6S-2P2 Datasheet HTML 9Page - List of Unclassifed Manufacturers CT6S-2P2 Datasheet HTML 10Page - List of Unclassifed Manufacturers CT6S-2P2 Datasheet HTML 11Page - List of Unclassifed Manufacturers CT6S-2P2 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
L268
KKKKKK
LO
KKKMKK
LO
Kj Tqj ikab1 fp bjpbno fjpk peb
lnbobp r^hqb obppfjd ikab qofjd
gbu3 ,RU6, NGF hfdepo ^ja cfnop
afdfp kc lnbobp r^hqb ch^oebo3
Veb lnbobp r^hqb fo obp pk ,755,
qofjd
1
^ja
gbuo1 pebj
lnboo
gbu pk `kilhbpb RU7
obppfjd ^ja nbpqnj pk Tqj ikab3
KKKLRK
LO
Veb lnbobp r^hqb fo obp pk ,6=5,
qofjd
1
^ja
gbuo1 pebj
lnboo
gbu pk bjpbn fjpk peb
RU7obppfjd ikab3
zU*ow sp mrkwqswq }ro y{o|o} *ku~oA swy~} xyo{k}sxw kwn x~}y~} mxw}{xu +suu mxw}sw~oC Yw knns}sxwA }ro
y{o|o} *ku~o mx~un lo |o} }x E kwn E y{o|o} *ku~o }~{w| ]\C Qmmx{nswq }x x~}y~} vxnoA y{o|o} *ku~o mx~un
wx} lo |o} }x EC ?erow |o}}swq }x EA y{o|o} *ku~o <E< +suu puk|r H }svo|C@
zao}}swq *ku~o xp p~wm}sxw |o}}swq vxno mkw lo mxwps{von ~|swq }ro
kwn
to-|C
zao}}swq *ku~o F?^aF@ kwn |o}}swq *ku~o G?^aG@ k{o ns|yuk-on okmr }svo y{o||swq
to- sw n~ku y{o|o} vxnouC
?Yw }svo{A s} s| k*ksukluo px{ a`WA a`kLAx{ a`kM x~}y~} vxnoC@
zYw `~w vxno x{ p~wm}sxw |o}}swq vxnoA sp y{o||swq
to- x{ kyyu-swq }ro |sqwku }x }ro `UaUb }o{vswku
xw }ro lkmt |snoA y{o|ow} *ku~o +suu lo sws}skus.on kwn x~}y~} +suu vksw}ksw xpp |}k}~|C
{Qpiuom vn PObQV ymzzquo |is{m
Kc lnboofjd
gbu fj Tqj ikab1 fp sfhh bjpbn fjpk DCVEJ `kqjpbn fjaf`^pfkj ikab3
Yw RQbSX mx~w}o{ swnsmk}sxw vxnoA >RQbSX mx~w}o{ *ku~o> s| ns|yuk-on sw mx~w} swnsmk}x{ kwn >RQbSX mx~w}o{
|o}}swq *ku~o> s| ns|yuk-on sw y{o|o} swnsmk}x{C
DCVEJ r^hqb fo obp pk ,755,
qofjd
1
^ja
gbuo1
pebj lnboo
gbu pk
`kilhbpb DCVEJ obppfjd
r^hqb ^ja ikrb pk DCVEJ
`kqjpbn fjaf`^pfkj ikab3
KKKKKK
K
KKKMKK
K
Kp bjpbno fjpk obppfjd
r^hqb `e^jdb ikab
qofjd
gbu3
-DC3U hfdepo1 cfnop afdfp kc
obppfjd r^hqb ch^oebo3.
1^{o||
to- }x |k*o |o} *ku~o kp}o{ mrkwqswq }ro |o}}swq *ku~oC browA s} vx*o| }x wo,} yk{kvo}o{ x{ {o}~{w|
}x `c\ vxnoC Xx+o*o{A sp wx to- s| }x~mron px{ KE |omCA s} +suu {o}~{w }x `c\ vxno +s}rx~} loswq |k*onC
`c\
tvlm
T{ukzqvu ymzzquo
kpmkr tvlm
PObQV kv{uzmx
qulqkizqvu tvlm
PObQV `SaSb
Qpiuom vn
wxmymz
`SaSb
6ob`3
Qpiuom vn
PObQV
ymzzquo |is{mB
8ob`3
:ob`3
>-E?
>-E?
yDCVEJ `kqjpbn fo
^r^fh^_hb ckn
EV;O26R47R kjhu3
>-E?Kc jk gbu fo pkq`eba ckn ;5 ob`31 peb `kqjpbn sfhh
nbpqnj pk TWP ikab sfpekqp _bfjd nbopknba3
GymkBN Suzmxy quzv wixitmzmx E oxv{w
IymkBN Suzmxy quzv wixitmzmx F oxv{w
T{ukzqvu
ymzzquo tvlm
6ob`3
8ob`3
0]wmxizqvuy iul n{ukzqvuy
Qb amxqmy
0PObQV Qv{uzmx>Tvx QbJ[AE^//CQbJ[AF^// tvlmsvus*?
.Qpiuom vn wxmymz>Qv{uzmxCbqtmx?
.T{ukzqvu ymzzquo kpmkr tvlm
.a}qzkpquo lqywsi* n{ukzqvu qu wxmymz qulqkizvx
.`mymz


Similar Part No. - CT6S-2P2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CT6S104 ETC1-CT6S104 Datasheet
369Kb / 6P
   Single Turn Trimming Potentiometer 6 mm Square, Cermet
More results

Similar Description - CT6S-2P2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74F525 NSC-74F525 Datasheet
178Kb / 10P
   Programmable Counter
logo
Toshiba Semiconductor
TC9198P TOSHIBA-TC9198P Datasheet
347Kb / 8P
   PROGRAMMABLE COUNTER
logo
Exar Corporation
XR-2240 EXAR-XR-2240 Datasheet
215Kb / 3P
   PROGRAMMABLE TIMER / COUNTER
logo
National Semiconductor ...
LM2240 NSC-LM2240 Datasheet
190Kb / 10P
   Programmable Timer/Counter
logo
List of Unclassifed Man...
C8254 ETC-C8254 Datasheet
290Kb / 6P
   PROGRAMMABLE TIMER /COUNTER MEGAFUNCTION
HEF4059BT-652 ETC2-HEF4059BT-652 Datasheet
61Kb / 6P
   Programmable divide-by-n counter
logo
NXP Semiconductors
HEF4059B PHILIPS-HEF4059B Datasheet
58Kb / 6P
   Programmable divide-by-n counter
January 1995
logo
Toshiba Semiconductor
TC74HC40102AP TOSHIBA-TC74HC40102AP_07 Datasheet
746Kb / 14P
   Dual BCD Programmable Down Counter
logo
List of Unclassifed Man...
TC9122P ETC2-TC9122P Datasheet
405Kb / 4P
   HIGH-SPEED BCD PROGRAMMABLE COUNTER
logo
NXP Semiconductors
74HC4059 PHILIPS-74HC4059 Datasheet
147Kb / 20P
   Programmable divide-by-n counter
1998 Jul 08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com