Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT4Y-2P2 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # CT4Y-2P2
Description  programmable counter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CT4Y-2P2 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button CT4Y-2P2 Datasheet HTML 7Page - List of Unclassifed Manufacturers CT4Y-2P2 Datasheet HTML 8Page - List of Unclassifed Manufacturers CT4Y-2P2 Datasheet HTML 9Page - List of Unclassifed Manufacturers CT4Y-2P2 Datasheet HTML 10Page - List of Unclassifed Manufacturers CT4Y-2P2 Datasheet HTML 11Page - List of Unclassifed Manufacturers CT4Y-2P2 Datasheet HTML 12Page - List of Unclassifed Manufacturers CT4Y-2P2 Datasheet HTML 13Page - List of Unclassifed Manufacturers CT4Y-2P2 Datasheet HTML 14Page - List of Unclassifed Manufacturers CT4Y-2P2 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
L26;
-E? U,yukwk}sxw xp nomsvku yxsw} kwn y{o|mkuo nomsvku yxsw} |o}}swq
BTomsvku yxsw} |o}}swq Oao} nomsvku yxsw} xp }ro ns|yuk-*ku~o xw p{xw} swnsmk}x{C
B^{o|mkuo nomsvku yxsw} |o}}swq Oao} y{o|mkuo nomsvku yxsw} xp mx~w}swq {oqk{nuo|| xp nomsvku yxsw} xp ns|yuk-*ku~o
xw p{xw} swnsmk}x{C
-
gbu? Vk obhb`p obppfjd ikab1
kn
gbu? Vk `e^jdb obppfjd r^hqb.
IIII
IIIJI
IIJII
IJIII
Kjlqp ikab
-
\`.
Qqplqp ikab
-
agp_.
Kjaf`^pfkj
ikab
-
Weo_.
yKj `^ob kc peb fjaf`^pkn1 fjaf`^pb ikab obhb`pfkj-Weo_.fo afolh^uba3
yKp fo ^aaba pe^p peb cqj`pfkj sef`e `^j obp peb lnbobp r^hqb sebj
obhb`pfjd JQNF3 -Tbcbn pk L275l^db ,0Qv{uzmx vwmxizqvu vn zpm qulqkizvx,3.
O^t3 `kqjpfjd
olbba
-
Vbe.
QWV7
kqplqp pfib
-
agfM.
yEkqjpfjd olbba fo pe^p kc kjb _u kjb-6?6. aqpu n^pfk kc KPC
kn KPD fjlqp ofdj^h1 ^ja fp fo ^llhfba fj KPC ^ja KPD ^p peb
o^ib pfib3
yKj `^ob kc obppfjd +z+ fj kqplqp ikab1 ukq `^j `ekkob 6 `lo1
85 `lo1 kn 6g`lo3
yUbp QWV7kjb2oekp kqplqp pfib3
yUbppfjd n^jdb? 5356 pk >>3>> ob`3
yKp akbo jkp ^llb^n fc Y kn ` kqplqp ikab
fo obhb`pba3
QWV6
kqplqp pfib
-
agfL.
yVfib n^jdb? 5356 pk >>3>> ob`31 Jkha
Fb`fi^h lkfjp
-
Wb.
z;Ffdfp pulb
z9Ffdfp pulb
yUbppfjd peb ab`fi^h lkfjp fo ^llhfba o^ib
pk `kqjpfjd r^hqb ^ja obppfjd r^hqb3
Ofj3 nbobp
pfib
-
def.
yUbp peb ifj3 btpbnj^h TGUGV ofdj^h sfape3
Kjlqp hkdf`
-
e\Z.
Rnbo`^hb r^hqb
-
eV^.
`b`? Pk2Xkhp^db fjlqp
b`b? Xkhp^db fjlqp
yEeb`g fjlqp hkdf` r^hqb-RPR1 PRP.3
yRnbo`^hb ab`fi^h lkfjp lkofpfkj fo jkp obp
_bhks peb ab`fi^h lkfjp obppfjd afdfpo-Wb.3
yUbppfjd n^jdb kc lnbo`^hb r^hqb
;Ffdfp pulb? 5355556 pk >>>>>3>
9Ffdfp pulb? 53556 pk >>>3>
yTbcbn pk :3 Rnbo`^hb cqj`pfkj3
Obiknu
lnkpb`pfkj
-
WTfT.
Nk`g gbu
-
^aV].
Ubppfjd ikab
Rnbo`^hb
ab`fi^h lkfjp
-
ejWb.
Jks pk obp
Ekqjpbn4Vfibn
-
VIf.
V^d
dXV
? Vk oefcp ch^oefjd afdfp lkofpfkj kc
QWV6kqplqp pfib r^hqb3
? Vk `e^jdb QWV6 kqplqp pfib r^hqb3
z;Ffdfp pulb
IJIIIII
IIIIII
IIIIIJI
IIIIJII
IIIJIII
IIJIIII
z9Ffdfp pulb
IJIII
IIII
IIIJI
IIJII
? Vk oefcp peb ch^oefjd afdfp3
? Vk `e^jdb peb lnbo`^hb r^hqb3
Wjfp? io
LMK
? Vk `e^jdb QWV7kqplqp pfib r^hqb3
? Vk oefcp ch^oefjd afdfp lkofpfkj kc
QWV7kqplqp pfib r^hqb3
yUbp QWV6 kjb2oekp obppfjd pfib
Up^np Rkfjp
X^hqb
-
efdf.
yUbppfjd n^jdb kc Up^np Rkfjp r^hqb
-Ekjjb`pba sfpe ab`fi^h lkfjp obppfjd.
;Ffdfp pulb? 5355555 pk >>>>>>
9Ffdfp pulb? 53555 pk >>>>
yTbcbn pk ;3 Up^np Rkfjp cqj`pfkj3
^aYY
^ajL
^ajM
^ajN
-E
-E
? Vk oefcp peb ch^oefjd afdfp3
? Vk `e^jdb peb Up^np Rkfjp r^hqb3
NK
L]
P]
LK]
L
? Nk`go
1
1
1
gbuo3
^ajN
? Nk`go
1
1
gbuo3
^ajM
? Nk`go
gbu3
^ajL
^aYY? E^j`bhh^pfkj kc peb hk`g ikab3
y
yV^d? Kjfpf^hfvbo `kqjp r^hqb sebj lksbn fo kcc3
dXV? Obiknfvbo `kqjp r^hqb ^p peb ikibjp kc lksbn kcc3
z+gb+1 +gbIL+1 +gbIM+kn+W`+1 +W`IL+1 +W`IM+ fjlqp ikab
yKj `^ob pe^p kqplqp ikab fo +Y+1 +`+1 pebnb fo jk +QWV7kqplqp pfib+ obppfjd ikab3
-Hftba pk JQNF.
Y
`
V
d
]bcT
z+gWIT+1 +gWIU+1 +gWIV+ fjlqp ikab
Y
`
V
d
]bcT
ef
W
yKc kqplqp ikab fo obp pk +W+ sebj i^t3
`kqjpfjd olbba fo obp pk :M`lo1 65M`lo1
i^t3 `kqjpfjd olbba fo ^qpki^pf`^hhu
obp pk 85`lo3 -H^`pknu abc^qhp obppfjd.
zKj `^ob kc peb fjaf`^pkn
fafT^
[a^W
Vag`
f\_X
yVag`? EQWPVGT
f\_X? VKOGT
gb
gbIL
gbIM
W`
W`IL
W`IM
gWIT
gWIU
gWIV
y [a^W fo afolh^uba _u lnboofjd
gbu 9 pfibo3
IIIIII
IIIIIJI
IIIIJII
IIIJIII
IIJIIII
IJIIIII
0^ixitmzmx ymzzquo>Qv{uzmx?
^xvoxittijsm Qv{uzmxCbqtmx
>P?
Tqjmx
vwzqk
ymuyvx
>]?
amuyvx
kvuzxvssmx
>S?
^xmyy{xm
ymuyvx
>T?
`vzix*
mukvlmx
>\?
Rqywsi*
{uqz
>W?
aa`C
^v}mx
kvuzxvssmx
>^?
a}qzkpquo
wv}mx
y{wws*
>R?
^xv~qtqz*
ymuyvx
>_?
azmwwquo
tvzvx =
Rxq|mx =
Qvuzxvssmx
>`?
UxiwpqkC
Zvoqk
wiums
>[?
bikpvC
awmmlC
^{sym
tmzmx
>Z?
^iums
tmzmx
>O?
^pvzv
msmkzxqk
ymuyvx
>a?
Tqmsl
umz}vxr
lm|qkm
>Q?
RvvxCOxmi
ymuyvx
>U?
QvuumkzvxC
avkrmz
>V?
bmtwB
kvuzxvssmx
>X?
Qv{uzmx
>Y?
bqtmx
>b?
^xvl{kzqvu
yzvwwiom
tvlmsy =
xmwsikmtmuz


Similar Part No. - CT4Y-2P2

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CT40 CDIL-CT40 Datasheet
163Kb / 4P
   HIGH SPEED SILICON SWITCHING DIODE AXIAL LEAD
logo
Extech Instruments Corp...
CT40 EXTECH-CT40 Datasheet
248Kb / 1P
   16-Line Cable Identifier/Tester Kit
logo
Hammond Manufacturing L...
CT400A HAMMOND-CT400A Datasheet
284Kb / 1P
   Current Transformers - Indoor Toroidal CT Series
logo
Central Technologies
CT4015F CT-CT4015F Datasheet
369Kb / 1P
   Wire-wound Chip Inductors - Open Wound
logo
Renesas Technology Corp
CT40KM-8H RENESAS-CT40KM-8H Datasheet
110Kb / 5P
   Nch IGBT for Strobe Flasher
More results

Similar Description - CT4Y-2P2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74F525 NSC-74F525 Datasheet
178Kb / 10P
   Programmable Counter
logo
Toshiba Semiconductor
TC9198P TOSHIBA-TC9198P Datasheet
347Kb / 8P
   PROGRAMMABLE COUNTER
logo
Exar Corporation
XR-2240 EXAR-XR-2240 Datasheet
215Kb / 3P
   PROGRAMMABLE TIMER / COUNTER
logo
National Semiconductor ...
LM2240 NSC-LM2240 Datasheet
190Kb / 10P
   Programmable Timer/Counter
logo
List of Unclassifed Man...
C8254 ETC-C8254 Datasheet
290Kb / 6P
   PROGRAMMABLE TIMER /COUNTER MEGAFUNCTION
HEF4059BT-652 ETC2-HEF4059BT-652 Datasheet
61Kb / 6P
   Programmable divide-by-n counter
logo
NXP Semiconductors
HEF4059B PHILIPS-HEF4059B Datasheet
58Kb / 6P
   Programmable divide-by-n counter
January 1995
logo
Toshiba Semiconductor
TC74HC40102AP TOSHIBA-TC74HC40102AP_07 Datasheet
746Kb / 14P
   Dual BCD Programmable Down Counter
logo
List of Unclassifed Man...
TC9122P ETC2-TC9122P Datasheet
405Kb / 4P
   HIGH-SPEED BCD PROGRAMMABLE COUNTER
logo
NXP Semiconductors
74HC4059 PHILIPS-74HC4059 Datasheet
147Kb / 20P
   Programmable divide-by-n counter
1998 Jul 08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com