Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E5AZ-R3T Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # E5AZ-R3T
Description  Digital Temperature Controllers
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5AZ-R3T Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button E5AZ-R3T Datasheet HTML 6Page - Omron Electronics LLC E5AZ-R3T Datasheet HTML 7Page - Omron Electronics LLC E5AZ-R3T Datasheet HTML 8Page - Omron Electronics LLC E5AZ-R3T Datasheet HTML 9Page - Omron Electronics LLC E5AZ-R3T Datasheet HTML 10Page - Omron Electronics LLC E5AZ-R3T Datasheet HTML 11Page - Omron Electronics LLC E5AZ-R3T Datasheet HTML 12Page - Omron Electronics LLC E5AZ-R3T Datasheet HTML 13Page - Omron Electronics LLC E5AZ-R3T Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
E5CZ/E5CZ-U
10
External Connections
• A voltage output (control output 1) is not electrically insulated from the internal circuits. When using a grounding thermocouple, do not connect
any of the control output terminals to ground. If the control output terminals are connected to ground, errors will occur in the measured
temperature values as a result of leakage current.
Relay output
250 VAC, 3 A
(Resistive load)
Voltage output
12 VDC, 21 mA
Current output
4 to 20 mA DC
0 to 20 mA DC
Load 600
Ω max.
15
14
12
13
11
5
4
A
B
B
V
+
+
6
8
9
10
2
3
1
7
+
Analog input TC/Pt
universal input
Control output 1
Alarm output (Relay output)
Alarm output 2
Input power supply
100 to 240 VAC
24 VAC/DC (no polarity)
Alarm output 1, HB alarm/HS
alarm/input error
Alarm output (Relay
output), 250 VAC, 1 A
(Resistive load)
mA
+
E53-CZ03
Communications
Do not
use.
Do not
use.
Do not
use.
Do not
use.
Do not
use.
B
A
RS-485
12
11
15
14
13
E53-CZB
Event inputs
EV1
EV2
12
11
15
14
13
E53-CZHB
Event inputs/
CT
CT1
13
14
15
11
12
EV2
EV1
E53-CZH03
Communications/
CT
CT1
13
14
15
11
12
B
A
RS-485
Do not
use.
E5CZ
Option Units
3
2
1
7
8
9
10
11
5
4
6
A
B
B
+
Relay output
SPDT 250 VAC, 3 A
(Resistive load)
Voltage output
12 VDC, 21 mA
Control output 1
TC/Pt
universal input
+
Input power supply
Alarm output 2
100 to 240 VAC
24 VAC/DC (no polarity)
Alarm output (Relay output),
250 VAC, 1 A (Resistive load)
Alarm output 1/
input error
E5CZ-U
Note: For the Wiring Socket, purchase the P2CF-11 or PG3A-11 separately.


Similar Part No. - E5AZ-R3T

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
E5AB CHENDA-E5AB Datasheet
630Kb / 2P
   SURFACE MOUNT SUPERFAST RECOVERY RECTIFIER
logo
Omron Electronics LLC
E5AC OMRON-E5AC Datasheet
12Mb / 112P
   Digital Temperature Controller
E5AC-T OMRON-E5AC-T Datasheet
12Mb / 112P
   Digital Temperature Controller
E5AK OMRON-E5AK Datasheet
694Kb / 36P
   Digital Controller
E5AK-AA2 OMRON-E5AK-AA2 Datasheet
694Kb / 36P
   Digital Controller
More results

Similar Description - E5AZ-R3T

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E53-CN03N2 OMRON-E53-CN03N2 Datasheet
5Mb / 72P
   Digital Temperature Controllers/Digital Controllers
E5CN OMRON-E5CN Datasheet
778Kb / 24P
   Digital Temperature Controllers
E5GN OMRON-E5GN Datasheet
104Kb / 6P
   Digital Temperature Controllers
logo
List of Unclassifed Man...
IR32V0L000 ETC2-IR32V0L000 Datasheet
339Kb / 1P
   DIGITAL TEMPERATURE & PROCESS CONTROLLERS
logo
Omron Electronics LLC
E53-C3 OMRON-E53-C3 Datasheet
141Kb / 9P
   Temperature Controllers
E5CS OMRON-E5CS Datasheet
1Mb / 10P
   Temperature Controllers
logo
Texas Instruments
UCD3040 TI-UCD3040_15 Datasheet
1Mb / 81P
[Old version datasheet]   Digital Power Controllers
logo
Extech Instruments Corp...
48VFL11 EXTECH-48VFL11_15 Datasheet
134Kb / 1P
   Temperature PID Controllers
96VFL13 EXTECH-96VFL13_15 Datasheet
134Kb / 1P
   Temperature PID Controllers
48VFL11 EXTECH-48VFL11 Datasheet
134Kb / 1P
   Temperature PID Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com