Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXK77P36E160GB-4AE Datasheet(PDF) 9 Page - Sony Corporation

Part # CXK77P36E160GB-4AE
Description  16Mb LW R-L HSTL High Speed Synchronous SRAMs (512K x 36 or 1M x 18)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK77P36E160GB-4AE Datasheet(HTML) 9 Page - Sony Corporation

Back Button CXK77P36E160GB-4AE Datasheet HTML 5Page - Sony Corporation CXK77P36E160GB-4AE Datasheet HTML 6Page - Sony Corporation CXK77P36E160GB-4AE Datasheet HTML 7Page - Sony Corporation CXK77P36E160GB-4AE Datasheet HTML 8Page - Sony Corporation CXK77P36E160GB-4AE Datasheet HTML 9Page - Sony Corporation CXK77P36E160GB-4AE Datasheet HTML 10Page - Sony Corporation CXK77P36E160GB-4AE Datasheet HTML 11Page - Sony Corporation CXK77P36E160GB-4AE Datasheet HTML 12Page - Sony Corporation CXK77P36E160GB-4AE Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
SONY®
CXK77P36E160GB / CXK77P18E160GB
Preliminary
16Mb LW R-L and 8Mb LW R-L w/ EC, rev 1.1
9 / 25
March 2, 2001
AC Electrical Characteristics
All parameters are specified over the range TA = 0 to 85
oC.
All parameters are measured from the mid-point of the object signal to the mid-point of the reference signal, unless otherwise noted.
1. These parameters are measured from VREF ± 200mV to the clock mid-point (“-4” bin only).
2. These parameters are measured from VREF ± 200mV to the clock mid-point.
3. These parameters are sampled and are not 100% tested.
4. These parameters are measured at
± 50mV from steady state voltage.
Parameter
Symbol
-4
-42
-43
-44
Units Notes
Min
Max
Min
Max
Min
Max
Min
Max
K Cycle Time
tKHKH
4.0
---
4.2
---
4.3
---
4.4
---
ns
K Clock High Pulse Width
tKHKL
1.5
---
1.5
---
1.5
---
1.5
---
ns
K Clock Low Pulse Width
tKLKH
1.5
---
1.5
---
1.5
---
1.5
---
ns
Address Setup Time
tAVKH
0.3
---
0.5
---
0.5
---
0.5
---
ns
1
Address Hold Time
tKHAX
0.5
---
0.5
---
0.5
---
0.5
---
ns
2
Write Enables Setup Time
tWVKH
0.3
---
0.5
---
0.5
---
0.5
---
ns
1
Write Enables Hold Time
tKHWX
0.5
---
0.5
---
0.5
---
0.5
---
ns
2
Synchronous Select Setup Time
tSVKH
0.3
---
0.5
---
0.5
---
0.5
---
ns
1
Synchronous Select Hold Time
tKHSX
0.5
---
0.5
---
0.5
---
0.5
---
ns
2
Data Input Setup Time
tDVKH
0.3
---
0.5
---
0.5
---
0.5
---
ns
1
Data Input Hold Time
tKHDX
0.5
---
0.5
---
0.5
---
0.5
---
ns
2
K Clock High to Output Valid
(“A” Sub-Bin)
(“B” Sub-Bin)
tKHQV
---
3.9
3.8
3.7
---
4.2
4.1
4.0
---
4.5
4.4
4.3
---
4.7
ns
K Clock Low to Output Valid
tKLQV
---
1.8
---
2.0
---
2.1
---
2.2
ns
K Clock Low to Output Hold
tKLQX
0.5
---
0.5
---
0.5
---
0.5
---
ns
3
K Clock Low to Output Low-Z
tKLQX1
0.5
---
0.5
---
0.5
---
0.5
---
ns
3,4
K Clock High to Output High-Z
tKHQZ
1.2
2.2
1.2
2.3
1.2
2.4
1.2
2.5
ns
3,4
Sleep Mode Enable Time
tZZE
---
15
---
15
---
15
---
15
ns
3
Sleep Mode Recovery Time
tZZR
20
---
20
---
20
---
20
---
ns
3


Similar Part No. - CXK77P36E160GB-4AE

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK77B1810AGB SONY-CXK77B1810AGB Datasheet
82Kb / 4P
   High Speed Bi-CMOS Synchronous Static RAM
CXK77B1810AGB-5 SONY-CXK77B1810AGB-5 Datasheet
82Kb / 4P
   High Speed Bi-CMOS Synchronous Static RAM
CXK77B1810AGB-6 SONY-CXK77B1810AGB-6 Datasheet
82Kb / 4P
   High Speed Bi-CMOS Synchronous Static RAM
CXK77B3610GB- SONY-CXK77B3610GB- Datasheet
199Kb / 16P
   High Speed Bi-CMOS Synchronous Static RAM
CXK77B3610GB-6 SONY-CXK77B3610GB-6 Datasheet
199Kb / 16P
   High Speed Bi-CMOS Synchronous Static RAM
More results

Similar Description - CXK77P36E160GB-4AE

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8161E18BT GSI-GS8161E18BT Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
GS8161E18BT-V GSI-GS8161E18BT-V Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
logo
Sony Corporation
CXK77K36R320GB SONY-CXK77K36R320GB Datasheet
177Kb / 22P
   32Mb LW R-R HSTL High Speed Synchronous SRAM (1Mb x 36)
CXK77K18R320GB SONY-CXK77K18R320GB Datasheet
198Kb / 23P
   32Mb LW R-R HSTL High Speed Synchronous SRAM (2Mb x 18)
logo
GSI Technology
GS8160E18T GSI-GS8160E18T Datasheet
622Kb / 25P
   1M x 18, 512K x 36 18Mb Sync Burst SRAMs
GS8160V18AT GSI-GS8160V18AT Datasheet
489Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018DGT-250I GSI-GS816018DGT-250I Datasheet
255Kb / 25P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018BT GSI-GS816018BT Datasheet
925Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160F18T GSI-GS8160F18T Datasheet
544Kb / 22P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160E18BT-V GSI-GS8160E18BT-V Datasheet
926Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com