Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NME4805 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # NME4805
Description  DC/DC Converters NME SERIES 1 WATT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NME4805 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  NME4805 Datasheet HTML 1Page - List of Unclassifed Manufacturers NME4805 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4
ELECTRICAL SPECIFICATIONS
All specifications typical at nominal line, full load and 25°C
NME SERIES
1 WATT
SHOWN
ACTUAL
SIZE
DC/DC Converters
5VDC
200mA
NME0505
NME1205
NME2405
NME4805
9VDC
110mA
NME0509
NME1209
NME2409
NME4809
12VDC
84mA
NME0512
NME1212
NME2412
NME4812
15VDC
67mA
NME0515
NME1215
NME2415
NME4815
MODELS CHART
OUTPUT
OUTPUT
PART NUMBERS
VOLTAGE
CURRENTS
5VDC INPUT
12VDC INPUT
24VDC INPUT
48VDC INPUT
Add suffix “S” for single-in-line package, suffix “D” for dual-in-line package.
Input voltage range
±10%
Input reflected noise (20MHz BW)
90mV p-p
Output voltage accuracy
±5%
Line regulation (10% to 100% Load)
1.2%/1% of Vin
Load regulation (10% to 100% Load)
±10%
Output ripple and noise (20 MHz BW)
150mV p-p max.
Efficiency at full load, 9V, 12V and 15V outputs
75% typical, 70% min.
Efficiency at full load, 5V outputs
70% typical, 65% min.
Short circuit protection
1 second max.
Switching frequency
100 KHz
Input output isolation
1000VDC (1000 megohms) min.
Temperature coefficient
0.03% per °C max.
Operating temperature range, 5V and 12V inputs
–40°C to 85°C (no derating)
Operating temperature range, 24V and 48V inputs
0°C to 70°C (no derating)
Storage temperature range
–55°C to 150°C
Specifications subject to change. Unit requires 10mm of air space.
FEATURES
0.12 in
2 board space
5, 12, 24 and 48 VDC Inputs
75% Efficiency
SIP and DIL Packages
22 Watts per in
3
1000 VDC Isolation
260 Hopping Brook Road
Holliston, Massachusetts 01746
Tel. (508) 429-4440
Fax (800) 226-2100
http://www.intlpower.com
International
Power Sources, Inc.


Similar Part No. - NME4805

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NME4805 ETC2-NME4805 Datasheet
335Kb / 12P
   Isolated 1WSingle Output
logo
C&D Technologies
NME4805D CANDD-NME4805D Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
logo
List of Unclassifed Man...
NME4805D ETC2-NME4805D Datasheet
335Kb / 12P
   Isolated 1WSingle Output
logo
C&D Technologies
NME4805S CANDD-NME4805S Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
logo
List of Unclassifed Man...
NME4805S ETC2-NME4805S Datasheet
335Kb / 12P
   Isolated 1WSingle Output
More results

Similar Description - NME4805

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1D-N AIMTEC-AM1D-N Datasheet
413Kb / 3P
   1 watt dc-dc converters
logo
RSG Electronic Componen...
EC1SA01N RSG-EC1SA01N Datasheet
382Kb / 1P
   1 WATT DC-DC CONVERTERS
logo
List of Unclassifed Man...
AM1L-0505SH30-N ETC-AM1L-0505SH30-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
logo
AIMTEC
AM1S-N AIMTEC-AM1S-N Datasheet
341Kb / 2P
   1 watt dc-dc converters
AM1P-N AIMTEC-AM1P-N Datasheet
322Kb / 2P
   1 watt dc-dc converters
AM1DR-N AIMTEC-AM1DR-N Datasheet
288Kb / 2P
   1 watt dc-dc converters
AM1N-N AIMTEC-AM1N-N Datasheet
423Kb / 3P
   1 watt dc-dc converters
AM1DR AIMTEC-AM1DR Datasheet
233Kb / 2P
   1 watt dc-dc converters
AM1S AIMTEC-AM1S Datasheet
240Kb / 2P
   1 watt dc-dc converters
AM1D AIMTEC-AM1D Datasheet
268Kb / 3P
   1 watt dc-dc converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com