Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JCT630B Datasheet(PDF) 2 Page - JIEJIE MICROELECTRONICS CO.,Ltd

Part # JCT630B
Description  30A SCRs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd

JCT630B Datasheet(HTML) 2 Page - JIEJIE MICROELECTRONICS CO.,Ltd

  JCT630B Datasheet HTML 1Page - JIEJIE MICROELECTRONICS CO.,Ltd JCT630B Datasheet HTML 2Page - JIEJIE MICROELECTRONICS CO.,Ltd JCT630B Datasheet HTML 3Page - JIEJIE MICROELECTRONICS CO.,Ltd JCT630B Datasheet HTML 4Page - JIEJIE MICROELECTRONICS CO.,Ltd JCT630B Datasheet HTML 5Page - JIEJIE MICROELECTRONICS CO.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
JCT630/830 Series
JieJie Microelectronics CO. , Ltd
TEL:+86-513-83639777
- 2 / 5-
http://www.jjwdz.com
Average gate power dissipation
PG(AV)
1
W
Peak gate power
PGM
5
W
ELECTRICAL CHARACTERISTICS (Tj=25℃ unless otherwise specified)
Symbol
Test Condition
Value
Unit
MIN.
TYP.
MAX.
IGT
VD=12V RL=33Ω
-
-
15
mA
VGT
-
-
1.5
V
VGD
VD=VDRM Tj=125℃ RL=3.3KΩ
0.2
-
-
V
IL
IG=1.2IGT
-
-
50
mA
IH
IT=500mA
-
-
30
mA
dV/dt
VD=2/3VDRM Gate Open Tj=125℃
500
-
-
V
/μs
STATIC CHARACTERISTICS
Symbol
Parameter
Value(MAX)
Unit
VTM
ITM=55A tp=380μs
Tj=25℃
1.55
V
IDRM
VD=VDRM VR=VRRM
Tj=25℃
10
μA
IRRM
Tj=125℃
1
mA
THERMAL RESISTANCES
Symbol
Parameter
Value
Unit
Rth(j-c)
junction to case(AC)
TO-220A
2.1
℃/W
TO-220B
1.7
TO-220F
3.4
ORDERING INFORMATION
J
CT
6
30
A
JieJie Microelectronics Co.,Ltd
SCRs
6:VDRM /VRRM
≥600V
8:VDRM /VRRM
≥800V
IT(RMS):30A
A:TO-220A
B:TO-220B F:TO-220F


Similar Part No. - JCT630B

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
JCT6055 JIEJIE-JCT6055 Datasheet
408Kb / 3P
   55A SCRs
JCT6055Y JIEJIE-JCT6055Y Datasheet
408Kb / 3P
   55A SCRs
JCT6055Z JIEJIE-JCT6055Z Datasheet
408Kb / 3P
   55A SCRs
JCT610 JIEJIE-JCT610 Datasheet
397Kb / 6P
   10A SCRs
JCT610A JIEJIE-JCT610A Datasheet
397Kb / 6P
   10A SCRs
More results

Similar Description - JCT630B

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
30PT NELLSEMI-30PT_14 Datasheet
653Kb / 6P
   Stansard SCRs, 30A
30PT06AI NELLSEMI-30PT06AI Datasheet
900Kb / 6P
   Stansard SCRs, 30A
logo
Unisonic Technologies
BT169B-T92-B UTC-BT169B-T92-B Datasheet
345Kb / 6P
   SCRS
logo
Central Semiconductor C...
2N660 CENTRAL-2N660 Datasheet
58Kb / 1P
   SCRs
logo
Unisonic Technologies
BT151 UTC-BT151_10 Datasheet
211Kb / 5P
   SCRS
logo
HAOPIN MICROELECTRONICS...
MCR25 HAOPIN-MCR25 Datasheet
444Kb / 5P
   SCRs
HP20C60 HAOPIN-HP20C60 Datasheet
314Kb / 5P
   SCRs
C106D HAOPIN-C106D Datasheet
236Kb / 4P
   SCRs
logo
Central Semiconductor C...
2N4167 CENTRAL-2N4167 Datasheet
57Kb / 1P
   SCRs
logo
Teccor Electronics
S201E TECCOR-S201E Datasheet
222Kb / 12P
   SCRs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com