Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JCT1225C Datasheet(PDF) 5 Page - JIEJIE MICROELECTRONICS CO.,Ltd

Part # JCT1225C
Description  25A SCRs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd

JCT1225C Datasheet(HTML) 5 Page - JIEJIE MICROELECTRONICS CO.,Ltd

  JCT1225C Datasheet HTML 1Page - JIEJIE MICROELECTRONICS CO.,Ltd JCT1225C Datasheet HTML 2Page - JIEJIE MICROELECTRONICS CO.,Ltd JCT1225C Datasheet HTML 3Page - JIEJIE MICROELECTRONICS CO.,Ltd JCT1225C Datasheet HTML 4Page - JIEJIE MICROELECTRONICS CO.,Ltd JCT1225C Datasheet HTML 5Page - JIEJIE MICROELECTRONICS CO.,Ltd JCT1225C Datasheet HTML 6Page - JIEJIE MICROELECTRONICS CO.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
JCT1025/1225 Series
JieJie Microelectronics CO. , Ltd
TEL:+86-513-83639777
- 5 / 6-
http://www.jjwdz.com
PACKAGE MECHANICAL DATA
A
E
G
B
C
C2
Φ
Max
3.
5m
m
C3
L2
Dimensions
Millimeters
Inches
Ref.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
B
C
C2
C3
D
E
F
G
H
L1
L2
L3
4.40
0.74
0.48
2.40
4.80
0.83
0.75
2.70
0.173
0.029
0.019
0.094
0.189
0.033
0.030
0.106
2.60
3.00
9.70
28.0
29.8
1.102
1.173
1.14
1.70
0.045
0.067
0.102
0.118
8.80
9.30
2.54
0.1
V1
0.346
0.366
10.3
0.382
0.406
6.40
7.00
0.252
0.276
3.30
0.130
45°
3.63
0.143
0.80
0.031
45°
TO-220F
FIG.3: Surge peak on-state current versus
number of cycles
FIG.1 Maximum power dissipation versus RMS
on-state current
FIG.4: On-state characteristics (maximum
values)
FIG.2: RMS on-state current versus case
temperature
IT(RMS) (A)
P(w)
0
5
10
15
20
25
0
IT(RMS) (A)
Tc (℃)
0
0
25
50
75
100
125
1
10
100
1000
Number of cycles
0
50
ITSM (A)
ITM (A)
VTM (V)
0
1
2
3
4
5
1
10
20
25
30
100
150
200
6
12
24
30
36
5
10
TO-220A/
TO-220F
TO-220B/
TO-220C
250
300
350
100
18
15
300
Tj=25℃
Tj=125℃
α=180°
One cycle
tp=10ms


Similar Part No. - JCT1225C

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
JCT1231 JIEJIE-JCT1231 Datasheet
205Kb / 1P
   SCR Chip
JCT1240 JIEJIE-JCT1240 Datasheet
392Kb / 5P
   40A SCRs
JCT1240A JIEJIE-JCT1240A Datasheet
392Kb / 5P
   40A SCRs
JCT1240Z JIEJIE-JCT1240Z Datasheet
392Kb / 5P
   40A SCRs
JCT1255 JIEJIE-JCT1255 Datasheet
408Kb / 3P
   55A SCRs
More results

Similar Description - JCT1225C

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
TYN625 TGS-TYN625 Datasheet
70Kb / 1P
   25A SCRs
logo
JIEJIE MICROELECTRONICS...
TYN625 JIEJIE-TYN625 Datasheet
575Kb / 6P
   25A SCRs
JCT625 JIEJIE-JCT625 Datasheet
608Kb / 5P
   25A SCRs
SCF25C60 JIEJIE-SCF25C60 Datasheet
461Kb / 4P
   25A SCRs
logo
STMicroelectronics
TN25 STMICROELECTRONICS-TN25 Datasheet
93Kb / 7P
   25A SCRs
TYNX25 STMICROELECTRONICS-TYNX25 Datasheet
93Kb / 7P
   25A SCRs
TN25 STMICROELECTRONICS-TN25_06 Datasheet
91Kb / 7P
   25A SCRS
logo
JIEJIE MICROELECTRONICS...
JCT1625 JIEJIE-JCT1625 Datasheet
367Kb / 5P
   25A SCRs
logo
Nell Semiconductor Co.,...
25PT NELLSEMI-25PT_14 Datasheet
2Mb / 5P
   Stansard SCRs, 25A
25PT NELLSEMI-25PT Datasheet
1Mb / 6P
   Stansard SCRs, 25A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com