Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JCT810B Datasheet(PDF) 2 Page - JIEJIE MICROELECTRONICS CO.,Ltd

Part # JCT810B
Description  10A SCRs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd

JCT810B Datasheet(HTML) 2 Page - JIEJIE MICROELECTRONICS CO.,Ltd

  JCT810B Datasheet HTML 1Page - JIEJIE MICROELECTRONICS CO.,Ltd JCT810B Datasheet HTML 2Page - JIEJIE MICROELECTRONICS CO.,Ltd JCT810B Datasheet HTML 3Page - JIEJIE MICROELECTRONICS CO.,Ltd JCT810B Datasheet HTML 4Page - JIEJIE MICROELECTRONICS CO.,Ltd JCT810B Datasheet HTML 5Page - JIEJIE MICROELECTRONICS CO.,Ltd JCT810B Datasheet HTML 6Page - JIEJIE MICROELECTRONICS CO.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
JCT610/810 Series
JieJie Microelectronics CO. , Ltd
TEL:+86-513-83639777
- 2 / 6-
http://www.jjwdz.com
RMS on-state current
TO-220A(Ins) /
TO-220F(Ins)
(TC=85℃)
IT(RMS)
10
A
Non repetitive surge peak on-state current
(tp=10ms)
ITSM
120
A
I
2t value for fusing (tp=10ms)
I
2t
72
A
2s
Critical rate of rise of on-state current
(IG=2×IGT)
dI/dt
50
A
/μs
Peak gate current
IGM
4
A
Average gate power dissipation
PG(AV)
1
W
Peak gate power
PGM
5
W
ELECTRICAL CHARACTERISTICS (Tj=25℃ unless otherwise specified)
Symbol
Test Condition
Value
Unit
MIN.
TYP.
MAX.
IGT
VD=12V RL=33Ω
-
-
10
mA
VGT
-
-
1.5
V
VGD
VD=VDRM Tj=125℃ RL=3.3KΩ
0.2
-
-
V
IL
IG=1.2IGT
-
-
25
mA
IH
IT=500mA
-
-
15
mA
dV/dt
VD=2/3VDRM Gate Open Tj=125℃
50
-
-
V
/μs
STATIC CHARACTERISTICS
Symbol
Parameter
Value(MAX)
Unit
VTM
ITM=20A tp=380μs
Tj=25℃
1.55
V
IDRM
VD=VDRM VR=VRRM
Tj=25℃
5
μA
IRRM
Tj=125℃
1
mA


Similar Part No. - JCT810B

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
JCT820 JIEJIE-JCT820 Datasheet
214Kb / 1P
   SCR Chip
JCT825I JIEJIE-JCT825I Datasheet
273Kb / 4P
   Storage junction temperature range
JCT830A JIEJIE-JCT830A Datasheet
342Kb / 5P
   30A SCRs
JCT830B JIEJIE-JCT830B Datasheet
342Kb / 5P
   30A SCRs
JCT840 JIEJIE-JCT840 Datasheet
220Kb / 1P
   SCR Chip
More results

Similar Description - JCT810B

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
TYN690 TGS-TYN690 Datasheet
338Kb / 1P
   10A SCRs
logo
Nell Semiconductor Co.,...
10PT NELLSEMI-10PT_14 Datasheet
377Kb / 5P
   Stansard SCRs, 10A
10PT06AI NELLSEMI-10PT06AI Datasheet
146Kb / 5P
   Stansard SCRs, 10A
10PT NELLSEMI-10PT Datasheet
335Kb / 5P
   Stansard SCRs, 10A
logo
Thinki Semiconductor Co...
MCR310-10G THINKISEMI-MCR310-10G Datasheet
586Kb / 3P
   SENSITIVE & STANDARD(10A SCRs)
logo
Unisonic Technologies
BT169B-T92-B UTC-BT169B-T92-B Datasheet
345Kb / 6P
   SCRS
logo
Central Semiconductor C...
2N660 CENTRAL-2N660 Datasheet
58Kb / 1P
   SCRs
logo
Unisonic Technologies
BT151 UTC-BT151_10 Datasheet
211Kb / 5P
   SCRS
logo
HAOPIN MICROELECTRONICS...
MCR25 HAOPIN-MCR25 Datasheet
444Kb / 5P
   SCRs
HP20C60 HAOPIN-HP20C60 Datasheet
314Kb / 5P
   SCRs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com