Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JCT1625F Datasheet(PDF) 1 Page - JIEJIE MICROELECTRONICS CO.,Ltd

Part # JCT1625F
Description  25A SCRs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd

JCT1625F Datasheet(HTML) 1 Page - JIEJIE MICROELECTRONICS CO.,Ltd

  JCT1625F Datasheet HTML 1Page - JIEJIE MICROELECTRONICS CO.,Ltd JCT1625F Datasheet HTML 2Page - JIEJIE MICROELECTRONICS CO.,Ltd JCT1625F Datasheet HTML 3Page - JIEJIE MICROELECTRONICS CO.,Ltd JCT1625F Datasheet HTML 4Page - JIEJIE MICROELECTRONICS CO.,Ltd JCT1625F Datasheet HTML 5Page - JIEJIE MICROELECTRONICS CO.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
JIEJIE MICROELECTRONICS CO. , Ltd
TEL:+86-513-83639777
- 1 / 5-
http://www.jjwdz.com
JCT1625 Series
25A SCRs
Re v.3.0
DESCRIPTION:
JCT1625 series of silicon controlled rectifiers, with
high ability to withstand the shock loading of large
current, provide high dv/dt rate with strong resistance
to electromagnetic interference. They are especially
recommended for use on solid state relay, motorcycle,
power charger, T-tools etc.
JCT1625A provides insulation voltage rated at 2500V
RMS and JCT1625F provides insulation voltage rated
at 2000V RMS from all three terminals to external
heatsink complying with UL standards (File ref:
E252906).
MAIN FEATURES
Symbol
JCT1625
VDRM/ VRRM
1600V
IT(RMS)
25A
IGT
≤35mA
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Storage junction temperature range
Tstg
-40-150
Operating junction temperature range
Tj
-40-125
Repetitive peak off-state voltage(Tj=25℃)
VDRM
1600
V
Repetitive peak reverse voltage(Tj=25℃)
VRRM
1600
V
Non repetitive surge peak Off-state voltage
VDSM
VDRM +100
V
Non repetitive peak reverse voltage
VRSM
VRRM +100
V
RMS on-state
current
TO-220A(Ins) /
TO-220F(Ins) (TC=80℃)
IT(RMS)
25
A
TO-220B(Non-Ins)
(TC=95℃)
A(2)
K(1)
G(3)
1 2
3
TO-220A
Insulated
1 2
3
TO-220B
Non-Insulated
TO-220F Insulated
1 2
3


Similar Part No. - JCT1625F

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
JCT160 JIEJIE-JCT160 Datasheet
274Kb / 2P
   SCR Chip
JCT160-16 JIEJIE-JCT160-16 Datasheet
274Kb / 2P
   SCR Chip
JCT160-18 JIEJIE-JCT160-18 Datasheet
274Kb / 2P
   SCR Chip
JCT160-20 JIEJIE-JCT160-20 Datasheet
274Kb / 2P
   SCR Chip
JCT1655 JIEJIE-JCT1655 Datasheet
408Kb / 3P
   55A SCRs
More results

Similar Description - JCT1625F

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
TYN625 TGS-TYN625 Datasheet
70Kb / 1P
   25A SCRs
logo
JIEJIE MICROELECTRONICS...
TYN625 JIEJIE-TYN625 Datasheet
575Kb / 6P
   25A SCRs
JCT625 JIEJIE-JCT625 Datasheet
608Kb / 5P
   25A SCRs
SCF25C60 JIEJIE-SCF25C60 Datasheet
461Kb / 4P
   25A SCRs
logo
STMicroelectronics
TN25 STMICROELECTRONICS-TN25 Datasheet
93Kb / 7P
   25A SCRs
logo
JIEJIE MICROELECTRONICS...
JCT1025 JIEJIE-JCT1025 Datasheet
373Kb / 6P
   25A SCRs
logo
STMicroelectronics
TYNX25 STMICROELECTRONICS-TYNX25 Datasheet
93Kb / 7P
   25A SCRs
TN25 STMICROELECTRONICS-TN25_06 Datasheet
91Kb / 7P
   25A SCRS
logo
Nell Semiconductor Co.,...
25PT NELLSEMI-25PT_14 Datasheet
2Mb / 5P
   Stansard SCRs, 25A
25PT NELLSEMI-25PT Datasheet
1Mb / 6P
   Stansard SCRs, 25A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com