Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JX011 Datasheet(PDF) 2 Page - JIEJIE MICROELECTRONICS CO.,Ltd

Part # JX011
Description  Sensitive gate SCRs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd

JX011 Datasheet(HTML) 2 Page - JIEJIE MICROELECTRONICS CO.,Ltd

  JX011 Datasheet HTML 1Page - JIEJIE MICROELECTRONICS CO.,Ltd JX011 Datasheet HTML 2Page - JIEJIE MICROELECTRONICS CO.,Ltd JX011 Datasheet HTML 3Page - JIEJIE MICROELECTRONICS CO.,Ltd JX011 Datasheet HTML 4Page - JIEJIE MICROELECTRONICS CO.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
JX011 Series
JieJie Microelectronics CO. , Ltd
TEL:+86-513-83639777
- 2 / 4-
http://www.jjwdz.com
ELECTRICAL CHARACTERISTICS (Tj=25℃ unless otherwise specified)
Symbol
Test Condition
Value
Unit
MIN.
TYP.
MAX.
IGT
VD=12V RL=33Ω
-
-
200
μA
VGT
-
0.6
0.8
V
VGD
VD=VDRM Tj=110℃
0.2
-
-
V
IL
IG=1.2 IGT
-
-
5
mA
IH
IT=0.05A
-
-
3
mA
dV/dt
VD=2/3VDRM Tj=110℃ RGK=1KΩ
50
100
-
V
/μs
STATIC CHARACTERISTICS
Symbol
Parameter
Value(MAX)
Unit
VTM
IT=2A tp=380μs
Tj=25℃
1.7
V
IDRM
VD=VDRM VR=VRRM
Tj=25℃
5
μA
IRRM
Tj=110℃
100
μA
THERMAL RESISTANCES
Symbol
Parameter
Value
Unit
Rth(j-c)
junction to case
TO-92
70
℃/W
SOT-223
60
ORDERING INFORMATION
J X 011 U
JieJie Microelectronics Co.,Ltd
Sensitive gate SCRs
IT(RMS):1A
U:TO-92 V:SOT-223


Similar Part No. - JX011

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
JX010 JIEJIE-JX010 Datasheet
248Kb / 1P
   SCR Chip
JX014 JIEJIE-JX014 Datasheet
321Kb / 4P
   Sensitive gate SCRs
JX014CR JIEJIE-JX014CR Datasheet
321Kb / 4P
   Sensitive gate SCRs
JX014V JIEJIE-JX014V Datasheet
321Kb / 4P
   Sensitive gate SCRs
More results

Similar Description - JX011

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
1PT NELLSEMI-1PT_18 Datasheet
1Mb / 5P
   Sensitive gate SCRs
2PT NELLSEMI-2PT Datasheet
761Kb / 6P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX014 JIEJIE-JX014 Datasheet
321Kb / 4P
   Sensitive gate SCRs
JX020 JIEJIE-JX020 Datasheet
305Kb / 5P
   Sensitive gate SCRs
JX075 JIEJIE-JX075 Datasheet
427Kb / 6P
   Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
4PT NELLSEMI-4PT_18 Datasheet
758Kb / 7P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX080 JIEJIE-JX080 Datasheet
319Kb / 5P
   Sensitive gate SCRs
logo
STMicroelectronics
XL0840 STMICROELECTRONICS-XL0840 Datasheet
52Kb / 5P
   SENSITIVE GATE 0.8A SCRs
logo
Nell Semiconductor Co.,...
4PT NELLSEMI-4PT Datasheet
474Kb / 7P
   Sensitive gate SCRs, 4A
1PT06E-T NELLSEMI-1PT06E-T Datasheet
189Kb / 4P
   Sensitive gate SCRs, 1A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com