Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM7321MF Datasheet(PDF) 8 Page - Texas Instruments

Part # LM7321MF
Description  Unlimited Capacitive Load Operational Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM7321MF Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM7321MF Datasheet HTML 4Page - Texas Instruments LM7321MF Datasheet HTML 5Page - Texas Instruments LM7321MF Datasheet HTML 6Page - Texas Instruments LM7321MF Datasheet HTML 7Page - Texas Instruments LM7321MF Datasheet HTML 8Page - Texas Instruments LM7321MF Datasheet HTML 9Page - Texas Instruments LM7321MF Datasheet HTML 10Page - Texas Instruments LM7321MF Datasheet HTML 11Page - Texas Instruments LM7321MF Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
LM7321, LM7322
SNOSAW8E – MAY 2008 – REVISED SEPTEMBER 2015
www.ti.com
±5-V Electrical Characteristics (continued)
Unless otherwise specified, all limited ensured for TA = 25°C, V
+ = 5 V, V= −5V, V
CM = 0 V, VOUT = 0 V, and RL > 1 MΩ to 0
V.
(1)
PARAMETER
TEST CONDITION
MIN(2)
TYP(3)
MAX(2)
UNIT
1.0
1.3
LM7321
TA = –40°C to
2
+125°C
IS
Supply Current
VCM = −4.5 V
mA
2.3
2.8
LM7322
TA = –40°C to
3.8
+125°C
SR
Slew Rate(7)
AV = +1, VI = 8-V Step
12.3
V/µs
fu
Unity Gain Frequency
RL = 2 kΩ, CL = 20 pF
9
MHz
GBW
Gain Bandwidth
f = 50 kHz
16
MHz
Input Referred Voltage
f = 2 kHz
en
14.3
nV/
√H
Noise Density
Input Referred Current
f = 2 kHz
in
1.35
pA/
√H
Noise Density
Total Harmonic
f = 1 kHz, RL = 100 kΩ, AV = +2
THD+N
−79
dB
Distortion + Noise
VOUT = 8 VPP
CT Rej.
Crosstalk Rejection
f = 100 kHz, Driver RL = 10 kΩ
60
dB
(7)
Slew rate is the slower of the rising and falling slew rates. Connected as a Voltage Follower.
7.7
±15-V Electrical Characteristics
Unless otherwise specified, all limited ensured for TA = 25°C, V
+ = 15 V, V= −15 V, V
CM = 0 V, VOUT = 0 V, and RL > 1 MΩ to
15 V.
(1)
PARAMETER
TEST CONDITION
MIN(2)
TYP(3)
MAX(2)
UNIT
−6
±0.7
+6
VCM = −14.5 V and
VOS
Input Offset Voltage
mV
VCM = 14.5 V
–40°C to +125°C
−8
+8
Input Offset Voltage
TC VOS
VCM = −14.5 V and VCM = 14.5 V
(4)
±2
µV/°C
Temperature Drift
−2
−1.1
VCM = −14.5 V
(5)
–40°C to +125°C
−2.5
IB
Input Bias Current
µA
0.45
1
VCM = 14.5 V
(5)
–40°C to +125°C
1.5
30
300
VCM = −14.5 V and
IOS
Input Offset Current
nA
VCM = 14.5 V
–40°C to +125°C
500
80
100
−15 V ≤ VCM ≤ 12 V
–40°C to +125°C
75
Common-Mode Rejection
CMRR
dB
Ratio
72
80
−15 V ≤ VCM ≤ 15 V
–40°C to +125°C
70
78
100
Power Supply Rejection
2.7 V
≤ VS ≤ 30 V, VCM
PSRR
dB
Ratio
=
−14.5 V
–40°C to +125°C
74
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No ensured specification of parametric performance is indicated in the electrical
tables under conditions of internal self-heating where TJ > TA.
(2)
All limits are ensured by testing or statistical analysis.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(4)
Offset voltage temperature drift determined by dividing the change in VOS at temperature extremes into the total temperature change.
(5)
Positive current corresponds to current flowing into the device.
8
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: LM7321 LM7322


Similar Part No. - LM7321MF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM7321MF NSC-LM7321MF Datasheet
741Kb / 24P
   Rail-to-Rail Input/Output 짹15V, High Output Current and Unlimited Capacitive Load Operational Amplifier
logo
Texas Instruments
LM7321MF TI-LM7321MF Datasheet
1Mb / 35P
[Old version datasheet]   Dual Rail-to-Rail Input/Output 15V, High Output Current and Unlimited Capacitive Load Operational Amplifier
LM7321MF TI-LM7321MF Datasheet
1Mb / 35P
[Old version datasheet]   LM7321/LM7321Q Single/ LM7322/LM7322Q Dual Rail-to-Rail Input/Output 15V,High Output Current and Unlimited Capacitive Load Operational Amplifier
LM7321MF TI-LM7321MF Datasheet
1Mb / 35P
[Old version datasheet]   LM7321/LM7321Q Single/ LM7322/LM7322Q Dual Rail-to-Rail Input/Output 15V, High Output Current and Unlimited Capacitive Load Operational Amplifier
LM7321MF/NOPB TI1-LM7321MF/NOPB Datasheet
1Mb / 35P
[Old version datasheet]   High Output Current and Unlimited Capacitive Load Operational Amplifier
More results

Similar Description - LM7321MF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM7322QMAX TI1-LM7322QMAX Datasheet
1Mb / 35P
[Old version datasheet]   High Output Current and Unlimited Capacitive Load Operational Amplifier
logo
National Semiconductor ...
LM7321 NSC-LM7321 Datasheet
741Kb / 24P
   Rail-to-Rail Input/Output 짹15V, High Output Current and Unlimited Capacitive Load Operational Amplifier
logo
Texas Instruments
LM7322QMAX TI-LM7322QMAX Datasheet
1Mb / 35P
[Old version datasheet]   Dual Rail-to-Rail Input/Output 15V, High Output Current and Unlimited Capacitive Load Operational Amplifier
LM7322MME TI-LM7322MME Datasheet
1Mb / 35P
[Old version datasheet]   LM7321/LM7321Q Single/ LM7322/LM7322Q Dual Rail-to-Rail Input/Output 15V, High Output Current and Unlimited Capacitive Load Operational Amplifier
LM7321MFE TI-LM7321MFE Datasheet
1Mb / 35P
[Old version datasheet]   LM7321/LM7321Q Single/ LM7322/LM7322Q Dual Rail-to-Rail Input/Output 15V,High Output Current and Unlimited Capacitive Load Operational Amplifier
LM7321 TI-LM7321_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM7321x Single and LM7322x Dual Rail-to-Rail Input and Output 짹15-V, High-Output Current and Unlimited Capacitive Load Operational Amplifier
LM8272 TI1-LM8272 Datasheet
1Mb / 26P
[Old version datasheet]   Dual RRIO, High Output Current & Unlimited Cap Load
OPA994 TI1-OPA994 Datasheet
3Mb / 43P
[Old version datasheet]   OPAx994 32V, Rail-to-Rail Input and Output, 24MHz, 125mA Output Current Op Amp With Unlimited Capacitive Load Drive
DECEMBER 2023
OPA202_1812 TI1-OPA202_1812 Datasheet
2Mb / 39P
[Old version datasheet]   Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifier
OPA202 TI1-OPA202 Datasheet
2Mb / 37P
[Old version datasheet]   Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com