Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM8262 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM8262
Description  Dual RRIO, High Output Current and Unlimited Cap Load Op Amp in VSSOP
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM8262 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM8262 Datasheet HTML 3Page - Texas Instruments LM8262 Datasheet HTML 4Page - Texas Instruments LM8262 Datasheet HTML 5Page - Texas Instruments LM8262 Datasheet HTML 6Page - Texas Instruments LM8262 Datasheet HTML 7Page - Texas Instruments LM8262 Datasheet HTML 8Page - Texas Instruments LM8262 Datasheet HTML 9Page - Texas Instruments LM8262 Datasheet HTML 10Page - Texas Instruments LM8262 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
LM8262
www.ti.com
SNOS975G – MAY 2001 – REVISED AUGUST 2015
5V Electrical Characteristics (continued)
Unless otherwise specified, all limits ensured for V
+ = 5V, V= 0V, V
CM = 1V, VO = V
+/2, and R
L > 1MΩ to V
. Boldface limits
apply at the temperature extremes.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
fmax
Full Power Bandwidth
ZL = (20pF || 10kΩ) to V
+/2
900
KHz
tS
Settling Time (+/
−5%)
100mVPP Step, 500pF load
400
ns
THD+N
Total Harmonic Distortion + Noise
RL = 1kΩ to V
+/2
0.05%
f = 10KHz to AV= +2, 4VPP swing
6.7
+/
−11V Electrical Characteristics
Unless otherwise specified, all limits ensured for V
+ = 11V, V= −11V, V
CM = 0V, VO = 0V, and RL > 1MΩ to 0V. Boldface
limits apply at the temperature extremes.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
VOS
Input Offset Voltage
VCM = −10.5V & VCM = 10.5V
+/
−7
mV
+/
−0.7
+/
− 9
TC VOS
Input Offset Average Drift
VCM = −10.5V & VCM = 10.5V
µV/°C
+/
−2
(3)
IB
Input Bias Current
VCM = −10.5V
−2.00
−1.05
(4)
−2.80
µA
VCM = 10.5V
+1.00
+0.49
(4)
+1.50
IOS
Input Offset Current
VCM = −10.5V & VCM = 10.5V
275
nA
30
550
CMRR
Common Mode Rejection Ratio
VCM stepped from −11V to 9V
84
100
80
VCM stepped from 10V to 11V
100
dB
VCM stepped from −11V to 11V
74
88
72
+PSRR
Positive Power Supply Rejection
V+ = 9V to 11V
70
dB
100
Ratio
66
−PSRR
Negative Power Supply Rejection
V=
−9V to −11V
70
dB
100
Ratio
66
CMVR
Input Common-Mode Voltage
CMRR > 50dB
−11.1
V
−11.3
Range
−11.0
11.1
V
11.3
11.0
AVOL
Large Signal Voltage Gain
VO = 0V to +/−9V,
78
85
RL = 10kΩ
74
dB
VO = 0V to +/−9V,
72
79
RL = 2kΩ
66
VO
Output Swing
RL = 10kΩ
10.65
10.77
High
10.61
V
RL = 2kΩ
10.6
10.69
10.55
Output Swing
RL = 10kΩ
−10.75
−10.98
Low
−10.65
V
RL = 2kΩ
−10.65
−10.91
−10.6
(1)
All limits are ensured by testing or statistical analysis.
(2)
Typical Values represent the most likely parametric norm.
(3)
Offset voltage average drift determined by dividing the change in VOS at temperature extremes into the total temperature change.
(4)
Positive current corresponds to current flowing into the device.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM8262


Similar Part No. - LM8262

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8262 NSC-LM8262 Datasheet
255Kb / 10P
   RRIO, High Output Current & Unlimited Cap Load Op Amp in MSOP
LM8262MM NSC-LM8262MM Datasheet
255Kb / 10P
   RRIO, High Output Current & Unlimited Cap Load Op Amp in MSOP
LM8262MMX NSC-LM8262MMX Datasheet
255Kb / 10P
   RRIO, High Output Current & Unlimited Cap Load Op Amp in MSOP
More results

Similar Description - LM8262

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8262 NSC-LM8262 Datasheet
255Kb / 10P
   RRIO, High Output Current & Unlimited Cap Load Op Amp in MSOP
logo
Texas Instruments
LM8261M5 TI1-LM8261M5_15 Datasheet
2Mb / 34P
[Old version datasheet]   Single RRIO High Output Current & Unlimited Cap Load Op Amp
logo
National Semiconductor ...
LM8261 NSC-LM8261 Datasheet
915Kb / 19P
   RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT23-5
LM8272 NSC-LM8272 Datasheet
667Kb / 14P
   RRIO, High Output Current & Unlimited Cap Load Op Amp in Miniature Package
logo
Texas Instruments
SM73301 TI1-SM73301 Datasheet
672Kb / 22P
[Old version datasheet]   RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT23-5
LM8272 TI1-LM8272 Datasheet
1Mb / 26P
[Old version datasheet]   Dual RRIO, High Output Current & Unlimited Cap Load
LM8261M5 TI1-LM8261M5 Datasheet
1Mb / 29P
[Old version datasheet]   LM8261 Single RRIO, High Output Current and Unlimited Cap Load Op Amp in SOT-23-5
LM8261M5 TI-LM8261M5 Datasheet
1Mb / 29P
[Old version datasheet]   LM8261 Single RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT-23-5
LM7322QMAX TI1-LM7322QMAX Datasheet
1Mb / 35P
[Old version datasheet]   High Output Current and Unlimited Capacitive Load Operational Amplifier
OPA994 TI1-OPA994 Datasheet
3Mb / 43P
[Old version datasheet]   OPAx994 32V, Rail-to-Rail Input and Output, 24MHz, 125mA Output Current Op Amp With Unlimited Capacitive Load Drive
DECEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com