Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM8272 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM8272
Description  Dual RRIO, High Output Current & Unlimited Cap Load
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM8272 Datasheet(HTML) 4 Page - Texas Instruments

  LM8272 Datasheet HTML 1Page - Texas Instruments LM8272 Datasheet HTML 2Page - Texas Instruments LM8272 Datasheet HTML 3Page - Texas Instruments LM8272 Datasheet HTML 4Page - Texas Instruments LM8272 Datasheet HTML 5Page - Texas Instruments LM8272 Datasheet HTML 6Page - Texas Instruments LM8272 Datasheet HTML 7Page - Texas Instruments LM8272 Datasheet HTML 8Page - Texas Instruments LM8272 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LM8272
SNOS515F – OCTOBER 2000 – REVISED AUGUST 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
(1) (2)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN Differential
+/
−10
V
Output Short Circuit Duration
See(3)(4)
Supply Voltage (V+ - V)
27
V
Voltage at Input/Output pins
V+ +0.3, V
−0.3
V
Junction Temperature(5)
+150
°C
Storage temperature range, Tstg
−65
+150
°C
Soldering Information:
Infrared or Convection (20 sec.)
235
°C
Wave Soldering (10 sec.)
260
°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Rating indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C.
(4)
Output short circuit duration is infinite for VS
≤ 6 V at room temperature and below. For VS > 6 V, allowable short circuit duration is 1.5
ms.
(5)
The maximum power dissipation is a function of TJ(max), RθJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(max) - TA)/ RθJA. All numbers apply for packages soldered directly onto a PC board.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(2)
±2000
V(ESD)
Electrostatic discharge(1)
V
Machine Model (MM)(3)
±200
(1)
Human body model, 1.5 k
Ω in series with 100 pF. Machine Model, 0 Ω is series with 200 pF.
(2)
JEDEC document JEP155 states that 2000-V HBM allows safe manufacturing with a standard ESD control process.
(3)
JEDEC document JEP157 states that 200-V MM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply Voltage (V+ - V)
2.5
24
V
Operating Temperature Range(1)
−40
+85
°C
(1)
The maximum power dissipation is a function of TJ(max), RθJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(max) - TA)/ RθJA. All numbers apply for packages soldered directly onto a PC board.
6.4 Thermal Information
DGK
THERMAL METRIC(1)
UNIT
8 Pins
RθJA
Junction-to-ambient thermal resistance(2)
235
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The maximum power dissipation is a function of TJ(max), RθJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(max) - TA)/ RθJA. All numbers apply for packages soldered directly onto a PC board.
4
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: LM8272


Similar Part No. - LM8272

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8272 NSC-LM8272 Datasheet
667Kb / 14P
   RRIO, High Output Current & Unlimited Cap Load Op Amp in Miniature Package
LM8272MM NSC-LM8272MM Datasheet
667Kb / 14P
   RRIO, High Output Current & Unlimited Cap Load Op Amp in Miniature Package
LM8272MMX NSC-LM8272MMX Datasheet
667Kb / 14P
   RRIO, High Output Current & Unlimited Cap Load Op Amp in Miniature Package
More results

Similar Description - LM8272

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM8261M5 TI1-LM8261M5_15 Datasheet
2Mb / 34P
[Old version datasheet]   Single RRIO High Output Current & Unlimited Cap Load Op Amp
LM8262 TI1-LM8262 Datasheet
956Kb / 19P
[Old version datasheet]   Dual RRIO, High Output Current and Unlimited Cap Load Op Amp in VSSOP
logo
National Semiconductor ...
LM8262 NSC-LM8262 Datasheet
255Kb / 10P
   RRIO, High Output Current & Unlimited Cap Load Op Amp in MSOP
LM8261 NSC-LM8261 Datasheet
915Kb / 19P
   RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT23-5
LM8272 NSC-LM8272 Datasheet
667Kb / 14P
   RRIO, High Output Current & Unlimited Cap Load Op Amp in Miniature Package
logo
Texas Instruments
SM73301 TI1-SM73301 Datasheet
672Kb / 22P
[Old version datasheet]   RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT23-5
LM8261M5 TI-LM8261M5 Datasheet
1Mb / 29P
[Old version datasheet]   LM8261 Single RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT-23-5
LM8261M5 TI1-LM8261M5 Datasheet
1Mb / 29P
[Old version datasheet]   LM8261 Single RRIO, High Output Current and Unlimited Cap Load Op Amp in SOT-23-5
LM7322QMAX TI1-LM7322QMAX Datasheet
1Mb / 35P
[Old version datasheet]   High Output Current and Unlimited Capacitive Load Operational Amplifier
LM7322QMAX TI-LM7322QMAX Datasheet
1Mb / 35P
[Old version datasheet]   Dual Rail-to-Rail Input/Output 15V, High Output Current and Unlimited Capacitive Load Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com