Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6484IM Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6484IM
Description  CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6484IM Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMC6484IM Datasheet HTML 6Page - Texas Instruments LMC6484IM Datasheet HTML 7Page - Texas Instruments LMC6484IM Datasheet HTML 8Page - Texas Instruments LMC6484IM Datasheet HTML 9Page - Texas Instruments LMC6484IM Datasheet HTML 10Page - Texas Instruments LMC6484IM Datasheet HTML 11Page - Texas Instruments LMC6484IM Datasheet HTML 12Page - Texas Instruments LMC6484IM Datasheet HTML 13Page - Texas Instruments LMC6484IM Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
LMC6484
SNOS675C – AUGUST 2000 – REVISED SEPTEMBER 2015
www.ti.com
DC Electrical Characteristics for LMC6484M (continued)
Unless otherwise specified, all limits specified for TJ = 25°C, V
+ = 5 V, V= 0 V, V
CM = VO = V
+/2 and R
L > 1 M.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
4.8
4.9
V
At the temperature extremes
4.7
V+ = 5 V
RL = 2 kΩ to V
+/2
0.1
0.18
V
At the temperature extremes
0.24
4.5
4.7
V
At the temperature extremes
4.24
V+ = 5 V
RL = 600 Ω to V
+/2
0.3
0.5
V
At the temperature extremes
0.65
VO
Output swing
14.4
14.7
V
At the temperature extremes
14.2
V+ = 15 V
RL = 2 kΩ to V
+/2
0.16
0.32
V
At the temperature extremes
0.45
13.4
14.1
V
At the temperature extremes
13
V+ = 15 V
RL = 600 Ω to V
+/2
0.5
1
V
At the temperature extremes
1.3
16
20
Sourcing, VO = 0 V
mA
Output short circuit
At the temperature extremes
10
current
ISC
11
15
Sinking,
V+ = 5 V
mA
VO = 5 V
At the temperature extremes
8
28
30
Sourcing, VO = 0 V
mA
Output short circuit
At the temperature extremes
20
current
ISC
30
30
Sinking,
V+ = 15 V
mA
VO = 12 V
(5)
At the temperature extremes
22
All four amplifiers
2
2.8
mA
V+ = +5 V
At the temperature extremes
3.8
VO = V
+/2
IS
Supply current
All four amplifiers
2.6
3
mA
V+ = +15 V,
At the temperature extremes
4
VO = V
+/2
(5)
When V+ is greater than 13 V, do not short circuit output to V+ or reliability will be adversely affected.
10
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: LMC6484


Similar Part No. - LMC6484IM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6484IM NSC-LMC6484IM Datasheet
973Kb / 22P
   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
logo
Texas Instruments
LMC6484IM TI-LMC6484IM Datasheet
969Kb / 24P
[Old version datasheet]   LMC6484 CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
LMC6484IM TI-LMC6484IM Datasheet
969Kb / 24P
[Old version datasheet]   LMC6484 CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
LMC6484IMX TI-LMC6484IMX Datasheet
969Kb / 24P
[Old version datasheet]   LMC6484 CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
More results

Similar Description - LMC6484IM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6484QML TI1-LMC6484QML Datasheet
2Mb / 28P
[Old version datasheet]   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
logo
National Semiconductor ...
LMC6484 NSC-LMC6484 Datasheet
973Kb / 22P
   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
logo
Texas Instruments
LMC6484IMX TI-LMC6484IMX Datasheet
969Kb / 24P
[Old version datasheet]   LMC6484 CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
LMC6464QML TI1-LMC6464QML Datasheet
1Mb / 22P
[Old version datasheet]   Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
LMC6484AIMX TI-LMC6484AIMX Datasheet
969Kb / 24P
[Old version datasheet]   LMC6484 CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
logo
National Semiconductor ...
LMC6492 NSC-LMC6492 Datasheet
705Kb / 18P
   CMOS Rail-to-Rail Input and Output Operational Amplifier
LMC6464QML NSC-LMC6464QML Datasheet
1Mb / 23P
   LMC6464QML Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
logo
New Japan Radio
NJU7058 NJRC-NJU7058 Datasheet
237Kb / 8P
   Rail-to-Rail Output Quad CMOS Operational Amplifier
NJM2734SCC NJRC-NJM2734SCC Datasheet
513Kb / 13P
   Rail-to-Rail Input/Output Quad Operational Amplifier
Ver.2010-03-24
logo
Texas Instruments
SM73306 TI1-SM73306 Datasheet
918Kb / 22P
[Old version datasheet]   SM73306 CMOS Rail-to-Rail Input and Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com